Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC1298 Datasheet(PDF) 11 Page - Linear Technology

Part # LTC1298
Description  Micropower Sampling 12-Bit A/D Converters In S0-8 Packages
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1298 Datasheet(HTML) 11 Page - Linear Technology

Back Button LTC1298 Datasheet HTML 7Page - Linear Technology LTC1298 Datasheet HTML 8Page - Linear Technology LTC1298 Datasheet HTML 9Page - Linear Technology LTC1298 Datasheet HTML 10Page - Linear Technology LTC1298 Datasheet HTML 11Page - Linear Technology LTC1298 Datasheet HTML 12Page - Linear Technology LTC1298 Datasheet HTML 13Page - Linear Technology LTC1298 Datasheet HTML 14Page - Linear Technology LTC1298 Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
11
LTC1286/LTC1298
APPLICATION INFORMATION
Figure 2. LTC1298 Operating Sequence Example: Differential Inputs (CH+, CH)
CLK
CS
tCYC
B5
B6
B7
B8
B9
B10
B11
HI-Z
DOUT
tCONV
tDATA
HI-Z
tsuCS
NULL
BIT
B4
B3
B2
B1
POWER
DOWN
B0*
tSMPL
(MSB)
(MSB)
CLK
START
ODD/
SIGN
SGL/
DIFF
CS
tCYC
B11
B5
B6
B7
B8
B9
B10
B11
HI-Z
DOUT
DIN
tCONV
tDATA
HI-Z
tsuCS
NULL
BIT
MSBF
LTC1286/98 • F02
B4
B3
B3
B4
B5
B6
B7
B2
B2
B1
B0 B1
B10
B9
B8
tSMPL
*AFTER COMPLETING THE DATA TRANSFER, IF FURTHER CLOCKS ARE APPLIED WITH CS LOW,
THE ADC WILL OUTPUT ZEROS INDEFINITELY.
DON'T CARE
START
ODD/
SIGN
DIN
DON'T CARE
tDATA: DURING THIS TIME, THE BIAS CIRCUIT AND THE COMPARATOR POWER DOWN AND THE REFERENCE INPUT
BECOMES A HIGH IMPEDANCE NODE, LEAVING THE CLK RUNNING TO CLOCK OUT LSB-FIRST DATA OR ZEROES.
SGL/
DIFF
MSBF
*
POWER DOWN
MSB-First Data (MSBF = 0)
MSB-First Data (MSBF = 1)
DIN 1
DIN 2
DOUT 1
DOUT 2
CS
SHIFT MUX
ADDRESS IN
1 NULL BIT
SHIFT A/D CONVERSION
RESULT OUT
LTC1096/98 • AI01


Similar Part No. - LTC1298

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1298 LINER-LTC1298_15 Datasheet
297Kb / 24P
   Micropower Sampling 12-Bit A/D Converters In S0-8 Packages
More results

Similar Description - LTC1298

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1286 LINER-LTC1286_15 Datasheet
297Kb / 24P
   Micropower Sampling 12-Bit A/D Converters In S0-8 Packages
LTC1298 LINER-LTC1298_15 Datasheet
297Kb / 24P
   Micropower Sampling 12-Bit A/D Converters In S0-8 Packages
LTC1285 LINER-LTC1285_15 Datasheet
352Kb / 24P
   3V Micropower Sampling 12-Bit A/D Converters in SO-8 Packages
LTC1288 LINER-LTC1288_15 Datasheet
352Kb / 24P
   3V Micropower Sampling 12-Bit A/D Converters in SO-8 Packages
LTC1285 LINER-LTC1285 Datasheet
412Kb / 24P
   3V Micropower Sampling 12-Bit A/D Converters in SO-8 Packages
logo
Sipex Corporation
SP8503 SIPEX-SP8503 Datasheet
167Kb / 12P
   12-Bit Sampling A/D Converters
HS574A SIPEX-HS574A Datasheet
160Kb / 14P
   12-bit Sampling A/D Converters
SP8603 SIPEX-SP8603 Datasheet
205Kb / 11P
   12-Bit Sampling A/D Converters
SP574B SIPEX-SP574B Datasheet
172Kb / 15P
   12-Bit Sampling A/D Converters
logo
Linear Technology
LTC1096 LINER-LTC1096 Datasheet
452Kb / 28P
   Micropower Sampling 8-Bit Serial I/O A/D Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com