Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UGF8J Datasheet(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

Part # UGF8J
Description  8.0 AMPS Isolated Ultra Fast Rectifier
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

UGF8J Datasheet(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  UGF8J Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd UGF8J Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd UGF8J Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Version:E13
RATINGS AND CHARACTERISTIC CURVES (UGF8J)
0
2
4
6
8
10
0
25
50
75
100
125
150
175
CASE TEMPERATURE (℃)
FIG.1 MAXIMUM FORWARD CURRENT
DERATING CURVE
RESISTIVE OR
INDUCTIVE LOAD
WITH HEATSINK
0
10
20
30
40
50
60
70
80
110
100
NUMBER OF CYCLES AT 60 Hz
FIG. 2 MAXIMUM FORWARD SIRGE CURRENT
8.3ms Single Half Sine Wave
TA=25℃
0.001
0.01
0.1
1
10
100
10
20
30
40
50
60
70
80
90
100
PERCENT OF RATED PEAK REVERSE VOLTAGE(%)
FIG. 4 TYPICAL REVERSE CHARACTERISTICS
TA=25℃
TA=125℃
10
100
1000
0.1
1
10
100
REVERSE VOLTAGE (V)
FIG. 5 TYPICAL JUNCTION CAPACITANCE
TA=25℃
f=1.0MHz
Vslg=50mVp-p
0.1
1
10
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
2
2.2
FORWARD VOLTAGE (V)
FIG. 3 TYPICAL FORWARD CHARACTERISTICS
TA=125℃
TA=25℃


Similar Part No. - UGF8J

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
UGF8J TSC-UGF8J Datasheet
165Kb / 2P
   Isolated 8.0 Amps Glass Passivated Super Fast Rectifier
logo
Shenzhen Luguang Electr...
UGF8J LUGUANG-UGF8J Datasheet
197Kb / 2P
   Glass Passivated Super Fast Rectifier Isolated 8.0 Amps
logo
Vishay Siliconix
UGF8JCT VISHAY-UGF8JCT Datasheet
69Kb / 3P
   Dual Ultrafast Plastic Rectifier Series
03-Jul-02
UGF8JCT VISHAY-UGF8JCT Datasheet
158Kb / 5P
   Dual Common-Cathode Ultrafast Plastic Rectifier
Revision: 09-Nov-07
UGF8JCT-E3 VISHAY-UGF8JCT-E3 Datasheet
155Kb / 5P
   Dual Common Cathode Ultrafast Plastic Rectifier
Revision: 24-Feb-16
More results

Similar Description - UGF8J

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
UGF8J TSC-UGF8J Datasheet
165Kb / 2P
   Isolated 8.0 Amps Glass Passivated Super Fast Rectifier
logo
Shenzhen Luguang Electr...
UGF8J LUGUANG-UGF8J Datasheet
197Kb / 2P
   Glass Passivated Super Fast Rectifier Isolated 8.0 Amps
logo
Taiwan Semiconductor Co...
FRAF801G TSC-FRAF801G_1 Datasheet
264Kb / 2P
   Isolated 8.0 AMPS. Glass Passivated Fast Recovery Rectifiers
SFAF801G TSC-SFAF801G_1 Datasheet
275Kb / 2P
   Isolated 8.0 AMPS. Glass Passivated Super Fast Rectifiers
SFAF801G TSC-SFAF801G_10 Datasheet
648Kb / 2P
   Isolated 8.0 AMPS. Glass Passivated Super Fast Rectifiers
UGF8JD TSC-UGF8JD Datasheet
147Kb / 4P
   Isolated Ultra Fast Rectifier
logo
Inchange Semiconductor ...
UGF8JD ISC-UGF8JD Datasheet
286Kb / 2P
   Isolated Ultra Fast Rectifier
logo
Taiwan Semiconductor Co...
SRAF820 TSC-SRAF820_1 Datasheet
185Kb / 2P
   Isolated 8.0 AMPS. Schottky Barrier Rectifiers
SRAF820 TSC-SRAF820_10 Datasheet
622Kb / 2P
   Isolated 8.0 AMPS. Schottky Barrier Rectifiers
MBRF835CT TSC-MBRF835CT Datasheet
316Kb / 2P
   Isolated 8.0 AMPS. Schottky Barrier Rectifiers
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com