Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC1297BC Datasheet(PDF) 7 Page - Linear Technology

Part # LTC1297BC
Description  Single Chip 12-Bit Data Acquisition Systems
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1297BC Datasheet(HTML) 7 Page - Linear Technology

Back Button LTC1297BC Datasheet HTML 3Page - Linear Technology LTC1297BC Datasheet HTML 4Page - Linear Technology LTC1297BC Datasheet HTML 5Page - Linear Technology LTC1297BC Datasheet HTML 6Page - Linear Technology LTC1297BC Datasheet HTML 7Page - Linear Technology LTC1297BC Datasheet HTML 8Page - Linear Technology LTC1297BC Datasheet HTML 9Page - Linear Technology LTC1297BC Datasheet HTML 10Page - Linear Technology LTC1297BC Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
7
LTC1292/LTC1297
Load Circuit for tdis and ten
Load Circuit for tdDO, tr and tf
On and Off Channel Leakage Current
Voltage Waveforms for DOUT Delay Time, tdDO
I
DAGRA
BLOCK
TEST CIRCUITS
Voltage Waveforms for DOUT Rise and Fall Times, tr, tf
Voltage Waveforms for tdis
INPUT
SHIFT
REGISTER
COMP
SAMPLE
AND
HOLD
12-BIT
CAPACITIVE
DAC
OUTPUT
SHIFT
REGISTER
12-BIT
SAR
CONTROL
AND
TIMING
VCC
8
ANALOG
INPUT MUX
2
3
VREF
5
GND
4
–IN
+IN
DOUT
6
1
CLK
7
CS
LTC1292/7 BD
DOUT
1.4V
3k
100pF
TEST POINT
LTC1292/7 TC03
DOUT
3k
100pF
TEST POINT
5V tdis WAVEFORM 2, ten
tdis WAVEFORM 1
LTC1292/7 TC02
5V
A
A
IOFF
ION
POLARITY
OFF CHANNEL
ON CHANNEL
LTC1292/7 TC01
CLK
DOUT
0.8V
tdDO
0.4V
2.4V
LTC1292/7 TC04
DOUT
0.4V
2.4V
tr
tf
LTC1292/7 TC05
DOUT
WAVEFORM 1
(SEE NOTE 1)
2.0V
tdis
90%
10%
DOUT
WAVEFORM 2
(SEE NOTE 2)
CS
NOTE 1: WAVEFORM 1 IS FOR AN OUTPUT WITH INTERNAL CONDITIONS SUCH
THAT THE OUTPUT IS HIGH UNLESS DISABLED BY THE OUTPUT CONTROL.
NOTE 2: WAVEFORM 2 IS FOR AN OUTPUT WITH INTERNAL CONDITIONS SUCH
THAT THE OUTPUT IS LOW UNLESS DISABLED BY THE OUTPUT CONTROL.
LTC1292/7 TC06


Similar Part No. - LTC1297BC

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1297BCJ8 LINER-LTC1297BCJ8 Datasheet
317Kb / 24P
   Single Chip 12-Bit Data Acquisition Systems
LTC1297BCN8 LINER-LTC1297BCN8 Datasheet
317Kb / 24P
   Single Chip 12-Bit Data Acquisition Systems
More results

Similar Description - LTC1297BC

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1297 LINER-LTC1297_15 Datasheet
322Kb / 24P
   Single Chip 12-Bit Data Acquisition Systems
LTC1292 LINER-LTC1292_15 Datasheet
322Kb / 24P
   Single Chip 12-Bit Data Acquisition Systems
LTC1292 LINER-LTC1292_1 Datasheet
317Kb / 24P
   Single Chip 12-Bit Data Acquisition Systems
LTC1290 LINER-LTC1290 Datasheet
381Kb / 28P
   Single Chip 12-Bit Data Acquisition System
LTC1291 LINER-LTC1291 Datasheet
376Kb / 20P
   Single Chip 12-Bit Data Acquisition System
LTC1293 LINER-LTC1293 Datasheet
494Kb / 28P
   Single Chip 12-Bit Data Acquisition System
LTC1291 LINER-LTC1291_15 Datasheet
339Kb / 20P
   Single Chip 12-Bit Data Acquisition System
LTC1293 LINER-LTC1293_15 Datasheet
394Kb / 28P
   Single Chip 12-Bit Data Acquisition System
LTC1296 LINER-LTC1296_15 Datasheet
394Kb / 28P
   Single Chip 12-Bit Data Acquisition System
LTC1290CCJ LINER-LTC1290CCJ Datasheet
623Kb / 32P
   Single Chip 12-Bit Data Acquisition System
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com