Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

TA1610A Datasheet(HTML) 2 Page - TAI-SAW TECHNOLOGY CO., LTD.

Part No. TA1610A
Description  SAW Filter 915MHz 26MHz BW SMD 1.4x1.1 mm
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
Homepage  http://www.taisaw.com
Logo 

TA1610A Datasheet(HTML) 2 Page - TAI-SAW TECHNOLOGY CO., LTD.

   
Zoom Inzoom in Zoom Outzoom out
Go To Page :
/ 8 page
background image
TAI-SAW TECHNOLOGY CO., LTD.
2
TST DCC
Release document
TAI-SAW TECHNOLOGY CO., LTD.
No. 3, Industrial 2nd Rd., Ping-Chen Industrial District,
Taoyuan, 324, Taiwan, R.O.C.
TEL: 886-3-4690038
FAX: 886-3-4697532
E-mail: tstsales@mail.taisaw.com
Web: www.taisaw.com
SAW Filter 915MHz 26MHz BW SMD 1.4x1.1 mm
MODEL NO.:TA1610A
REV 1.0
A. MAXIMUM RATING:
1. Input Power Level: 10 dBm
2. DC Voltage : 3V
3. Operating Temperature: -40°C to +85°C
4. Storage Temperature: -40°C to +85°C
Electrostatic Sensitive Device (ESD)
B. ELECTRICAL CHARACTERISTICS:
Item
Unit
Min.
Type.
Max. Note
Center Frequency
Fc
MHz
-
915
-
-
Insertion Loss (902~928 MHz)
IL
dB
-
2.3
3.2
-
VSWR (902~928 MHz)
dB
-
1.7
2.4
-
Amplitude ripple(902~928 MHz)
dB
-
0.6
1.8
-
Attenuation
10 ~ 700
MHz
dB
55
75
-
-
700 ~ 770
MHz
dB
50
65
-
-
770 ~ 850
MHz
dB
45
66
-
-
850 ~ 880
MHz
dB
26
35
-
880 ~ 894
MHz
dB
-
3
-
-
990 ~ 1020
MHz
dB
38
43
-
-
1020 ~ 1850
MHz
dB
45
65
-
-
1850 ~ 3000
MHz
dB
30
52
-
-
Package size
mm
SMD 1.4x1.1
-
RoHS Compliant
Lead free
Lead-free soldering


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn