Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BZX585B4V7 Datasheet(PDF) 5 Page - Taiwan Semiconductor Company, Ltd

Part # BZX585B4V7
Description  Zener Diode, 2% Tolerance
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

BZX585B4V7 Datasheet(HTML) 5 Page - Taiwan Semiconductor Company, Ltd

  BZX585B4V7 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd BZX585B4V7 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd BZX585B4V7 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd BZX585B4V7 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd BZX585B4V7 Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd BZX585B4V7 Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
PACKAGE OUTLINE DIMENSIONS
Min
Max
Min
Max
A
0.70
0.90
0.028
0.035
B
1.50
1.70
0.059
0.067
C
0.25
0.40
0.010
0.016
D
1.10
1.30
0.043
0.051
E
0.50
0.77
0.020
0.030
F
0.07
0.20
0.003
0.008
SUGGESTED PAD LAYOUT
X
X1
Y
Version: B14
1.4
0.055
0.4
0.016
BZX585B2V4 thru BZX585B51
Taiwan Semiconductor
Small Signal Product
DIM.
0.4
0.016
Unit (mm)
Unit (inch)
SOD-523F
DIM.
Unit (mm)
Unit (inch)


Similar Part No. - BZX585B4V7

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
BZX585B4V7 KEXIN-BZX585B4V7 Datasheet
48Kb / 2P
   Zener Diodes
More results

Similar Description - BZX585B4V7

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
BZX55B2V4 TSC-BZX55B2V4_14 Datasheet
228Kb / 5P
   2% Tolerance Zener Diode
BZT52B2V4-G TSC-BZT52B2V4-G Datasheet
199Kb / 6P
   2% Zener Voltage Tolerance Zener Diode
BZV55B2V4 TSC-BZV55B2V4_11 Datasheet
371Kb / 4P
   500mW,2% Tolerance Zener Diode
BZV55B2V4 TSC-BZV55B2V4_14 Datasheet
458Kb / 5P
   500mW, 2% Tolerance Zener Diode
BZY55B2V4 TSC-BZY55B2V4_14 Datasheet
241Kb / 5P
   2% Tolerance SMD Zener Diode
BZX584B4V7 TSC-BZX584B4V7 Datasheet
247Kb / 6P
   2% Zener Voltage Tolerance SMD Zener Diode
BZT52B2V4S TSC-BZT52B2V4S_14 Datasheet
238Kb / 6P
   200mW, 2% Tolerance SMD Zener Diode
BZT52B2V4S TSC-BZT52B2V4S Datasheet
135Kb / 3P
   200mW, 2% Tolerance SMD Zener Diode
BZT55B2V4 TSC-BZT55B2V4 Datasheet
128Kb / 3P
   500mW, 2% Tolerance SMD Zener Diode
BZX55B2V4 TSC-BZX55B2V4 Datasheet
126Kb / 3P
   500mW, 2% Tolerance SMD Zener Diode
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com