Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC1323 Datasheet(PDF) 8 Page - Linear Technology

Part # LTC1323
Description  Single 5V AppleTalk Transceiver
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1323 Datasheet(HTML) 8 Page - Linear Technology

Back Button LTC1323 Datasheet HTML 4Page - Linear Technology LTC1323 Datasheet HTML 5Page - Linear Technology LTC1323 Datasheet HTML 6Page - Linear Technology LTC1323 Datasheet HTML 7Page - Linear Technology LTC1323 Datasheet HTML 8Page - Linear Technology LTC1323 Datasheet HTML 9Page - Linear Technology LTC1323 Datasheet HTML 10Page - Linear Technology LTC1323 Datasheet HTML 11Page - Linear Technology LTC1323 Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
8
LTC1323
SWITCHI G WAVEFOR S
1.5V
3V
0V
TXDEN
f = 1MHz: tr ≤ 10ns: tf ≤ 10ns
1.5V
TXD+, TXD
TXD, TXD+
VOL
5V
tZL
tLZ
0.5V
OUTPUT NORMALLY LOW
0V
LTC1323 • F08
2.3V
2.3V
tZH
VOH
OUTPUT NORMALLY HIGH
tHZ
0.5V
Figure 8. Differential Driver Enable and Disable
Figure 11. Differential Receiver
V OD2
(RXD+) – (RXD)
RXDO
VOL
VOH
LTC1323 • F11
tPLH
tPHL
–VOD2
1.5V
1.5V
0V
0V
f = 1MHz: tr ≤ 10ns: tf ≤ 10ns
1.5V
3V
0V
TXD
TXD
TXD+
f = 1MHz: tr ≤ 10ns: tf ≤ 10ns
1.5V
VOL
VOH
VOL
VOH
LTC1323 • F09
tPHL
tr
90%
0V
0V
10%
tPLH
tf
90%
0V
0V
10%
Figure 9. Differential Driver With Single-Ended Load
3V
TXI
TXO
VOL
VOH
LTC1323 • F10
tPHL
tPLH
0V
0V
0V
90%
90%
10%
10%
1.5V
1.5V
tr
tr
f = 1MHz: tr ≤ 10ns: tf ≤ 10ns
Figure 10. Single-Ended Driver


Similar Part No. - LTC1323

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1323 LINER-LTC1323 Datasheet
250Kb / 12P
   Single 5V AppleTalk Transceiver
LTC1323 LINER-LTC1323_15 Datasheet
250Kb / 12P
   Single 5V AppleTalk Transceiver
More results

Similar Description - LTC1323

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1323 LINER-LTC1323_15 Datasheet
250Kb / 12P
   Single 5V AppleTalk Transceiver
LTC1318 LINER-LTC1318 Datasheet
211Kb / 8P
   Single 5V RS232/RS422/AppleTalk DCE Transceiver
logo
Sipex Corporation
SP333 SIPEX-SP333 Datasheet
175Kb / 13P
   5V Only RS-232/AppleTalk Programmable Transceiver
SP333 SIPEX-SP333_07 Datasheet
113Kb / 13P
   5V Only RS-232/AppleTalk??Programmable Transceiver
logo
Linear Technology
LTC1320 LINER-LTC1320_15 Datasheet
270Kb / 8P
   AppleTalk Transceiver
LTC1320 LINER-LTC1320 Datasheet
213Kb / 8P
   AppleTalk Transceiver
logo
Maxim Integrated Produc...
MAX216 MAXIM-MAX216 Datasheet
212Kb / 8P
   Low-Power AppleTalk Interface Transceiver
19-0112; Rev 0; 3/93
logo
Sipex Corporation
SP303 SIPEX-SP303 Datasheet
75Kb / 8P
   RS232/AppleTalk TM Serial Transceiver
logo
Linear Technology
LTC1334 LINER-LTC1334_15 Datasheet
285Kb / 16P
   Single 5V RS232/RS485 Multiprotocol Transceiver
LTC1387 LINER-LTC1387_15 Datasheet
204Kb / 12P
   Single 5V RS232/RS485 Multiprotocol Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com