Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC1326 Datasheet(PDF) 2 Page - Linear Technology

Part # LTC1326
Description  Micropower Precision Triple Supply Monitors
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1326 Datasheet(HTML) 2 Page - Linear Technology

  LTC1326 Datasheet HTML 1Page - Linear Technology LTC1326 Datasheet HTML 2Page - Linear Technology LTC1326 Datasheet HTML 3Page - Linear Technology LTC1326 Datasheet HTML 4Page - Linear Technology LTC1326 Datasheet HTML 5Page - Linear Technology LTC1326 Datasheet HTML 6Page - Linear Technology LTC1326 Datasheet HTML 7Page - Linear Technology LTC1326 Datasheet HTML 8Page - Linear Technology LTC1326 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
2
LTC1326/LTC1326-2.5
A
G
A
U
A
R
BSOLUTEXI
TI
S
(Notes 1, 2)
Terminal Voltage
VCC3, VCC5, VCC25, VCCA......................... – 0.5V to 7V
RST, SRST ............................................ – 0.5V to 7V
RST ...................................... – 0.5V to (VCC3 + 0.3V)
PBR .......................................................... – 7V to 7V
Operating Temperature Range
LTC1326C/LTC1326C-2.5 ....................... 0
°C to 70°C
LTC1326I/LTC1326I-2.5 ..................... – 40
°C to 85°C
Storage Temperature Range ................ – 65
°C to 150°C
Lead Temperature (Soldering, 10 sec)................. 300
°C
PACKAGE/ORDER I FOR ATIO
ORDER
PART NUMBER
ORDER
PART NUMBER
S8 PART NUMBER
1326
1326I
LTBA
LTC1326CS8
LTC1326IS8
LTC1326CMS8
MS8 PART NUMBER
VCC3 = 3.3V, VCC5 = 5V (for LTC1326),VCC25 = 2.5V (for LTC1326-2.5), VCCA = VCC3, TA = 25°C unless otherwise noted.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VRT3
Reset Threshold VCC3
0
°C ≤ TA ≤ 70°C
q
3.094
3.118
3.143
V
–40
°C ≤ TA ≤ 85°C
q
3.052
3.118
3.143
V
VRT5
Reset Threshold VCC5 (LTC1326)
0
°C ≤ TA ≤ 70°C
q
4.687
4.725
4.762
V
–40
°C ≤ TA ≤ 85°C
q
4.625
4.725
4.762
V
VRT25
Reset Threshold VCC25 (LTC1326-2.5) 0°C ≤ TA ≤ 70°C
q
2.344
2.363
2.381
V
–40
°C ≤ TA ≤ 85°C
q
2.312
2.363
2.381
V
VRTA
Reset Threshold VCCA
0
°C ≤ TA ≤ 70°C
q
0.992
1.000
1.007
V
–40
°C ≤ TA ≤ 85°C
q
0.980
1.000
1.007
V
VCC
VCC3 Operating Voltage
RST in Correct Logic State
q
17
V
IVCC3
VCC3 Supply Current
PBR = VCC3
q
20
40
µA
ELECTRICAL CHARACTERISTICS
ORDER
PART NUMBER
ORDER
PART NUMBER
S8 PART MARKING
MS8 PART MARKING
LTC1326CS8-2.5
LTC1326IS8-2.5
LTC1326CMS8-2.5
132625
326I25
LTEK
Consult factory for Military grade parts.
1
2
3
4
8
7
6
5
TOP VIEW
S8 PACKAGE
8-LEAD PLASTIC SO
VCC3
VCC5
VCCA
GND
PBR
SRST
RST
RST
TJMAX = 125°C, θJA = 150°C/W
1
2
3
4
VCC3
VCC5
VCCA
GND
8
7
6
5
PBR
SRST
RST
RST
TOP VIEW
MS8 PACKAGE
8-LEAD PLASTIC MSOP
TJMAX = 125°C, θJA = 250°C/W
1
2
3
4
8
7
6
5
TOP VIEW
S8 PACKAGE
8-LEAD PLASTIC SO
VCC3
VCC25
VCCA
GND
PBR
SRST
RST
RST
TJMAX = 125°C, θJA = 150°C/W
1
2
3
4
VCC3
VCC25
VCCA
GND
8
7
6
5
PBR
SRST
RST
RST
TOP VIEW
MS8 PACKAGE
8-LEAD PLASTIC MSOP
TJMAX = 125°C, θJA = 250°C/W


Similar Part No. - LTC1326

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1326 LINER-LTC1326 Datasheet
173Kb / 16P
   Low Voltage Supervisorwith 27 Selectable Thresholds and Watchdog Timer
LTC1326 LINER-LTC1326 Datasheet
248Kb / 16P
   36V Nano-Current Two Input Voltage Monitor
LTC1326 LINER-LTC1326 Datasheet
212Kb / 16P
   Micropower Precision Triple Supply Monitors
LTC1326 LINER-LTC1326 Datasheet
153Kb / 16P
   Precision Quad Supply Monitor in 6-Lead SOT-23
LTC1326 LINER-LTC1326 Datasheet
212Kb / 16P
   Micropower Precision Triple Supply Monitors
More results

Similar Description - LTC1326

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1326-2.5 LINER-LTC1326-2.5_15 Datasheet
212Kb / 16P
   Micropower Precision Triple Supply Monitors
LTC1326IMS8-PBF LINER-LTC1326IMS8-PBF Datasheet
212Kb / 16P
   Micropower Precision Triple Supply Monitors
LTC1326 LINER-LTC1326_15 Datasheet
212Kb / 16P
   Micropower Precision Triple Supply Monitors
LTC1728ES5-3.3 LINER-LTC1728ES5-3.3 Datasheet
156Kb / 16P
   Micropower Precision Triple Supply Monitors in 8-Lead MSOP and
LTC1727 LINER-LTC1727 Datasheet
188Kb / 16P
   Micropower Precision Triple Supply Monitors in 8-Lead MSOP and 5-Lead SOT-23 Packages
LTC1727 LINER-LTC1727_15 Datasheet
203Kb / 16P
   Micropower Precision Triple Supply Monitors in 8-Lead MSOP and 5-Lead SOT-23 Packages
LTC1728 LINER-LTC1728_15 Datasheet
203Kb / 16P
   Micropower Precision Triple Supply Monitors in 8-Lead MSOP and 5-Lead SOT-23 Packages
logo
Analog Devices
OP727ARZ AD-OP727ARZ Datasheet
177Kb / 16P
   Precision Micropower Single-Supply Operational Amplifiers
REV. C
OP747ARZ AD-OP747ARZ Datasheet
211Kb / 16P
   Precision Micropower Single-Supply Operational Amplifiers
REV. D
OP777 AD-OP777 Datasheet
162Kb / 12P
   Precision Micropower Single Supply Operational Amplifier
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com