Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TA1631A Datasheet(PDF) 2 Page - TAI-SAW TECHNOLOGY CO., LTD.

Part # TA1631A
Description  SAW Filter 480 MHz
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
Direct Link  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.

TA1631A Datasheet(HTML) 2 Page - TAI-SAW TECHNOLOGY CO., LTD.

  TA1631A Datasheet HTML 1Page - TAI-SAW TECHNOLOGY CO., LTD. TA1631A Datasheet HTML 2Page - TAI-SAW TECHNOLOGY CO., LTD. TA1631A Datasheet HTML 3Page - TAI-SAW TECHNOLOGY CO., LTD. TA1631A Datasheet HTML 4Page - TAI-SAW TECHNOLOGY CO., LTD. TA1631A Datasheet HTML 5Page - TAI-SAW TECHNOLOGY CO., LTD. TA1631A Datasheet HTML 6Page - TAI-SAW TECHNOLOGY CO., LTD. TA1631A Datasheet HTML 7Page - TAI-SAW TECHNOLOGY CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
TAI-SAW TECHNOLOGY CO., LTD.
2
TST DCC
Release document
TAI-SAW TECHNOLOGY CO., LTD.
No. 3, Industrial 2nd Rd., Ping-Chen Industrial District,
Taoyuan, 324, Taiwan, R.O.C.
TEL: 886-3-4690038
FAX: 886-3-4697532
E-mail: tstsales@mail.taisaw.com
Web: www.taisaw.com
SAW Filter 480 MHz
MODEL NO.:TA1631A
REV. NO.:1
A. MAXIMUM RATING:
1. Input Power Level: 13 dBm
2. DC Voltage : 10 V
3. Operating Temperature: -40°C to +85°C
4. Storage Temperature: -40°C to +85°C
B. ELECTRICAL CHARACTERISTICS:
Item
Unit
Min.
Typ.
Max.
Center frequency
Fc
MHz
-
480
-
Insertion Loss
(478~482 MHz)
IL
MHz
-
1.7
3.0
Bandwidth @ -1dB
MHz
-
13
-
VSWR
(478~482 MHz)
-
-
1.2
2.0
Attenuation (Reference level from 0 dB)
10 ~ 450
MHz
dB
45
49
-
508 ~ 1000
MHz
dB
38
42
-
1700 ~ 1745
MHz
dB
30
44
-
2400 ~ 3000
MHz
dB
3
5
-
Temperature coefficient of frequency
ppm/k
-
-36
-
C. MEASUREMENT CIRCUIT:
RoHS Compliant
Lead free
Lead-free soldering
50Ω
HP Network analyzer
50Ω
SAW Filter
2
6
1,3,4 ,5,7 ,8


Similar Part No. - TA1631A

ManufacturerPart #DatasheetDescription
logo
Golledge Electronics Lt...
TA1631A GOLLEDGE-TA1631A Datasheet
101Kb / 6P
   SAW Filter 480.0MHz
More results

Similar Description - TA1631A

ManufacturerPart #DatasheetDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TA0421C TAI-SAW-TA0421C Datasheet
419Kb / 5P
   SAW Filter 480 MHz
TA2091A TAI-SAW-TA2091A Datasheet
421Kb / 6P
   SAW Filter 480 MHz
TA2078A TAI-SAW-TA2078A Datasheet
448Kb / 6P
   SAW Filter 480 MHz
TA2013A TAI-SAW-TA2013A Datasheet
590Kb / 6P
   SAW Filter 480 MHz
TA2479A TAI-SAW-TA2479A Datasheet
587Kb / 6P
   SAW Filter 480 MHz
TA0421B TAI-SAW-TA0421B Datasheet
410Kb / 5P
   SAW Filter 480 MHz
TB0222A TAI-SAW-TB0222A Datasheet
177Kb / 4P
   SAW Filter 480 MHz TO39
logo
Spectrum Microwave, Inc...
SF00480BA02643S SPECTRUM-SF00480BA02643S Datasheet
170Kb / 3P
   480 MHz SAW Filter 12 MHz Bandwidth
logo
API Technologies Corp
SF00480BA02643S APITECH-SF00480BA02643S Datasheet
170Kb / 3P
   480 MHz SAW Filter 12 MHz Bandwidth
logo
TAI-SAW TECHNOLOGY CO.,...
TA0555A TAI-SAW-TA0555A Datasheet
409Kb / 7P
   SAW Filter 480 MHz SMD 5.0X5.0 mm
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com