Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC1290BIN Datasheet(PDF) 11 Page - Linear Technology

Part # LTC1290BIN
Description  Single Chip 12-Bit Data Acquisition System
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1290BIN Datasheet(HTML) 11 Page - Linear Technology

Back Button LTC1290BIN Datasheet HTML 7Page - Linear Technology LTC1290BIN Datasheet HTML 8Page - Linear Technology LTC1290BIN Datasheet HTML 9Page - Linear Technology LTC1290BIN Datasheet HTML 10Page - Linear Technology LTC1290BIN Datasheet HTML 11Page - Linear Technology LTC1290BIN Datasheet HTML 12Page - Linear Technology LTC1290BIN Datasheet HTML 13Page - Linear Technology LTC1290BIN Datasheet HTML 14Page - Linear Technology LTC1290BIN Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
11
LTC1290
S
APPLICATI
I FOR ATIO
Unipolar/Bipolar (UNI)
The fifth input bit (UNI) determines whether the conver-
sion will be unipolar or bipolar. When UNI is a logical one,
a unipolar conversion will be performed on the selected
Unipolar Transfer Curve (UNI = 1)
input voltage. When UNI is a logical zero, a bipolar conver-
sion will result. The input span and code assignment for
each conversion type are shown in the figures below.
Unipolar Output Code (UNI = 1)
Bipolar Transfer Curve (UNI = 0)
Bipolar Output Code (UNI = 0)
VIN
0 0 0 0 0 0 0 0 0 0 0 1
0 0 0 0 0 0 0 0 0 0 0 0
1 1 1 1 1 1 1 1 1 1 1 1
1 1 1 1 1 1 1 1 1 1 1 0
LTC1290 AI04b
OUTPUT CODE
1 1 1 1 1 1 1 1 1 1 1 1
1 1 1 1 1 1 1 1 1 1 1 0
0 0 0 0 0 0 0 0 0 0 0 1
0 0 0 0 0 0 0 0 0 0 0 0
INPUT VOLTAGE
VREF – 1LSB
VREF – 2LSB
1LSB
0V
INPUT VOLTAGE
(VREF = 5V)
4.9988V
4.9976V
0.0012V
0V
LTC1290 • AI04a
OUTPUT CODE
1 1 1 1 1 1 1 1 1 1 1 1
1 1 1 1 1 1 1 1 1 1 1 0
1 0 0 0 0 0 0 0 0 0 0 1
1 0 0 0 0 0 0 0 0 0 0 0
INPUT VOLTAGE
–1LSB
–2LSB
–(VREF) + 1LSB
– (VREF)
INPUT VOLTAGE
(VREF = 5V)
–0.0024V
–0.0048V
–4.9976V
–5.0000V
OUTPUT CODE
0 1 1 1 1 1 1 1 1 1 1 1
0 1 1 1 1 1 1 1 1 1 1 0
0 0 0 0 0 0 0 0 0 0 0 1
0 0 0 0 0 0 0 0 0 0 0 0
INPUT VOLTAGE
VREF – 1LSB
VREF – 2LSB
1LSB
0V
INPUT VOLTAGE
(VREF = 5V)
4.9976V
4.9851V
0.0024V
0V
LTC1290 AI05a
VIN
1 1 1 1 1 1 1 1 1 1 1 1
0 0 0 0 0 0 0 0 0 0 0 1
0 0 0 0 0 0 0 0 0 0 0 0
0 1 1 1 1 1 1 1 1 1 1 0
0 1 1 1 1 1 1 1 1 1 1 1
1 1 1 1 1 1 1 1 1 1 1 0
1 0 0 0 0 0 0 0 0 0 0 1
1 0 0 0 0 0 0 0 0 0 0 0
LTC1290 AI05b


Similar Part No. - LTC1290BIN

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1290BIN LINER-LTC1290BIN Datasheet
618Kb / 32P
   Single Chip 12-Bit Data Acquisition System
LTC1290BIN LINER-LTC1290BIN Datasheet
623Kb / 32P
   Single Chip 12-Bit Data Acquisition System
logo
Linear Integrated Syste...
LTC1290BIN LINEAR-LTC1290BIN Datasheet
580Kb / 32P
   Single Chip 12-Bit Data Acquisition System
logo
Linear Technology
LTC1290BIN LINER-LTC1290BIN Datasheet
623Kb / 32P
   Single Chip 12-Bit Data Acquisition System
More results

Similar Description - LTC1290BIN

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1291 LINER-LTC1291 Datasheet
376Kb / 20P
   Single Chip 12-Bit Data Acquisition System
LTC1293 LINER-LTC1293 Datasheet
494Kb / 28P
   Single Chip 12-Bit Data Acquisition System
LTC1291 LINER-LTC1291_15 Datasheet
339Kb / 20P
   Single Chip 12-Bit Data Acquisition System
LTC1293 LINER-LTC1293_15 Datasheet
394Kb / 28P
   Single Chip 12-Bit Data Acquisition System
LTC1296 LINER-LTC1296_15 Datasheet
394Kb / 28P
   Single Chip 12-Bit Data Acquisition System
LTC1290CCJ LINER-LTC1290CCJ Datasheet
623Kb / 32P
   Single Chip 12-Bit Data Acquisition System
LTC1294BCSW LINER-LTC1294BCSW Datasheet
373Kb / 28P
   Single Chip 12-Bit Data Acquisition System
LTC1296CCSW LINER-LTC1296CCSW Datasheet
373Kb / 28P
   Single Chip 12-Bit Data Acquisition System
LTC1294 LINER-LTC1294_15 Datasheet
394Kb / 28P
   Single Chip 12-Bit Data Acquisition System
LTC1291 LINER-LTC1291_1 Datasheet
333Kb / 20P
   Single Chip 12-Bit Data Acquisition System
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com