Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC1338I Datasheet(PDF) 2 Page - Linear Technology

Part # LTC1338I
Description  5V Low Power RS232 5-Driver/3-Receiver Transceiver
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1338I Datasheet(HTML) 2 Page - Linear Technology

  LTC1338I Datasheet HTML 1Page - Linear Technology LTC1338I Datasheet HTML 2Page - Linear Technology LTC1338I Datasheet HTML 3Page - Linear Technology LTC1338I Datasheet HTML 4Page - Linear Technology LTC1338I Datasheet HTML 5Page - Linear Technology LTC1338I Datasheet HTML 6Page - Linear Technology LTC1338I Datasheet HTML 7Page - Linear Technology LTC1338I Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
LTC1338
A
G
A
U
A
R
BSOLUTEXI
TI
S
PACKAGE/ORDER I FOR ATIO
ORDER PART
NUMBER
1
2
3
4
5
6
7
8
9
10
11
12
13
14
V+
VCC
C1+
C1
DR1 OUT
DR2 OUT
RX1 IN
DR3 OUT
RX2 IN
DR4 OUT
RX3 IN
DR5 OUT
RX ENABLE
NC
28
27
26
25
24
23
22
21
20
19
18
17
16
15
V
C2+
C2
DR1 IN
DR2 IN
RX1 OUT
DR3 IN
RX2 OUT
DR4 IN
RX3 OUT
DR5 IN
GND
DR ENABLE
NC
N PACKAGE
28-LEAD PLASTIC DIP
TOP VIEW
S PACKAGE
28-LEAD PLASTIC SOL
G PACKAGE
28-LEAD SSOP
TJMAX = 125°C, θJA = 96°C/W (G)
TJMAX = 125°C, θJA = 56°C/W (N)
TJMAX = 125°C, θJA = 85°C/W (S)
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Any Driver
Output Voltage Swing
3k to GND
Positive
q
5.0
7.0
V
Negative
q
– 5.0
– 6.5
V
Logic Input Voltage Level
Input Low Level (VOUT = High)
q
1.4
0.8
V
Input High Level (VOUT = Low)
q
2.0
1.4
V
Logic Input Current
0
≤ VIN ≤ VCC
q
±5
µA
Output Short-Circuit Current
VOUT = 0V
±12
mA
Output Leakage Current
SHUTDOWN, VOUT = ±20V (Note 3)
q
±10
±500
µA
Any Receiver
Input Voltage Thresholds
Input Low Threshold
q
0.8
1.3
V
Input High Threshold
q
1.7
2.4
V
Hysteresis
q
0.1
0.4
1
V
Input Resistance
– 10V
≤ VIN ≤ 10V
3
5
7
k
Output Voltage
Output Low, IOUT = – 1.6mA (VCC = 5V)
q
0.2
0.4
V
Output High, IOUT = 160µA (VCC = 5V)
q
3.5
4.8
V
Output Short-Circuit Current
Sinking Current, VOUT = VCC
– 15
– 40
mA
Output Leakage Current
SHUTDOWN, 0
≤ VOUT ≤ VCC (Note 3)
q
110
µA
Power Supply Generator
V+ Output Voltage
IOUT = 0mA
8.0
V
IOUT = 12mA
7.5
V
VOutput Voltage
IOUT = 0mA
– 8.0
V
IOUT = – 12mA
– 7.0
V
Supply Rise Time
SHUTDOWN to Turn-On
0.2
ms
LTC1338CG
LTC1338CN
LTC1338CS
LTC1338IG
LTC1338IN
LTC1338IS
Supply Voltage (VCC) ................................................ 6V
Input Voltage
Driver ....................................... – 0.3V to VCC + 0.3V
Receiver ............................................... – 25V to 25V
Driver/Receiver Enable Pin ........ – 0.3V to VCC + 0.3V
Output Voltage
Driver .................................................... – 25V to 25V
Receiver .................................... – 0.3V to VCC + 0.3V
Short Circuit Duration
V+ ................................................................... 30 sec
V................................................................... 30 sec
Driver Output .............................................. Indefinite
Receiver Output .......................................... Indefinite
Operating Temperature Range
Commercial (LTC1338C) ........................ 0
°C to 70°C
Industrial (LTC1338I) ........................ – 40
°C to 85°C
Storage Temperature Range ................ – 65
°C to 150°C
Lead Temperature (Soldering, 10 sec) ................. 300
°C
(Note 1)
VCC = 5V, C1 = C2 = C3 = C4 = 0.1µF, unless otherwise noted.
ELECTRICAL C
C
HARA TERISTICS
C
D


Similar Part No. - LTC1338I

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1338 LINER-LTC1338 Datasheet
208Kb / 8P
   5V Low Power RS232 5-Driver/3-Receiver Transceiver
LTC1338 LINER-LTC1338_15 Datasheet
208Kb / 8P
   5V Low Power RS232 5-Driver/3-Receiver Transceiver
More results

Similar Description - LTC1338I

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1338 LINER-LTC1338_15 Datasheet
208Kb / 8P
   5V Low Power RS232 5-Driver/3-Receiver Transceiver
LTC1337 LINER-LTC1337 Datasheet
233Kb / 8P
   5V Low Power RS232 3-Driver/5-Receiver Transceiver
LTC1337 LINER-LTC1337_15 Datasheet
133Kb / 8P
   5V Low Power RS232 3-Driver/5-Receiver Transceiver
LTC1337 LINER-LTC1337_1 Datasheet
128Kb / 8P
   5V Low Power RS232 3-Driver/5-Receiver Transceiver
LTC1348 LINER-LTC1348 Datasheet
243Kb / 8P
   3.3V/5V Low Power RS232 3-Driver/5-Receiver Transceiver
LTC1348 LINER-LTC1348_15 Datasheet
229Kb / 8P
   3.3V/5V Low Power RS232 3-Driver/5-Receiver Transceiver
LTC1347 LINER-LTC1347 Datasheet
221Kb / 8P
   5V Low Power RS232 3-Driver/5-Receiver Transceiver with 5 Receivers Active in Shutdown
LTC1347 LINER-LTC1347_1 Datasheet
119Kb / 8P
   5V Low Power RS232 3-Driver/5-Receiver Transceiver with 5 Receivers Active in Shutdown
LTC1347 LINER-LTC1347_15 Datasheet
125Kb / 8P
   5V Low Power RS232 3-Driver/5-Receiver Transceiver with 5 Receivers Active in Shutdown
LTC1349 LINER-LTC1349 Datasheet
221Kb / 8P
   5V Low Power RS232 3-Driver/5-Receiver Transceiver with 2 Receivers Active in SHUTDOWN
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com