Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC1380I Datasheet(PDF) 10 Page - Linear Technology

Part # LTC1380I
Description  Single-Ended 8-Channel/ Differential 4-Channel Analog Multiplexer with SMBus Interface
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1380I Datasheet(HTML) 10 Page - Linear Technology

Back Button LTC1380I Datasheet HTML 4Page - Linear Technology LTC1380I Datasheet HTML 5Page - Linear Technology LTC1380I Datasheet HTML 6Page - Linear Technology LTC1380I Datasheet HTML 7Page - Linear Technology LTC1380I Datasheet HTML 8Page - Linear Technology LTC1380I Datasheet HTML 9Page - Linear Technology LTC1380I Datasheet HTML 10Page - Linear Technology LTC1380I Datasheet HTML 11Page - Linear Technology LTC1380I Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
10
LTC1380/LTC1393
TYPICAL APPLICATIONS
16-Channel Multiplexer with Buffer
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
LTC1380
0.1
µF
15k
16
ANALOG
INPUTS
15k
5V
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
1380/93 TA04
S0
S1
S2
S3
S4
S5
S6
S7
VCC
SCL
SDA
A0
A1
GND
VEE
DO
LTC1380
S0
S1
S2
S3
S4
S5
S6
S7
VCC
SCL
SDA
A0
A1
GND
VEE
DO
0.1
µF
VOUT
–5V
LT1351
SMBus
HOST
SCL
SDA
Programmable Gain Amplifier
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
LTC1380
0.1
µF
15k
15k
0.1
µF
–5V
VOUT
ANALOG INPUT
5V
R0
R1
R2
R3
R4
R5
R6
R7
RF
1380/93 TA05
S0
S1
S2
S3
S4
S5
S6
S7
VCC
SCL
SDA
A0
A1
GND
VEE
DO
+
LT1055
SMBus
HOST
SCL
SDA


Similar Part No. - LTC1380I

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1380 LINER-LTC1380 Datasheet
245Kb / 12P
   Single-Ended 8-Channel/ Differential 4-Channel Analog Multiplexer with SMBus Interface
LTC1380 LINER-LTC1380_15 Datasheet
245Kb / 12P
   Single-Ended 8-Channel/ Differential 4-Channel Analog Multiplexer with SMBus Interface
More results

Similar Description - LTC1380I

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1393 LINER-LTC1393_15 Datasheet
245Kb / 12P
   Single-Ended 8-Channel/ Differential 4-Channel Analog Multiplexer with SMBus Interface
LTC1380 LINER-LTC1380_15 Datasheet
245Kb / 12P
   Single-Ended 8-Channel/ Differential 4-Channel Analog Multiplexer with SMBus Interface
logo
Burr-Brown (TI)
MPC508A BURR-BROWN-MPC508A_07 Datasheet
478Kb / 18P
   Single-Ended 8-Channel/Differential 4-Channel CMOS ANALOG MULTIPLEXERS
logo
Texas Instruments
HI-509A TI-HI-509A Datasheet
1Mb / 10P
[Old version datasheet]   Single-Ended 8-Channel/Differential 4-Channel CMOS ANALOG MULTIPLEXERS
MPC508A TI1-MPC508A Datasheet
982Kb / 19P
[Old version datasheet]   Single-Ended 8-Channel/Differential 4-Channel CMOS ANALOG MULTIPLEXERS
logo
Burr-Brown (TI)
MPC508A BURR-BROWN-MPC508A Datasheet
423Kb / 16P
   Single-Ended 8-Channel/Differential 4-Channel CMOS ANALOG MULTIPLEXERS
MPC508A BURR-BROWN-MPC508A_08 Datasheet
521Kb / 17P
   Single-Ended 8-Channel/Differential 4-Channel CMOS ANALOG MULTIPLEXERS
logo
Linear Technology
LTC1390 LINER-LTC1390_15 Datasheet
168Kb / 8P
   8-Channel Analog Multiplexer with Serial Interface
LTC1390 LINER-LTC1390 Datasheet
225Kb / 8P
   8-Channel Analog Multiplexer with Serial Interface
logo
STMicroelectronics
HCF4097B STMICROELECTRONICS-HCF4097B Datasheet
394Kb / 10P
   ANALOG DIFFERENTIAL 8 CHANNEL MULTIPLEXER/DEMULTIPLEXER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com