Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMBTA55-7-F Datasheet(PDF) 4 Page - Diodes Incorporated

Part # MMBTA55-7-F
Description  PNP SMALL SIGNAL TRANSISTOR IN SOT23
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

MMBTA55-7-F Datasheet(HTML) 4 Page - Diodes Incorporated

  MMBTA55-7-F Datasheet HTML 1Page - Diodes Incorporated MMBTA55-7-F Datasheet HTML 2Page - Diodes Incorporated MMBTA55-7-F Datasheet HTML 3Page - Diodes Incorporated MMBTA55-7-F Datasheet HTML 4Page - Diodes Incorporated MMBTA55-7-F Datasheet HTML 5Page - Diodes Incorporated MMBTA55-7-F Datasheet HTML 6Page - Diodes Incorporated MMBTA55-7-F Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
MMBTA55/MMBTA56
Document number: DS30054 Rev. 12 - 2
4 of 7
www.diodes.com
May 2015
© Diodes Incorporated
MMBTA55 / MMBTA56
Electrical Characteristics (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Min
Max
Unit
Test Condition
OFF CHARACTERISTICS (Note 10)
Collector-Base Breakdown Voltage
MMBTA55
MMBTA56
BVCBO
-60
-80
V
IC = -100µA, IE = 0
Collector-Emitter Breakdown Voltage
MMBTA55
MMBTA56
BVCEO
-60
-80
V
IC = -1.0mA, IB = 0
Emitter-Base Breakdown Voltage
BVEBO
-5.0
-4.0
IE = -100µA, IC = 0
Collector Cut-Off Current
MMBTA55
MMBTA56
ICBO
-100
nA
VCB = -60V, IE = 0
VCB = -80V, IE = 0
Collector Cut-Off Current
ICEX
-100
nA
VCE = -60V, IBO = 0V
VCE = -80V, IBO = 0V
ON CHARACTERISTICS (Note 10)
DC Current Gain
hFE
100
IC = -10mA, VCE = -1.0V
IC = -100mA, VCE = -1.0V
Collector-Emitter Saturation Voltage
VCE(SAT)
-0.25
V
IC = -100mA, IB = -10mA
Base-Emitter Saturation Voltage
VBE(SAT)
-1.2
V
IC = -100mA, VCE = -1.0V
SMALL SIGNAL CHARACTERISTICS
Current Gain-Bandwidth Product
fT
50
MHz
VCE = -1.0V, IC = -100mA,
f = 100MHz
Note:
10.
Measured under pulsed conditions. Pulse width ≤ 300µs. Duty cycle ≤ 2%.


Similar Part No. - MMBTA55-7-F

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
MMBTA55-7-F DIODES-MMBTA55-7-F Datasheet
80Kb / 3P
   PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30054 Rev. 9 - 2
MMBTA55-7-F DIODES-MMBTA55-7-F Datasheet
108Kb / 3P
   PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30054 Rev. 11 - 2
More results

Similar Description - MMBTA55-7-F

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AC857BQ DIODES-AC857BQ Datasheet
433Kb / 7P
   PNP SMALL SIGNAL TRANSISTOR IN SOT23
BC856AQ DIODES-BC856AQ Datasheet
382Kb / 7P
   PNP SMALL SIGNAL TRANSISTOR IN SOT23
November 2019 Rev. 1 - 2
BC856A DIODES-BC856A_15 Datasheet
359Kb / 7P
   PNP SMALL SIGNAL TRANSISTOR IN SOT23
MMBT2907A DIODES-MMBT2907A_15 Datasheet
389Kb / 7P
   60V PNP SMALL SIGNAL TRANSISTOR IN SOT23
MMBT5401 DIODES-MMBT5401_15 Datasheet
313Kb / 7P
   150V PNP SMALL SIGNAL TRANSISTOR IN SOT23
MMBT3906 DIODES-MMBT3906_15 Datasheet
301Kb / 7P
   40V PNP SMALL SIGNAL TRANSISTOR IN SOT23
BC807 DIODES-BC807_15 Datasheet
251Kb / 7P
   45V PNP SMALL SIGNAL TRANSISTOR IN SOT23
AMBTA92Q DIODES-AMBTA92Q Datasheet
370Kb / 5P
   300V PNP SMALL SIGNAL TRANSISTOR IN SOT23
May 2018 Rev. 1 - 2
MMBTA92 DIODES-MMBTA92_15 Datasheet
355Kb / 5P
   300V PNP SMALL SIGNAL TRANSISTOR IN SOT23
BC857CQ DIODES-BC857CQ Datasheet
428Kb / 7P
   45V PNP SMALL SIGNAL TRANSISTOR IN SOT23
October 2017 Rev. 1 - 2
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com