Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P6KE13A Datasheet(PDF) 3 Page - Taiwan Semiconductor Company, Ltd

Part # P6KE13A
Description  600W, 6.8V - 440V Transient Voltage Suppressor
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

P6KE13A Datasheet(HTML) 3 Page - Taiwan Semiconductor Company, Ltd

  P6KE13A Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd P6KE13A Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd P6KE13A Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd P6KE13A Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd P6KE13A Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd P6KE13A Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
CREAT BY ART
Test
Stand-Off
Maximum
Maximum
Maximum
Maximum
Current
Voltage
Reverse Leakage Peak Surge Clamping Voltage Temperature
@ VWM
Current
@ IPPM
Coefficient
IT
VWM
ID
IPPM
Vc
of VBR
(V)
(mA)
(V)
(μA)
(A)
(V)
(%/°C)
Min
Max
(Note 2)
P6KE6.8
6.8
6.12
7.48
10
5.50
1000
58.0
10.8
0.057
P6KE6.8A
6.8
6.46
7.14
10
5.80
1000
60.0
10.5
0.057
P6KE7.5
7.5
6.75
8.25
10
6.05
500
53.0
11.7
0.061
P6KE7.5A
7.5
7.13
7.88
10
6.40
500
55.0
11.3
0.061
P6KE8.2
8.2
7.38
9.02
10
6.63
200
50.0
12.5
0.065
P6KE8.2A
8.2
7.79
8.61
10
7.02
200
52.0
12.1
0.065
P6KE9.1
9.1
8.19
10.00
1
7.37
50
45.0
13.8
0.068
P6KE9.1A
9.1
8.65
9.55
1
7.78
50
47.0
13.4
0.068
P6KE10
10
9.00
11.00
1
8.10
10
42.0
15.0
0.073
P6KE10A
10
9.50
10.5
1
8.55
10
43.0
14.5
0.073
P6KE11
11
9.90
12.1
1
8.92
1
38.0
16.2
0.075
P6KE11A
11
10.5
11.6
1
9.40
1
40.0
15.6
0.075
P6KE12
12
10.8
13.2
1
9.72
1
36.0
17.3
0.078
P6KE12A
12
11.4
12.6
1
10.2
1
37.0
16.7
0.078
P6KE13
13
11.7
14.3
1
10.5
1
33.0
19.0
0.081
P6KE13A
13
12.4
13.7
1
11.1
1
34.0
18.2
0.081
P6KE15
15
13.5
16.5
1
12.1
1
28.0
22.0
0.084
P6KE15A
15
14.3
15.8
1
12.8
1
29.0
21.2
0.084
P6KE16
16
14.4
17.6
1
12.9
1
26.0
23.5
0.086
P6KE16A
16
15.2
16.8
1
13.6
1
28.0
22.5
0.086
P6KE18
18
16.2
19.8
1
14.5
1
23.0
26.5
0.088
P6KE18A
18
17.1
18.9
1
15.3
1
25.0
25.5
0.088
P6KE20
20
18.0
22.0
1
16.2
1
21.0
29.1
0.090
P6KE20A
20
19.0
21.0
1
17.1
1
22.0
27.7
0.090
P6KE22
22
19.8
24.2
1
17.8
1
19.0
31.9
0.092
P6KE22A
22
20.9
23.1
1
18.8
1
20.0
30.6
0.092
P6KE24
24
21.6
26.4
1
19.4
1
18.0
34.7
0.094
P6KE24A
24
22.8
25.2
1
20.5
1
19.0
33.2
0.094
P6KE27
27
24.3
29.7
1
21.8
1
16.0
39.1
0.096
P6KE27A
27
25.7
28.4
1
23.1
1
16.8
37.5
0.096
P6KE30
30
27.0
33.0
1
24.3
1
14.0
43.5
0.097
P6KE30A
30
28.5
31.5
1
25.6
1
15.0
41.4
0.097
P6KE33
33
29.7
36.3
1
26.8
1
13.0
47.7
0.098
P6KE33A
33
31.4
34.7
1
28.2
1
13.8
45.7
0.098
P6KE36
36
32.4
39.6
1
29.1
1
12.0
52.0
0.099
P6KE36A
36
34.2
37.8
1
30.8
1
12.6
49.9
0.099
P6KE39
39
35.1
42.9
1
31.6
1
11.1
56.4
0.100
P6KE39A
39
37.1
41.0
1
33.3
1
11.6
53.9
0.100
P6KE43
43
38.7
47.3
1
34.8
1
10.0
61.9
0.101
P6KE43A
43
40.9
45.2
1
36.8
1
10.6
59.3
0.101
P6KE47
47
42.3
51.7
1
38.1
1
9.2
67.8
0.101
P6KE47A
47
44.7
49.4
1
40.2
1
9.7
64.8
0.101
P6KE51
51
45.9
56.1
1
41.3
1
8.5
73.5
0.102
P6KE51A
51
48.5
53.6
1
43.6
1
8.9
70.1
0.102
P6KE56
56
50.4
61.6
1
45.4
1
7.8
80.5
0.103
P6KE56A
56
53.2
58.8
1
47.8
1
8.1
77.0
0.103
P6KE62
62
55.8
68.2
1
50.2
1
7.0
89.0
0.104
P6KE62A
62
58.9
65.1
1
53.0
1
7.4
85.0
0.104
Document Number: DS_D1409031
Version: L15
P6KE SERIES
Taiwan Semiconductor
Breakdown Voltage
(Note 1)
VBR
General
Part
Number
(V)
Nominal
Voltage


Similar Part No. - P6KE13A

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
P6KE13A VISHAY-P6KE13A Datasheet
116Kb / 7P
   TRANSZORB® Transient Voltage Suppressors
Revision: 22-Oct-08
logo
Shanghai Shunye Electro...
P6KE13A SHUNYE-P6KE13A Datasheet
937Kb / 4P
   GLASS PASSIVAED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Motorola, Inc
P6KE13A MOTOROLA-P6KE13A Datasheet
81Kb / 7P
   ZENER OVERVOLTAGE TRANSIENTSUPPRESSORS
logo
Leshan Radio Company
P6KE13A LRC-P6KE13A Datasheet
288Kb / 9P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE - 6.8 TO 550 Volts
logo
Diodes Incorporated
P6KE13A DIODES-P6KE13A Datasheet
99Kb / 5P
   600W TRANSIENT VOLTAGE SUPPRESSOR
DS21502 Rev. 18 - 2
More results

Similar Description - P6KE13A

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
P4KE6.8 TSC-P4KE6.8_15 Datasheet
200Kb / 7P
   400W, 6.8V - 440V Transient Voltage Suppressor
1.5KE TSC-1.5KE_15 Datasheet
201Kb / 6P
   1500W, 6.8V - 440V Transient Voltage Suppressor
1.5KE TSC-1.5KE Datasheet
201Kb / 6P
   1500W, 6.8V - 440V Transient Voltage Suppressor
logo
Formosa MS
P6KE6.8CA FORMOSA-P6KE6.8CA Datasheet
152Kb / 6P
   600W Axial Lead Transient Voltage Suppressors - 6.8V-440V
logo
Taiwan Semiconductor Co...
P6SMB TSC-P6SMB_15 Datasheet
192Kb / 6P
   600W, 6.8V - 220V Surface Mount Transient Voltage Suppressor
logo
Formosa MS
P4KE6.8CA FORMOSA-P4KE6.8CA Datasheet
156Kb / 6P
   400W Axial Leaded Transient Voltage Suppressors-6.8V-440V
logo
Shanghai Leiditech Elec...
6AJ LEIDITECH-6AJ Datasheet
917Kb / 6P
   600W Transient Voltage Suppressor
logo
WeEn Semiconductors
P6SMAL WEEN-P6SMAL Datasheet
557Kb / 7P
   600W Transient Voltage Suppressor
logo
Diodes Incorporated
P6KE6V8CA DIODES-P6KE6V8CA Datasheet
69Kb / 4P
   600W TRANSIENT VOLTAGE SUPPRESSOR
DS21502 Rev. 12 - 2
logo
Comchip Technology
P6KE-HF COMCHIP-P6KE-HF Datasheet
105Kb / 4P
   600W Transient Voltage Suppressor
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com