Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC1293CCN Datasheet(PDF) 6 Page - Linear Technology

Part # LTC1293CCN
Description  Single Chip 12-Bit Data Acquisition System
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1293CCN Datasheet(HTML) 6 Page - Linear Technology

Back Button LTC1293CCN Datasheet HTML 2Page - Linear Technology LTC1293CCN Datasheet HTML 3Page - Linear Technology LTC1293CCN Datasheet HTML 4Page - Linear Technology LTC1293CCN Datasheet HTML 5Page - Linear Technology LTC1293CCN Datasheet HTML 6Page - Linear Technology LTC1293CCN Datasheet HTML 7Page - Linear Technology LTC1293CCN Datasheet HTML 8Page - Linear Technology LTC1293CCN Datasheet HTML 9Page - Linear Technology LTC1293CCN Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
6
LTC1293/LTC1294/LTC1296
LTC1296 SSO Source Current vs
VCC – VSSO
CC
HARA TERISTICS
A
TYPICALPERFOR
CE
Maximum Clock Rate vs Source
Resistance
DOUT Delay Time vs Temperature
CYCLE TIME (µs)
10
100
1k
10k
10
1k
10k
LTC1293 G12
1
100
+
+VIN
CFILTER ≥1µF
RFILTER
Maximum Filter Resistor vs Cycle
Time
Sample and Hold Acquisition
Time vs Source Resistance
RSOURCE+ (Ω)
100
1
10
100
1000
10000
LTC1292 G13
+
VIN
RSOURCE+
VREF = 5V
VCC = 5V
TA = 25°C
0V TO 5V INPUT STEP
Input Channel leakage Current vs
Temperature
AMBIENT TEMPERATURE (°C)
–50
0
100
300
400
500
1000
700
–10
30
50
130
LTC1293 G14
200
800
900
600
–30
10
70
90 110
ON CHANNEL
OFF CHANNEL
GUARANTEED
Noise Error vs Reference Voltage
REFERENCE VOLTAGE (V)
0
0
0.25
0.75
1.00
1.25
2
4
5
2.25
0.50
13
1.50
1.75
2.00
LTC1293 G15
LTC1293/4/6 NOISE = 200µVp-p
LTC1296 SSO Sink Current vs
VSSO
100
0.2
0.4
0.6
0.8
1.0
1k
10k
100k
LTC1293 G11
0
VCC = 5V
VREF = 5V
CLK = 1MHz
RSOURCE– (Ω)
+
+IN
–IN
+VIN
RSOURCE
* MAXIMUM CLK FREQUENCY REPRESENTS THE CLK
FREQUENCY AT WHICH A 0.1LSB SHIFT IN THE ERROR
AT ANY CODE TRANSITION FROM ITS 1MHz VALUE IS
FIRST DETECTED.
** MAXIMUM RFILTER REPRESENTS THE FILTER RESISTOR
VALUE AT WHICH A 0.1LSB CHANGE IN FULL SCALE ERROR
FROM ITS VALUE AT RFILTER = 0Ω IS FIRST DETECTED.
0
300
400
500
0.8
LTC1293 G17
200
100
0
0.2
0.4
0.6
1.0
VCC = 5V
VSSO VOLTAGE (V)
0
300
400
500
0.4
LTC1293 G16
200
0
0.1
0.2
0.3
0.5
0.7
0.6
VCC = 5V
100
VCC – VSSO VOLTAGE (V)
AMBIENT TEMPERATURE (°C)
–50
150
200
250
50
LTC1293 G10
100
0
–25
0
25
75
125
100
VCC = 5V
50
MSB FIRST DATA
LSB FIRST DATA


Similar Part No. - LTC1293CCN

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1293CCN LINER-LTC1293CCN Datasheet
373Kb / 28P
   Single Chip 12-Bit Data Acquisition System
LTC1293CCN LINER-LTC1293CCN Datasheet
373Kb / 28P
   Single Chip 12-Bit Data Acquisition System
LTC1293CCN LINER-LTC1293CCN Datasheet
373Kb / 28P
   Single Chip 12-Bit Data Acquisition System
More results

Similar Description - LTC1293CCN

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1290 LINER-LTC1290 Datasheet
381Kb / 28P
   Single Chip 12-Bit Data Acquisition System
LTC1291 LINER-LTC1291 Datasheet
376Kb / 20P
   Single Chip 12-Bit Data Acquisition System
LTC1291 LINER-LTC1291_15 Datasheet
339Kb / 20P
   Single Chip 12-Bit Data Acquisition System
LTC1293 LINER-LTC1293_15 Datasheet
394Kb / 28P
   Single Chip 12-Bit Data Acquisition System
LTC1296 LINER-LTC1296_15 Datasheet
394Kb / 28P
   Single Chip 12-Bit Data Acquisition System
LTC1290CCJ LINER-LTC1290CCJ Datasheet
623Kb / 32P
   Single Chip 12-Bit Data Acquisition System
LTC1294BCSW LINER-LTC1294BCSW Datasheet
373Kb / 28P
   Single Chip 12-Bit Data Acquisition System
LTC1296CCSW LINER-LTC1296CCSW Datasheet
373Kb / 28P
   Single Chip 12-Bit Data Acquisition System
LTC1294 LINER-LTC1294_15 Datasheet
394Kb / 28P
   Single Chip 12-Bit Data Acquisition System
LTC1291 LINER-LTC1291_1 Datasheet
333Kb / 20P
   Single Chip 12-Bit Data Acquisition System
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com