Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SI7852DP Datasheet(PDF) 11 Page - Vishay Siliconix

Part # SI7852DP
Description  N-Channel 80-V (D-S) MOSFET
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI7852DP Datasheet(HTML) 11 Page - Vishay Siliconix

Back Button SI7852DP_15 Datasheet HTML 5Page - Vishay Siliconix SI7852DP_15 Datasheet HTML 6Page - Vishay Siliconix SI7852DP_15 Datasheet HTML 7Page - Vishay Siliconix SI7852DP_15 Datasheet HTML 8Page - Vishay Siliconix SI7852DP_15 Datasheet HTML 9Page - Vishay Siliconix SI7852DP_15 Datasheet HTML 10Page - Vishay Siliconix SI7852DP_15 Datasheet HTML 11Page - Vishay Siliconix SI7852DP_15 Datasheet HTML 12Page - Vishay Siliconix SI7852DP_15 Datasheet HTML 13Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
Application Note 826
Vishay Siliconix
Document Number: 72599
www.vishay.com
Revision: 21-Jan-08
15
RECOMMENDED MINIMUM PADS FOR PowerPAK® SO-8 Single
Recommended Minimum Pads
Dimensions in Inches/(mm)
0.260
(6.61)
0.024
(0.61)
0.150
(3.81)
0.050
(1.27)
0.032
(0.82)
0.040
(1.02)
0.026
(0.66)
Return to Index
Return to Index


Similar Part No. - SI7852DP_15

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI7852DP-T1-E3 VISHAY-SI7852DP-T1-E3 Datasheet
366Kb / 12P
   N-Channel 80 V (D-S) MOSFET
01-Jan-2022
SI7852DP-T1-GE3 VISHAY-SI7852DP-T1-GE3 Datasheet
153Kb / 8P
   N-Channel 80-V (D-S) MOSFET
Rev. E, 16-Feb-09
SI7852DP-T1-GE3 VISHAY-SI7852DP-T1-GE3 Datasheet
366Kb / 12P
   N-Channel 80 V (D-S) MOSFET
01-Jan-2022
SI7852DP VISHAY-SI7852DP_V01 Datasheet
366Kb / 12P
   N-Channel 80 V (D-S) MOSFET
01-Jan-2022
More results

Similar Description - SI7852DP_15

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SIR880DP_1209 VISHAY-SIR880DP_1209 Datasheet
504Kb / 13P
   N-Channel 80 V (D-S) MOSFET
Rev. B, 22-Nov-10
logo
DinTek Semiconductor Co...
DTM4830 DINTEK-DTM4830 Datasheet
311Kb / 8P
   N-Channel 80 V (D-S) MOSFET
logo
Analog Power
AM30N08-80D ANALOGPOWER-AM30N08-80D Datasheet
79Kb / 3P
   N-Channel 80-V (D-S) MOSFET
logo
Vishay Siliconix
SI7852DP VISHAY-SI7852DP Datasheet
40Kb / 5P
   N-Channel 80-V (D-S) MOSFET
Rev. A, 28-May-01
logo
Analog Power
AM90N08-05P ANALOGPOWER-AM90N08-05P Datasheet
369Kb / 5P
   N-Channel 80-V (D-S) MOSFET
logo
VBsemi Electronics Co.,...
60N75 VBSEMI-60N75 Datasheet
1Mb / 9P
   N-Channel 80 V (D-S) MOSFET
logo
Vishay Siliconix
SI4896DY VISHAY-SI4896DY_17 Datasheet
182Kb / 8P
   N-Channel 80-V (D-S) MOSFET
Rev. C, 18-May-09
logo
VBsemi Electronics Co.,...
AOB470L VBSEMI-AOB470L Datasheet
1Mb / 9P
   N-Channel 80 V (D-S) MOSFET
SUD40N08-16-E3 VBSEMI-SUD40N08-16-E3 Datasheet
999Kb / 9P
   N-Channel 80 V (D-S) MOSFET
PHP79NQ08LT VBSEMI-PHP79NQ08LT Datasheet
999Kb / 8P
   N-Channel 80 V (D-S) MOSFET
logo
Vishay Telefunken
SIR826ADP TFUNK-SIR826ADP Datasheet
381Kb / 13P
   N-Channel 80 V (D-S) MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com