Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SIHG47N60EF Datasheet(PDF) 7 Page - Vishay Siliconix

Part # SIHG47N60EF
Description  EF Series Power MOSFET with Fast Body Diode
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SIHG47N60EF Datasheet(HTML) 7 Page - Vishay Siliconix

  SIHG47N60EF_15 Datasheet HTML 1Page - Vishay Siliconix SIHG47N60EF_15 Datasheet HTML 2Page - Vishay Siliconix SIHG47N60EF_15 Datasheet HTML 3Page - Vishay Siliconix SIHG47N60EF_15 Datasheet HTML 4Page - Vishay Siliconix SIHG47N60EF_15 Datasheet HTML 5Page - Vishay Siliconix SIHG47N60EF_15 Datasheet HTML 6Page - Vishay Siliconix SIHG47N60EF_15 Datasheet HTML 7Page - Vishay Siliconix SIHG47N60EF_15 Datasheet HTML 8Page - Vishay Siliconix SIHG47N60EF_15 Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
Package Information
www.vishay.com
Vishay Siliconix
Revision: 01-Jul-13
1
Document Number: 91360
For technical questions, contact: hvm@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
TO-247AC (High Voltage)
Notes
1. Dimensioning and tolerancing per ASME Y14.5M-1994.
2. Contour of slot optional.
3. Dimension D and E do not include mold flash. Mold flash shall not exceed 0.127 mm (0.005") per side. These dimensions are measured at
the outermost extremes of the plastic body.
4. Thermal pad contour optional with dimensions D1 and E1.
5. Lead finish uncontrolled in L1.
6. Ø P to have a maximum draft angle of 1.5 to the top of the part with a maximum hole diameter of 3.91 mm (0.154").
7. Outline conforms to JEDEC outline TO-247 with exception of dimension c.
8. Xian and Mingxin actually photo.
MILLIMETERS
INCHES
MILLIMETERS
INCHES
DIM.
MIN.
MAX.
MIN.
MAX.
DIM.
MIN.
MAX.
MIN.
MAX.
A
4.58
5.31
0.180
0.209
D2
0.51
1.30
0.020
0.051
A1
2.21
2.59
0.087
0.102
E
15.29
15.87
0.602
0.625
A2
1.17
2.49
0.046
0.098
E1
13.72
-
0.540
-
b
0.99
1.40
0.039
0.055
e
5.46 BSC
0.215 BSC
b1
0.99
1.35
0.039
0.053
Ø k
0.254
0.010
b2
1.53
2.39
0.060
0.094
L
14.20
16.25
0.559
0.640
b3
1.65
2.37
0.065
0.093
L1
3.71
4.29
0.146
0.169
b4
2.42
3.43
0.095
0.135
N
7.62 BSC
0.300 BSC
b5
2.59
3.38
0.102
0.133
Ø P
3.51
3.66
0.138
0.144
c
0.38
0.86
0.015
0.034
Ø P1
-
7.39
-
0.291
c1
0.38
0.76
0.015
0.030
Q
5.31
5.69
0.209
0.224
D
19.71
20.82
0.776
0.820
R
4.52
5.49
0.178
0.216
D1
13.08
-
0.515
-
S
5.51 BSC
0.217 BSC
ECN: X13-0103-Rev. D, 01-Jul-13
DWG: 5971
0.10
A
C
M
M
E
E/2
(2)
(4)
R/2
B
2 x R
S
D
See view B
2 x e
b4
3 x b
2 x b2
L
C
L1
1
2
3
Q
D
A
A2
A
A
A1
C
Ø k
B
D
M
M
A
ØP
(Datum B)
ØP1
D1
4
E1
0.01
B
D
M
M
View A - A
Thermal pad
D2
DD E
E
C
C
View B
(b1, b3, b5)
Base metal
c1
(b, b2, b4)
Section C - C, D - D, E - E
(c)
Planting
4
3
5
7
4
4
4
Lead Assignments
1. Gate
2. Drain
3. Source
4. Drain


Similar Part No. - SIHG47N60EF_15

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SIHG47N60EF-GE3 VISHAY-SIHG47N60EF-GE3 Datasheet
225Kb / 10P
   EF Series Power MOSFET with Fast Body Diode
01-Jan-2022
SIHG47N60EF VISHAY-SIHG47N60EF_V01 Datasheet
225Kb / 10P
   EF Series Power MOSFET with Fast Body Diode
01-Jan-2022
More results

Similar Description - SIHG47N60EF_15

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SIHG70N60EF VISHAY-SIHG70N60EF Datasheet
203Kb / 8P
   EF Series Power MOSFET with Fast Body Diode
Rev. C, 27-Feb-17
SIHP28N60EF VISHAY-SIHP28N60EF Datasheet
293Kb / 8P
   EF Series Power MOSFET with Fast Body Diode
Rev. C, 27-Feb-17
SIHW47N60EF VISHAY-SIHW47N60EF Datasheet
172Kb / 7P
   EF Series Power MOSFET with Fast Body Diode
Rev. F, 27-Feb-17
SIHB33N60EF VISHAY-SIHB33N60EF_V01 Datasheet
215Kb / 9P
   EF Series Power MOSFET with Fast Body Diode
01-Jan-2022
SIHB055N60EF VISHAY-SIHB055N60EF Datasheet
196Kb / 9P
   EF Series Power MOSFET With Fast Body Diode
01-Jan-2022
SIHA21N80AEF VISHAY-SIHA21N80AEF Datasheet
157Kb / 8P
   EF Series Power MOSFET With Fast Body Diode
01-Jan-2022
SIHA105N60EF VISHAY-SIHA105N60EF Datasheet
166Kb / 8P
   EF Series Power MOSFET With Fast Body Diode
01-Jan-2022
SIHB21N60EF VISHAY-SIHB21N60EF_V01 Datasheet
215Kb / 9P
   EF Series Power MOSFET with Fast Body Diode
01-Jan-2022
SIHB35N60EF VISHAY-SIHB35N60EF Datasheet
192Kb / 10P
   EF Series Power MOSFET With Fast Body Diode
01-Jan-2022
SIHP33N60EF VISHAY-SIHP33N60EF_V01 Datasheet
295Kb / 8P
   EF Series Power MOSFET with Fast Body Diode
08-Feb-17
SIHB068N60EF VISHAY-SIHB068N60EF Datasheet
207Kb / 9P
   EF Series Power MOSFET With Fast Body Diode
01-Jan-2022
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com