Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TESDH5V0A Datasheet(PDF) 4 Page - Taiwan Semiconductor Company, Ltd

Part # TESDH5V0A
Description  Ultra Low Capacitance ESD Protection Array
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TESDH5V0A Datasheet(HTML) 4 Page - Taiwan Semiconductor Company, Ltd

  TESDH5V0A_15 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TESDH5V0A_15 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TESDH5V0A_15 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TESDH5V0A_15 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TESDH5V0A_15 Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Small Signal Product
APPLICATIONS INFORMATION
and minimizes impact on signal integrity
CIRCUIT BOARD LAYOUT RECOMMENDATIONS FOR HDMI APPLICATION
Document Number: DS_S1501021
Version: D15
Signal line enters at pin 1 and exits at pin 10 and the PCB trace connects pin 1 and 10 together. Ground is connected at pin 3 and 8.
The PCB traces are used to connect the pin pairs for each line (pin 1 to pin 10, pin 2 to pin 9, pin 4 to pin 7, pin 5 to pin 6)
One large ground pad should be used in lieu of two separate pads
TESDH5V0A
Taiwan Semiconductor
Designed for protection of high-speed interfaces such as HDMI
Ultra low capacitance between the paris while being rated to handle >±8kV ESD contact discharges and >±15kV air discharge
Each device in a leadless package that is less than 1.1mm wide
Designed such that the traces flow straight through the device. The narrow package and flow-through design reduces discontinuities
TESDH5V0A is ultra low capacitance ESD protection array designed to protect high speed data interfaces. This series has been
specifically designed to protect sensitive components which are connected to high-speed data and transmission lines from
overvoltage caused by ESD, CDE (Cable Discharge Events), and EFT (electrical fast transients)
The combination of small size, low capacitance, and high level of ESD protection makes them a flexible solution for applications of
high speed interface, ex HDMI, DisplayPortTM, MDDI, and eSATA interfaces


Similar Part No. - TESDH5V0A_15

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TESDH5V0A TSC-TESDH5V0A Datasheet
376Kb / 4P
   Ultra low capacitance ESD Protection Array
More results

Similar Description - TESDH5V0A_15

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TESDH5V0A TSC-TESDH5V0A Datasheet
376Kb / 4P
   Ultra low capacitance ESD Protection Array
logo
NXP Semiconductors
NUP1301U115 PHILIPS-NUP1301U115 Datasheet
138Kb / 14P
   Ultra low capacitance ESD protection array
Rev. 1-28 January 2011
logo
Rectron Semiconductor
TEP0504DLC RECTRON-TEP0504DLC Datasheet
176Kb / 5P
   Ultra Low Capacitance ESD Protection Array
TEP0516LC RECTRON-TEP0516LC Datasheet
151Kb / 6P
   Ultra Low Capacitance ESD Protection Array
logo
Nexperia B.V. All right...
NUP1301U-Q NEXPERIA-NUP1301U-Q Datasheet
274Kb / 12P
   Ultra low capacitance ESD protection array
6 May 2022
logo
Taiwan Semiconductor Co...
TESDM5V0A TSC-TESDM5V0A Datasheet
183Kb / 4P
   Ultra Low Capacitance ESD Protection Array
logo
ON Semiconductor
ESDR0502N ONSEMI-ESDR0502N_16 Datasheet
86Kb / 5P
   Ultra Low Capacitance ESD Protection Array
November, 2016 ??Rev. 5
logo
Nexperia B.V. All right...
NUP1301U NEXPERIA-NUP1301U Datasheet
725Kb / 14P
   Ultra low capacitance ESD protection array
NUP1301-Q NEXPERIA-NUP1301-Q Datasheet
276Kb / 13P
   Ultra low capacitance ESD protection array
4 July 2022
NUP1301QA-Q NEXPERIA-NUP1301QA-Q Datasheet
252Kb / 13P
   Ultra low capacitance ESD protection array
4 July 2022
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com