Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPD75P238GJ-5BG Datasheet(PDF) 5 Page - NEC

Part # UPD75P238GJ-5BG
Description  4-BIT SINGLE CHIP MICROCOMPUTER
Download  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD75P238GJ-5BG Datasheet(HTML) 5 Page - NEC

  UPD75P238GJ-5BG Datasheet HTML 1Page - NEC UPD75P238GJ-5BG Datasheet HTML 2Page - NEC UPD75P238GJ-5BG Datasheet HTML 3Page - NEC UPD75P238GJ-5BG Datasheet HTML 4Page - NEC UPD75P238GJ-5BG Datasheet HTML 5Page - NEC UPD75P238GJ-5BG Datasheet HTML 6Page - NEC UPD75P238GJ-5BG Datasheet HTML 7Page - NEC UPD75P238GJ-5BG Datasheet HTML 8Page - NEC UPD75P238GJ-5BG Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 50 page
background image
5
µPD75P238
1.
PIN FUNCTIONS
1.1
PORT PINS (1/2)
Pin Name
P00
P01
P02
P03
P10
P11
P12
P13
P20
P21
P22
P23
P30 to P33 *2
P40 to P43 *2
P50 to P53 *2
P60 to P63
P70 to P73
Function
4-bit input port (PORT0).
Internal pull-up resistor specification by
software is possible for P01 to P03 as a 3-
bit unit.
4-bit input port (PORT1).
Internal pull-up resistor specification by
software is possible as a 4-bit unit.
4-bit input/output port (PORT2).
Internal pull-up resistor specification by
software is possible as a 4-bit unit.
Programmable 4-bit input/output port (PORT3).
Input/output settable bit-wise.
Internal pull-up resistor specification by
software is possible as a 4-bit unit.
N-ch open-drain 4-bit input/output port
(PORT4).
Data input/output pins for program memory
write/verify (low-order 4 bits).
N-ch open-drain 4-bit input/output port
(PORT5).
Data input/output pins for program memory
write/verify (high-order 4 bits).
Input/Output
Input
Input
Input/output
Input/output
Input/output
Input/output
Input/output
Input/output
With noise elimination
function
Dual-Function
Pin
INT4
SCK0
SO0/SB0
SI0/SB1
INT0
INT1
INT2
TI0
PTO0
PCL
BUZ
MD0 to MD3
*1. A circle denotes Schmitt-triggerd input.
2. Direct LED drive capability
After Reset
Input
Input
Input
Input
Input
Input
Input
Input
Input/Output
Circuit Type*1
B
F – A
F – B
M – C
B – C
E – B
E – C
M – A
M – A
E – C
E
8-Bit I/O
×
×
×
×
Programmable 4-bit input/output port (PORT6).
Input/output settable bit-wise.
Internal pull-up resistor specification by
software is possible as a 4-bit unit.
4-bit input/output port (PORT7).


Similar Part No. - UPD75P238GJ-5BG

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPD75P238GJ-5BG RENESAS-UPD75P238GJ-5BG Datasheet
519Kb / 52P
   MOS INTEGRATED CIRCUIT
1992
More results

Similar Description - UPD75P238GJ-5BG

ManufacturerPart #DatasheetDescription
logo
NEC
UPD75206 NEC-UPD75206 Datasheet
489Kb / 62P
   4-BIT SINGLE-CHIP MICROCOMPUTER
UPD75216A NEC-UPD75216A Datasheet
530Kb / 72P
   4-BIT SINGLE-CHIP MICROCOMPUTER
UPD75218 NEC-UPD75218 Datasheet
531Kb / 62P
   4-BIT SINGLE-CHIP MICROCOMPUTER
UPD75516 NEC-UPD75516 Datasheet
535Kb / 70P
   4-BIT SINGLE-CHIP MICROCOMPUTER
UPD75517 NEC-UPD75517 Datasheet
1Mb / 180P
   4 BIT SINGLE-CHIP MICROCOMPUTER
UPD7566A NEC-UPD7566A Datasheet
471Kb / 58P
   4-BIT SINGLE-CHIP MICROCOMPUTER
UPD75P068 NEC-UPD75P068 Datasheet
474Kb / 40P
   4 BIT SINGLE-CHIP MICROCOMPUTER
UPD75P308 NEC-UPD75P308 Datasheet
333Kb / 34P
   4-BIT SINGLE-CHIP MICROCOMPUTER
logo
Renesas Technology Corp
HD404639R RENESAS-HD404639R Datasheet
460Kb / 135P
   4-Bit Single-Chip Microcomputer
HD404849 RENESAS-HD404849 Datasheet
449Kb / 127P
   4-Bit Single-Chip Microcomputer
logo
Epson Company
S1C63567 EPSON-S1C63567 Datasheet
202Kb / 16P
   4-bit Single Chip Microcomputer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com