Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS78M12CPRO Datasheet(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

Part # TS78M12CPRO
Description  3-Terminal 500mA Positive Voltage Regulator
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS78M12CPRO Datasheet(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  TS78M12CPRO Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS78M12CPRO Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS78M12CPRO Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS78M12CPRO Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS78M12CPRO Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
TS78M00 Series
3-Terminal 500mA Positive Voltage Regulator
2/5
Version: D14
TS78M05 Electrical Characteristics
(VIN=10V, IOUT=350mA, 0
oC
≤T
J
≤125oC, C
IN=0.33uF, COUT=0.1uF; unless otherwise specified.)
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
Output voltage
VOUT
TJ=25
oC
4.80
5
5.20
V
7.5V
≤Vin≤20V,
5mA
≤Iout≤350mA
4.75
5
5.25
Line Regulation
REGLINE
TJ=25
oC
7.5V
≤Vin≤25V
--
3
100
mV
8V
≤Vin≤12V
--
1
50
Load Regulation
REGLOAD
TJ=25
oC
5mA
≤IOUT≤500mA
--
15
100
5mA
≤IOUT≤200mA
--
5
50
Quiescent Current
IQ
IOUT=0, TJ=25
oC
--
3
6
mA
Quiescent Current Change
∆IQ
7.5V
≤Vin≤25V
--
--
0.8
5mA
≤IOUT≤350mA
--
--
0.5
Output Noise Voltage
Vn
10Hz
≤f≤100KHz, TJ=25oC
--
40
--
µV
Ripple Rejection Ratio
RR
f=120Hz, 8V
≤Vin≤18V
62
78
--
dB
Voltage Drop
VDROP
IOUT=500mA, TJ=25
oC
--
2
--
V
Output Resistance
Rout
f=1KHz
--
17
--
m
Output Short Circuit Current
IOS
TJ=25
oC
--
50
--
mA
Peak Output Current
Io peak
TJ=25
oC
--
0.7
--
A
Temperature Coefficient of
Output Voltage
∆VOUT/∆TJ
IOUT= 5mA, 0
oC
≤TJ≤125oC
--
-0.2
--
mV/
oC
TS78M12 Electrical Characteristics
(VIN=19V, IOUT=350mA, 0
oC
≤T
J
≤125oC, C
IN=0.33uF, COUT=0.1uF; unless otherwise specified.)
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
Output Voltage
VOUT
TJ=25
oC
11.53
12
12.48
V
14.5V
≤Vin≤27V,
5mA
≤IOUT≤350mA
11.42
12
12.60
Line Regulation
REGLINE
TJ=25
oC
14.5V
≤Vin≤30V
--
10
240
mV
15V
≤Vin≤19V
--
3
120
Load Regulation
REGLOAD
TJ=25
oC
5mA
≤IOUT≤500mA
--
12
240
5mA
≤IOUT≤200mA
--
4
120
Quiescent Current
IQ
TJ=25
oC, IOUT=0
--
3
6
mA
Quiescent Current Change
∆IQ
14.5V
≤Vin≤30V
--
--
0.8
5mA
≤IOUT≤500mA
--
--
0.5
Output Noise Voltage
Vn
10Hz
≤f≤100KHz, TJ=25oC
--
75
--
µV
Ripple Rejection Ratio
RR
f=120Hz, 15V
≤Vin≤25V
55
80
--
dB
Voltage Drop
VDROP
IOUT=500mA, TJ=25
oC
--
2
--
V
Output Resistance
Rout
f=1KHz
--
18
--
m
Output Short Circuit Current
IOS
TJ=25
oC
--
50
--
mA
Peak Output Current
Io peak
TJ=25
oC
--
0.7
--
A
Temperature Coefficient of
Output Voltage
∆VOUT/ ∆TJ
IOUT=5mA, 0
oC
≤TJ≤125oC
--
-0.3
--
mV/
oC
Pulse testing techniques are used to maintain the junction temperature as close to the ambient temperature as
possible, and thermal effects must be taken into account separately.
This specification applies only for DC power dissipation permitted by absolute maximum ratings.


Similar Part No. - TS78M12CPRO

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TS78M12CP TSC-TS78M12CP Datasheet
187Kb / 8P
   3-Terminal 500mA Positive Voltage Regulator
More results

Similar Description - TS78M12CPRO

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TS78M00LA TSC-TS78M00LA Datasheet
181Kb / 10P
   3-Terminal 500mA Positive Voltage Regulator
TS78M00A TSC-TS78M00A_08 Datasheet
169Kb / 10P
   3-Terminal 500mA Positive Voltage Regulator
TS78M00A TSC-TS78M00A_13 Datasheet
159Kb / 5P
   3-Terminal 500mA Positive Voltage Regulator
TS78M00A TSC-TS78M00A_07 Datasheet
480Kb / 10P
   3-Terminal 500mA Positive Voltage Regulator
TS78M00 TSC-TS78M00_09 Datasheet
301Kb / 10P
   3-Terminal 500mA Positive Voltage Regulator
TS78M12CP TSC-TS78M12CP Datasheet
187Kb / 8P
   3-Terminal 500mA Positive Voltage Regulator
TS78M08CP TSC-TS78M08CP Datasheet
187Kb / 8P
   3-Terminal 500mA Positive Voltage Regulator
TS78M24CP TSC-TS78M24CP Datasheet
187Kb / 8P
   3-Terminal 500mA Positive Voltage Regulator
TS78M09CP TSC-TS78M09CP Datasheet
187Kb / 8P
   3-Terminal 500mA Positive Voltage Regulator
logo
BCD Semiconductor Manuf...
AZ78MXX BCDSEMI-AZ78MXX_07 Datasheet
132Kb / 14P
   500mA 3-TERMINAL POSITIVE VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com