Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS2938 Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # TS2938
Description  500mA Ultra Low Dropout Voltage Regulator With Inhibit Function
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS2938 Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  TS2938_15 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS2938_15 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS2938_15 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS2938_15 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS2938_15 Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS2938_15 Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TS2938_15 Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
TS2938
Taiwan Semiconductor
Document Number: DS_P0000209
1
Version: G15
500mA Ultra Low Dropout Voltage Regulator
With Inhibit Function
DESCRIPTION
The TS2938 series of fixed-voltage monolithic micro-
power voltage regulators is designed for a wide range of
applications. This device excellent choice of use in
battery-power application. Furthermore, the quiescent
current increases on slightly at dropout, which prolongs
battery life. This series of fixed-voltage regulators
features very low ground current (200µA Typ.), very low
drop output voltage (Typ. 60mV at light load and 600mV
at 500mA) and output inhibit control. This includes a
tight initial tolerance of 2%, extremely good line
regulation
of
0.05%
typ.,
and
very
low
output
temperature coefficient.
FEATURES
Dropout voltage typically 0.5V @Io=500mA
Output current up to 500mA
Logic Control Electronic Shutdown
Output voltage trimmed before assembly
-18V Reverse peak voltage
+30V Input over voltage protection
+60V Transient peak voltage
Low Quiescent Current 100µA (Typ.) (On Mode)
Internal current limit
Thermal shutdown protection
APPLICATION
Telecommunication
SOP-8
Pin Definition:
1.
Output
2.
Ground
3.
Ground
4.
NC
5.
Inhibit
6.
Ground
7.
Ground
8.
Input
Notes: Moisture sensitivity level: level 3. Per J-STD-020
TYPICAL APPLICATION CIRCUIT


Similar Part No. - TS2938_15

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TS2938ACP5 TSC-TS2938ACP5 Datasheet
108Kb / 5P
   500mA Ultra Low Dropout Fixed Voltage Regulator with Inhibit
TS2938ACP52.5 TSC-TS2938ACP52.5 Datasheet
108Kb / 5P
   500mA Ultra Low Dropout Fixed Voltage Regulator with Inhibit
TS2938ACP525 TSC-TS2938ACP525 Datasheet
108Kb / 5P
   500mA Ultra Low Dropout Fixed Voltage Regulator with Inhibit
TS2938ACP53.3 TSC-TS2938ACP53.3 Datasheet
108Kb / 5P
   500mA Ultra Low Dropout Fixed Voltage Regulator with Inhibit
TS2938ACP533 TSC-TS2938ACP533 Datasheet
108Kb / 5P
   500mA Ultra Low Dropout Fixed Voltage Regulator with Inhibit
More results

Similar Description - TS2938_15

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TS2938CS12 TSC-TS2938CS12 Datasheet
102Kb / 6P
   500mA Ultra Low Dropout Voltage Regulator with Inhibit Function
TS2938 TSC-TS2938_07 Datasheet
302Kb / 7P
   500mA Ultra Low Dropout Voltage Regulator with Inhibit Function
TS2938 TSC-TS2938_08 Datasheet
277Kb / 6P
   500mA Ultra Low Dropout Voltage Regulator with Inhibit Function
TS2938 TSC-TS2938 Datasheet
108Kb / 5P
   500mA Ultra Low Dropout Fixed Voltage Regulator with Inhibit
logo
STMicroelectronics
LEXX STMICROELECTRONICS-LEXX Datasheet
1Mb / 24P
   Very low-dropout voltage regulator with inhibit function
May 2017 Rev 15
logo
Taiwan Semiconductor Co...
TS2937CZ50 TSC-TS2937CZ50 Datasheet
247Kb / 10P
   500mA Ultra Low Dropout Voltage Regulator
TS2937 TSC-TS2937_08 Datasheet
568Kb / 10P
   500mA Ultra Low Dropout Voltage Regulator
TS2937 TSC-TS2937_13 Datasheet
318Kb / 10P
   500mA Ultra Low Dropout Voltage Regulator
TS2937 TSC-TS2937_07 Datasheet
443Kb / 10P
   500mA Ultra Low Dropout Voltage Regulator
logo
Acutechnology Semicondu...
AQ533 ACUTECH-AQ533 Datasheet
633Kb / 10P
   Ultra-Low Dropout 500mA Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com