Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS5213 Datasheet(PDF) 3 Page - Taiwan Semiconductor Company, Ltd

Part # TS5213
Description  80mA Low Noise LDO Voltage Regulator with Enable Function
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS5213 Datasheet(HTML) 3 Page - Taiwan Semiconductor Company, Ltd

  TS5213_15 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS5213_15 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS5213_15 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS5213_15 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS5213_15 Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS5213_15 Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TS5213_15 Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd TS5213_15 Datasheet HTML 8Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
TS5213
Taiwan Semiconductor
Document Number: DS_P0000201
3
Version: G15
ELECTRICAL SPECIFICATIONS
(VIN = VO+1V, IO = 100μA, COUT = 1μF, Vce≥2V, TA = 25°C unless otherwise noted)
Enable Function
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
Enable Input Logic-Low Voltage
Regulation shutdown
--
--
0.6
V
Enable Input Logic-High Voltage
Regulation enable
2.0
--
--
V
Enable Input Current
VIL≤ 0.6V
--
0.01
1
μA
VIH≥ 2.0V
--
15
50
V
Note:
1.
Exceeding the absolute maximum rating may damage the device.
2.
The maximum allowable power dissipation at any TA is PD(MAX) = [TJ(MAX) - Ta] + RθJA. Exceeding the maximum allowable
power dissipation will result in excessive die temperature, and the regulator will go into thermal shutdown.
3.
Devices are ESD sensitive. Handling precautions recommended.
4.
The device is not guaranteed to function outside its operating rating.
5.
Output voltage temperature coefficient is defined as the worst case voltage change divided by the total temperature range.
6.
Regulation is measured at constant junction temperature using low duty cycle pulse testing. Parts are tested for load
regulation in the load range from 1mA to 80mA. Changes in output voltage due to heating effects are covered by the
thermal regulation specification.
7.
Dropout voltage is defined as the input to output differential at which the output voltage drops 2% below its nominal value
measured at 1V differential.
8.
Ground pin current is the regulator quiescent current plus pass transistor base current. The total current drawn from the
supply is the sum of the load current plus the ground pin current.
9.
Thermal regulation is defined as the change in output voltage at a time “t” after a change in power dissipation is applied,
excluding load or line regulation effects. Specifications are for a 80mA load pulse at VIH =16V for t=10ms.


Similar Part No. - TS5213_15

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TS5213 TSC-TS5213_10 Datasheet
550Kb / 8P
   80mA Low Noise LDO Voltage Regulator with Enable Function
More results

Similar Description - TS5213_15

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TS5213 TSC-TS5213_10 Datasheet
550Kb / 8P
   80mA Low Noise LDO Voltage Regulator with Enable Function
TS5213 TSC-TS5213 Datasheet
411Kb / 8P
   80mA Low Noise LDO Voltage Regulator with Enable Function
TS5205 TSC-TS5205_10 Datasheet
185Kb / 7P
   150mA Low Noise LDO Voltage Regulator with Enable Function
TS5205 TSC-TS5205_07 Datasheet
209Kb / 7P
   150mA Low Noise LDO Voltage Regulator with Enable Function
TS5204 TSC-TS5204_13 Datasheet
205Kb / 9P
   80mA Low Noise LDO Voltage Regulator
TS5205 TSC-TS5205 Datasheet
157Kb / 6P
   150mA Low Noise LDO Voltage Regulator with Enable
TS5215CS25 TSC-TS5215CS25 Datasheet
218Kb / 9P
   300mA Low Noise LDO Voltage Regulator with Enable
TS5205 TSC-TS5205_1 Datasheet
183Kb / 6P
   150mA Low Noise LDO Voltage Regulator with Enable
TS5201 TSC-TS5201_07 Datasheet
328Kb / 7P
   200mA Low Noise LDO Voltage Regulator with Enable
TS5215CS33 TSC-TS5215CS33 Datasheet
218Kb / 9P
   300mA Low Noise LDO Voltage Regulator with Enable
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com