Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS9005DCX5RF Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # TS9005DCX5RF
Description  600mA CMOS LDO with Enable Function
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS9005DCX5RF Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  TS9005DCX5RF Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS9005DCX5RF Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS9005DCX5RF Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS9005DCX5RF Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS9005DCX5RF Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
TS9005
600mA CMOS LDO
with Enable Function
1/5
Version: C07
SOT-25
General Description
The TS9005 is a low dropout, positive linear regulator with very low quiescent. It can supply 600mA output current
with low dropout about 350mV. The BP pin with a 10nF bypass capacitor can help reduce the output noise level.
The characteristics of low dropout voltage and less quiescent current make it good for some critical current
application, for example, some battery powered devices. The typical quiescent current is approximately 50µA. In
the shutdown mode, the maximum supply current is less than 1uA. The TS9005 regulator is able to operate with
output capacitors as small as 1uF for stability.
Features
Input voltage range: 2.5V~6V
VDROP typically 350mV@ Io=600mA (Vout≥2.8V)
Output current up to 600mA guaranteed
Current limit and thermal shutdown protection
Low quiescent current at 50uA (typ.)
Needs only 1uF capacitor for stability
Maximum supply current in shutdown mode <1uA
Ordering Information
Note: Where x denotes voltage option, available are
D=1.8V
S=3.3V
Part No.
Package
Packing
TS9005xCX5 RF
SOT-25
3Kpcs / 7” Reel
Applications
Instrumentation
Wireless device
Battery powered equipment
Portable Devices
Absolute Maximum Rating
Parameter
Symbol
Limit
Unit
Input Supply Voltage
VIN
GND -0.3 ~ +7
V
Output Voltage
VOUT
GND -0.3 ~ VIN +7
V
Enable Input Voltage
VEN
GND -0.3 ~ GND +7
V
Feedback Voltage
VFB
GND -0.3 ~ GND +7
V
Power Dissipation
PD
300
mW
Thermal Resistance – Junction to Case
Ө
JC
25
oC/W
Thermal Resistance – Junction to Ambient
Ө
JA
120
oC/W
Operating Temperature Range
TOPR
-40 ~ +85
oC
Junction Temperature Range
TJ
-40 ~ +125
oC
Storage Temperature Range
TSTG
-65 ~ +150
oC
Notes: ӨJA is measured with the PCB copper area of approximately 1 in
2(multi-layer). That need connect to GND
pin.
Pin Definition:
1. Input
2. Ground
3. Enable
4. Bypass
5. Output


Similar Part No. - TS9005DCX5RF

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TS9005DCX5 TSC-TS9005DCX5 Datasheet
207Kb / 7P
   600mA Adjustable CMOS LDO with Enable Function
More results

Similar Description - TS9005DCX5RF

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TS9005DCX5 TSC-TS9005DCX5 Datasheet
207Kb / 7P
   600mA Adjustable CMOS LDO with Enable Function
TS9005KCX5 TSC-TS9005KCX5 Datasheet
207Kb / 7P
   600mA Adjustable CMOS LDO with Enable Function
TS9005SCX5 TSC-TS9005SCX5 Datasheet
207Kb / 7P
   600mA Adjustable CMOS LDO with Enable Function
TS9005DCW TSC-TS9005DCW Datasheet
207Kb / 7P
   600mA Adjustable CMOS LDO with Enable Function
TS9005DCY TSC-TS9005DCY Datasheet
207Kb / 7P
   600mA Adjustable CMOS LDO with Enable Function
TS9005KCY TSC-TS9005KCY Datasheet
207Kb / 7P
   600mA Adjustable CMOS LDO with Enable Function
TS9005SCW TSC-TS9005SCW Datasheet
207Kb / 7P
   600mA Adjustable CMOS LDO with Enable Function
TS9005KCW TSC-TS9005KCW Datasheet
207Kb / 7P
   600mA Adjustable CMOS LDO with Enable Function
TS9005SCY TSC-TS9005SCY Datasheet
207Kb / 7P
   600mA Adjustable CMOS LDO with Enable Function
logo
Advanced Power Electron...
APE8843 A-POWER-APE8843_14 Datasheet
60Kb / 4P
   DUAL 600mA LDO REGULATOR WITH ENABLE FUNCTION
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com