Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS13003HV Datasheet(PDF) 5 Page - Taiwan Semiconductor Company, Ltd

Part # TS13003HV
Description  High Voltage NPN Transistor
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS13003HV Datasheet(HTML) 5 Page - Taiwan Semiconductor Company, Ltd

  TS13003HV Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS13003HV Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS13003HV Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS13003HV Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS13003HV Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS13003HV Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
TS13003HV
High Voltage NPN Transistor
5/6
Version: E13
TO-92 Ammo Pack Mechanical Drawing
Tape Dimension
Item Description
Symbol
Dimension
Base of Package to Lead Bend
b
3.0 (typ.)
Component Height
Ha
23.57 (typ.)
Lead Clinch Height
H0
16.0
±0.5
Component Base Height
H1
19.0
±0.5
Component Top to Lead Bend
H2
8.0 (max)
Component Alignment (side / side)
Pd
1.02 (max)
Component Alignment (front / back)
Hd
0.79 (max)
Feed Hole Pitch
P0
12.7
±0.3
Hole Center to Component Center
P1
6.25
±0.4
Lead Spread
F1
2.5
±0.3
Lead Thickness
d
0.46 (typ.)
Cut Lead Length
L
10.9 (max)
Taped Lead Length
L1
5.31 (typ.)
Taped Lead Thickness
t
0.81
±0.2
Carrier Tape Thickness
t1
0.5
±0.2
Carrier Tape Width
W
18.0
±0.5
Hold – down Tape Width
W0
0.5
±0.2
Hold – down Tape position
W1
9.0
±0.7
Feed Hole Position
W2
6.0
±0.2
Sprocket Hole Diameter
D0
4.0
±0.2
Lead Spring Out
S
0.1 (max)
Note: All dimensions are in millimeter.


Similar Part No. - TS13003HV

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TS13003HV TSC-TS13003HV Datasheet
51Kb / 3P
   High Voltage NPN Transistor
TS13003HV TSC-TS13003HV Datasheet
279Kb / 5P
   High Voltage NPN Transistor
TS13003HVCT TSC-TS13003HVCT Datasheet
279Kb / 5P
   High Voltage NPN Transistor
TS13003HVCTA3 TSC-TS13003HVCTA3 Datasheet
51Kb / 3P
   High Voltage NPN Transistor
TS13003HVCTA3 TSC-TS13003HVCTA3 Datasheet
197Kb / 5P
   High Voltage NPN Transistor
More results

Similar Description - TS13003HV

ManufacturerPart #DatasheetDescription
logo
Nanjing International G...
PZTA44G DGNJDZ-PZTA44G Datasheet
118Kb / 4P
   NPN HIGH VOLTAGE TRANSISTOR TRANSISTOR
logo
Taiwan Semiconductor Co...
TS13003HV TSC-TS13003HV Datasheet
51Kb / 3P
   High Voltage NPN Transistor
TS13007 TSC-TS13007 Datasheet
39Kb / 2P
   High Voltage NPN Transistor
logo
Fairchild Semiconductor
FJV42 FAIRCHILD-FJV42 Datasheet
99Kb / 4P
   NPN High Voltage Transistor
logo
Samsung semiconductor
MMBT5550 SAMSUNG-MMBT5550 Datasheet
74Kb / 2P
   NPN (HIGH VOLTAGE TRANSISTOR)
logo
NXP Semiconductors
BF422L PHILIPS-BF422L Datasheet
41Kb / 8P
   NPN high-voltage transistor
1999 Apr 21
BFV469 PHILIPS-BFV469 Datasheet
43Kb / 8P
   NPN high-voltage transistor
1999 Apr 26
BSS64 PHILIPS-BSS64 Datasheet
41Kb / 8P
   NPN high-voltage transistor
1999 Apr 15
PZTA42 PHILIPS-PZTA42 Datasheet
43Kb / 8P
   NPN high-voltage transistor
1999 May 21
logo
Motorola, Inc
BF844 MOTOROLA-BF844 Datasheet
152Kb / 6P
   High Voltage Transistor(NPN)
logo
Taiwan Semiconductor Co...
TSC742A TSC-TSC742A Datasheet
409Kb / 6P
   High Voltage NPN Transistor
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com