Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RL252G Datasheet(PDF) 1 Page - Rugao Dachang Electronics Co., Ltd

Part # RL252G
Description  General Purpose Plastic Rectifier
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DACHANG [Rugao Dachang Electronics Co., Ltd]
Direct Link  http://www.dachang.com.cn
Logo DACHANG - Rugao Dachang Electronics Co., Ltd

RL252G Datasheet(HTML) 1 Page - Rugao Dachang Electronics Co., Ltd

  RL252G Datasheet HTML 1Page - Rugao Dachang Electronics Co., Ltd RL252G Datasheet HTML 2Page - Rugao Dachang Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
RL251G RL252G RL253G RL254G RL255G RL256G RL257G
1000
50
100
200
400
600
800
50
100
200
400
600
800
1000
35
70
140
280
420
560
700
80
2.5
1.1
5.0
50
40
RL251G ...... RL257G
普通塑封整流二极管
反向电压
50 --- 1000 V
正向电流
2.5 A
15
SIYU R
V
μA
pF
IR
Cj
最大正向电压
IF = 2.5A
最大反向电流
TA= 25℃
典型结电容
VR = 4.0V, f = 1MHz
电特性 TA = 25℃ 除非另有规定。
Electrical Characteristics Ratings at 25℃ ambient temperature unless otherwise specified.
单位
Unit
符号
Symbols
TA=100℃
Maximum forward voltage
Maximum reverse current
Type junction capacitance
VF
-55
--- +150
V
V
V
A
A
/W
RθJA
VRRM
VRMS
VDC
IF(AV)
IFSM
极限值和温度特性
TA = 25℃ 除非另有规定。
Maximum Ratings & Thermal Characteristics Ratings at 25℃ ambient temperature unless otherwise specified.
最大可重复峰值反向电压
Maximum repetitive peak reverse voltage
最大均方根电压
Maximum RMS voltage
最大直流阻断电压
Maximum DC blocking voltage
最大正向平均整流电流
Maximum average forward rectified current
峰值正向浪涌电流 8.3ms单一正弦半波
Peak forward surge current 8.3 ms single half sine-wave
典型热阻
Typical thermal resistance
工作结温和存储温度
符号
Symbols
单位
Unit
General Purpose Plastic Rectifier
Reverse Voltage 50 to 1000 V
Forward Current 2.5 A
Operating junction and storage temperature range
Tj, TSTG
RL251G RL252G RL253G RL254G RL255G RL256G RL257G
大昌电子
DACHANG ELECTRONICS
特征
Features
·反向漏电流低
Low reverse leakage
·正向浪涌承受能力较强
High forward surge capability
·高温焊接保证
High temperature soldering guaranteed:
260℃/10 秒, 0.375" (9.5mm)引线长度。
260℃/10 seconds, 0.375" (9.5mm) lead length,
·引线可承受
5 磅 (2.3kg) 拉力。 5 lbs. (2.3kg) tension
机械数据 Mechanical Data
·端子
: 镀锡轴向引线 Terminals: Plated axial leads
·极性
: 色环端为负极 Polarity: Color band denotes cathode end
·安装位置
: 任意 Mounting Position: Any
·玻璃钝化芯片
Glass Passivated chip
·引线和管体皆符合ROHS标准 。
Lead and body according with ROHS standard
DO-15L
Unit:mm
25.4
25.4
7.5±0.2
4.0±0.2
0.8±0.1
MIN
MIN


Similar Part No. - RL252G

ManufacturerPart #DatasheetDescription
logo
GOOD-ARK Electronics
RL252G GOOD-ARK-RL252G Datasheet
46Kb / 2P
   GLASS PASSIVATED JUNCTION RECTIFIER
logo
DAESAN ELECTRONIC CORP.
RL252G DAESAN-RL252G Datasheet
315Kb / 2P
   CURRENT 2.5Amperes VOLTAGE 50 to 1000 Volts
logo
Rugao Dachang Electroni...
RL252G DACHANG-RL252G Datasheet
118Kb / 2P
   General Purpose Plastic Rectifier Reverse Voltage 50 to 1000 V Forward Current 2.5 A
logo
Leshan Radio Company
RL252G LRC-RL252G Datasheet
176Kb / 7P
   General Purpose Plastic Rectifiers Reverse Voltage 50 to 1000V Forward Current 2.5A
logo
Zibo Seno Electronic En...
RL252G ZSELEC-RL252G Datasheet
88Kb / 2P
   2.5A GLASS PASSIV ATED RECTIFIER
More results

Similar Description - RL252G

ManufacturerPart #DatasheetDescription
logo
Shanghai Lunsure Electr...
BY127 CHENYI-BY127 Datasheet
126Kb / 2P
   GENERAL PURPOSE PLASTIC RECTIFIER
logo
GOOD-ARK Electronics
1N5400 GOOD-ARK-1N5400 Datasheet
198Kb / 2P
   GENERAL PURPOSE PLASTIC RECTIFIER
RL201 GOOD-ARK-RL201 Datasheet
227Kb / 3P
   GENERAL PURPOSE PLASTIC RECTIFIER
logo
Wing Shing Computer Com...
1N4001 WINGS-1N4001 Datasheet
29Kb / 1P
   General Purpose Plastic Rectifier
logo
General Semiconductor
1N4001 GE-1N4001 Datasheet
45Kb / 2P
   GENERAL PURPOSE PLASTIC RECTIFIER
1N5391 GE-1N5391 Datasheet
45Kb / 2P
   GENERAL PURPOSE PLASTIC RECTIFIER
logo
Shenzhen Taychipst Elec...
GI500 TAYCHIPST-GI500 Datasheet
4Mb / 2P
   GENERAL PURPOSE PLASTIC RECTIFIER
logo
Rugao Dachang Electroni...
RL201 DACHANG-RL201_15 Datasheet
118Kb / 2P
   General Purpose Plastic Rectifier
10A05 DACHANG-10A05_15 Datasheet
117Kb / 2P
   General Purpose Plastic Rectifier
logo
Vishay Siliconix
1N4001 VISHAY-1N4001 Datasheet
82Kb / 5P
   General Purpose Plastic Rectifier
Revision: 23-Feb-11
logo
Jinan Jingheng (Group) ...
1N4001G JINANJINGHENG-1N4001G Datasheet
85Kb / 2P
   GENERAL PURPOSE PLASTIC RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com