Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS19310ACX6RFG Datasheet(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

Part # TS19310ACX6RFG
Description  Single-Stage PFC TRIAC Dimmable LED Driver
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS19310ACX6RFG Datasheet(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  TS19310ACX6RFG Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS19310ACX6RFG Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS19310ACX6RFG Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS19310ACX6RFG Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS19310ACX6RFG Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS19310ACX6RFG Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TS19310ACX6RFG Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd TS19310ACX6RFG Datasheet HTML 8Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
TS19310A/B
Single-Stage PFC
TRIAC Dimmable LED Driver
2/8
Version: A14
Thermal Information
Parameter
Symbol
Range
Unit
Thermal Resistance Junction to Ambient
(Note 3)
RθJA
220
°C/W
Thermal Resistance Junction to Case
RθJC
106.6
°C/W
Recommended Operating Conditions
(Note 4)
Parameter
Symbol
Conditions
Unit
Power Supply Pin
VCC
34.5
V
DMG Voltage to GND
VDMG
-0.3 to 11.2
V
OUT Voltage to GND
VOUT
-0.3 to 19
V
CS Voltage to GND
VCS
-0.3 to 5
V
COM Voltage to GND
VCOM
-0.3 to 5
V
Operating Junction Temperature Range
TJ
-40 to +125
°C
Operating Ambient Temperature Range
TOPA
-40 to +85
°C
Electrical Characteristics (TA= 25°C, unless otherwise specified.)
Parameter
Symbol
Condition
Min
Typ
Max
Unit
Turn-on Voltage
VCC_ON
17
18
19
V
Turn-off Voltage
VCC_OFF
8.5
9.5
10
V
Quiescent Current 1
IQ1
VCC=17V, at VCC off
--
30
50
μA
Quiescent Current 2
IQ2
Start up at 4.5 kHz
--
600
800
μA
Operation Supply Current
ICC
--
2.5
3.0
mA
Protection
VCC Voltage Protection
VOVPA
31
32
34
V
Output Voltage Protection
VOVPS
10
10.5
11
V
CS Limit Voltage
VOCP
1.15
1.25
1.35
V
Short Circuit Protection
(Note 5)
VO_STR
--
3
--
V
Oscillator
Start-up Timer
tSTR
--
222
--
μs
GM Amplifier
Transconductance
gm
--
60
--
μS
Source Current
ICOMP_SOU
--
20
--
μA


Similar Part No. - TS19310ACX6RFG

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TS19320CS TSC-TS19320CS Datasheet
295Kb / 2P
   Phase-Cut Dimmable Flyback or Buck-Boost Current Control with Active PFC for LED lighting
TS19340CS14 TSC-TS19340CS14 Datasheet
450Kb / 9P
   Secondary-Side Constant Current and Constant Voltage Controller with PWM / Linear Dimming
TS1935 TSC-TS1935 Datasheet
391Kb / 8P
   1.6MHz Boost Converter with 30V Internal FET Switch
TS1935B TSC-TS1935B Datasheet
84Kb / 6P
   1.9A / 1.2MHz Boost DC to Dc Converter
TS1935B TSC-TS1935B Datasheet
375Kb / 8P
   1.9A / 1.2MHz Boost DC to Dc Converter
More results

Similar Description - TS19310ACX6RFG

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP1690 DIODES-AP1690 Datasheet
388Kb / 9P
   SINGLE STAGE PRIMARY SIDE REGULATION PFC CONTROLLER FOR DIMMABLE LED DRIVER
AL1692K DIODES-AL1692K Datasheet
977Kb / 14P
   TRIAC DIMMABLE LED DRIVER
Rev. 2 - 2 December 2022
logo
Dialog Semiconductor
IW3636 DIALOG-IW3636 Datasheet
432Kb / 6P
   Single-Stage LED Driver with PFC
logo
Texas Instruments
LM3445MM TI-LM3445MM Datasheet
1Mb / 39P
[Old version datasheet]   Triac Dimmable Offline LED Driver
logo
Cirrus Logic
CS1610 APEX-CS1610 Datasheet
274Kb / 17P
   TRIAC Dimmable LED Driver IC
logo
National Semiconductor ...
LM3445 NSC-LM3445 Datasheet
1Mb / 26P
   Triac Dimmable Offline LED Driver
logo
Cirrus Logic
CS1610A CIRRUS-CS1610A Datasheet
264Kb / 18P
   TRIAC Dimmable LED Driver IC
logo
Global Mixed-mode Techn...
G5345 GMT-G5345 Datasheet
58Kb / 1P
   Triac Dimmable Offline LED Driver
logo
Texas Instruments
LM3445 TI1-LM3445_15 Datasheet
1Mb / 42P
[Old version datasheet]   TRIAC Dimmable Offline LED Driver
logo
TE Connectivity Ltd
SSL-18W TEC-SSL-18W Datasheet
605Kb / 2P
   18W Triac Dimmable LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com