Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS19310ACX6RFG Datasheet(PDF) 4 Page - Taiwan Semiconductor Company, Ltd

Part # TS19310ACX6RFG
Description  Single-Stage PFC TRIAC Dimmable LED Driver
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS19310ACX6RFG Datasheet(HTML) 4 Page - Taiwan Semiconductor Company, Ltd

  TS19310ACX6RFG Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS19310ACX6RFG Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS19310ACX6RFG Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS19310ACX6RFG Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS19310ACX6RFG Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS19310ACX6RFG Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TS19310ACX6RFG Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd TS19310ACX6RFG Datasheet HTML 8Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
TS19310A/B
Single-Stage PFC
TRIAC Dimmable LED Driver
4/8
Version: A14
Function Block
Block Diagram
COM
OSC
One
shot
CT
Driver
OUT
S/H
CS
CSP
Multiply
DMG
DMG
TDIS
CLR
RST
SET_str
CLK
BG
VCC
GND
CLK
SR
Latch
S
R
Q
VREF
PRO
SCP, OCP
OVPA (VCC)
OVPS (OUT)
GM
SET_act
X
VREF
Phase
Angle
Decode
Pin Description
Pin No.
Name
Function
1
COM
Output pin of error amplifier.
2
GND
Ground return for all internal circuitry.
3
CS
Input current sense pin.
4
OUT
Power MOSFET output pin.
5
VCC
Power supply pin for all internal circuitry.
6
DMG
Zero current demagnetization sensing.


Similar Part No. - TS19310ACX6RFG

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TS19320CS TSC-TS19320CS Datasheet
295Kb / 2P
   Phase-Cut Dimmable Flyback or Buck-Boost Current Control with Active PFC for LED lighting
TS19340CS14 TSC-TS19340CS14 Datasheet
450Kb / 9P
   Secondary-Side Constant Current and Constant Voltage Controller with PWM / Linear Dimming
TS1935 TSC-TS1935 Datasheet
391Kb / 8P
   1.6MHz Boost Converter with 30V Internal FET Switch
TS1935B TSC-TS1935B Datasheet
84Kb / 6P
   1.9A / 1.2MHz Boost DC to Dc Converter
TS1935B TSC-TS1935B Datasheet
375Kb / 8P
   1.9A / 1.2MHz Boost DC to Dc Converter
More results

Similar Description - TS19310ACX6RFG

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP1690 DIODES-AP1690 Datasheet
388Kb / 9P
   SINGLE STAGE PRIMARY SIDE REGULATION PFC CONTROLLER FOR DIMMABLE LED DRIVER
AL1692K DIODES-AL1692K Datasheet
977Kb / 14P
   TRIAC DIMMABLE LED DRIVER
Rev. 2 - 2 December 2022
logo
Dialog Semiconductor
IW3636 DIALOG-IW3636 Datasheet
432Kb / 6P
   Single-Stage LED Driver with PFC
logo
Texas Instruments
LM3445MM TI-LM3445MM Datasheet
1Mb / 39P
[Old version datasheet]   Triac Dimmable Offline LED Driver
logo
Cirrus Logic
CS1610 APEX-CS1610 Datasheet
274Kb / 17P
   TRIAC Dimmable LED Driver IC
logo
National Semiconductor ...
LM3445 NSC-LM3445 Datasheet
1Mb / 26P
   Triac Dimmable Offline LED Driver
logo
Cirrus Logic
CS1610A CIRRUS-CS1610A Datasheet
264Kb / 18P
   TRIAC Dimmable LED Driver IC
logo
Global Mixed-mode Techn...
G5345 GMT-G5345 Datasheet
58Kb / 1P
   Triac Dimmable Offline LED Driver
logo
Texas Instruments
LM3445 TI1-LM3445_15 Datasheet
1Mb / 42P
[Old version datasheet]   TRIAC Dimmable Offline LED Driver
logo
TE Connectivity Ltd
SSL-18W TEC-SSL-18W Datasheet
605Kb / 2P
   18W Triac Dimmable LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com