Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS19601 Datasheet(PDF) 4 Page - Taiwan Semiconductor Company, Ltd

Part # TS19601
Description  700mA High Voltage Adjustable Current Regulator With Enable Control
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS19601 Datasheet(HTML) 4 Page - Taiwan Semiconductor Company, Ltd

  TS19601_15 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS19601_15 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS19601_15 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS19601_15 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS19601_15 Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS19601_15 Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TS19601_15 Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd TS19601_15 Datasheet HTML 8Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
TS19601
700mA High Voltage Adjustable Current Regulator
With Enable Control
4/8
Version: C14
Application Information
TS19601 is a high voltage, low dropout current regulator for maximum output current up to 700mA with OE pin
control. The current could be linearly adjusted through variable resister connected to ISET pin, or by PWM control
via OE pin. Although the absolute maximum rating of OUT pin 75V, the dropout voltage between OUT pin and
GND pin should not be too large when current is sinking because of the thermal dissipation capability of the
package.
Here are some of the typical application examples:
DC Voltage Input
Any DC voltage level between 5V to 50V could be adopted as power source VDD for typical application of
TS19601 as long as VDD is larger than the total forward voltage drop of the LED string (at expecting current) by
0.35V. If 50V ~ 60V voltage level is adopted as power source to positive end of the LED string, one Zener shunt
regulator could be used to provide appropriate voltage to VDD pin.


Similar Part No. - TS19601_15

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TS19601CP5RO TSC-TS19601CP5RO Datasheet
220Kb / 8P
   700mA High Voltage Adjustable Current Regulator With Enable Control
More results

Similar Description - TS19601_15

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TS19601 TSC-TS19601 Datasheet
220Kb / 8P
   700mA High Voltage Adjustable Current Regulator With Enable Control
logo
ADDtek Corp
AMC7140 ADDTEK-AMC7140 Datasheet
199Kb / 9P
   700mA HIGH VOLTAGE ADJUSTABLE CURRENT REGULATOR WITH ENABLE CONTROL
APRIL 2007
logo
National Semiconductor ...
LP3994 NSC-LP3994 Datasheet
253Kb / 12P
   50mA CMOS Voltage Regulator with Enable Control
logo
Richtek Technology Corp...
RT9043GB RICHTEK-RT9043GB Datasheet
196Kb / 8P
   Adjustable Output Voltage, Enable/Shutdown Control
logo
SHANGHAI BELLING CO., L...
BL317B BELLING-BL317B Datasheet
259Kb / 10P
   HIGH CURRENT ADJUSTABLE VOLTAGE REGULATOR
BL317BT BELLING-BL317BT Datasheet
259Kb / 10P
   HIGH CURRENT ADJUSTABLE VOLTAGE REGULATOR
logo
Tiger Electronic Co.,Lt...
LM317EMP TGS-LM317EMP Datasheet
406Kb / 7P
   HIGH CURRENT ADJUSTABLE VOLTAGE REGULATOR
logo
AiT Semiconductor Inc.
A6700 AITSEMI-A6700 Datasheet
719Kb / 11P
   LOW DROPOUT VOLTAGE REGULATOR 700mA CMOS LOW NOISE WITH ENABLE PIN
REV1.4
logo
Richtek Technology Corp...
RT9179A RICHTEK-RT9179A Datasheet
267Kb / 11P
   Adjustable, 500mA LDO Regulator with Enable
RT9179 RICHTEK-RT9179 Datasheet
163Kb / 10P
   Adjustable, 300mA LDO Regulator with Enable
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com