Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS19720CX6RFG Datasheet(PDF) 5 Page - Taiwan Semiconductor Company, Ltd

Part # TS19720CX6RFG
Description  Signal-Stage PFC Buck Current Control LED Driver
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS19720CX6RFG Datasheet(HTML) 5 Page - Taiwan Semiconductor Company, Ltd

  TS19720CX6RFG Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS19720CX6RFG Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS19720CX6RFG Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS19720CX6RFG Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS19720CX6RFG Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS19720CX6RFG Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TS19720CX6RFG Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
TS19720
Taiwan Semiconductor
Document Number: DS_P0000210
5
Version: B15
APPLICATION INFORMATION
Start-up Current
The typical start-up current is around 45µA. Very low start-up current allows the PWM controller to increase the
value of start-up resistor and then reduce the power dissipation.
Under Voltage Lockout (UVLO)
A hysteresis UVLO comparator is implemented in TS19720. The turn-on and turn-off thresholds level are fixed at
17.5V and 8V respectively. This hysteresis shown in Fig.3 ensures that the start-up capacitor will be adequate to
supply the chip during start-up. For quick start-up of the LED driver, the start-up resistor should be matched with
the start-up capacitor.
Leading-Edge Blanking (LEB)
Each time the power MOSFET is switched on, a turn-on spike will inevitably occur at the sense resistor. To avoid
fault trigger, a 400ns leading-edge blanking time is built in. Conventional RC filtering can therefore be omitted.
During this blanking period, the current-limit comparator is disabled and cannot switch off the gate driver.
Gate Clamp
Driver is clamped to 12.5V by an internal clamping circuit to avoid the Gate of MOSFET to get damaged.
Over Current Protection (OCP)
The TS19720 has built-in cycle by cycle over current protection function on CS pin. As the CS pin voltage is larger
than VOCP (1.4V), the gate output will be turned off immediately to avoid the driver board to be burned out.
Over Voltage Protection (OVP) on VCC
To prevent the LED driver from being damaged, the TS19720 has an implemented OVP function on VCC. When the
VCC voltage is higher than the VOVP (31V), the output gate driver circuit will be shut down immediately to stop the
switching of power MOSFET. The VCC pin OVP function is an auto recovery type protection. If the OVP condition
happens, the pulses will be stopped until the VCC pin voltage is down to the UVLO off level. The TS19720 is
working in an auto-recovery mode as shown in Fig. 4.
Fig. 4
Fig.3


Similar Part No. - TS19720CX6RFG

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TS19721A TSC-TS19721A Datasheet
205Kb / 7P
   Integrated 700V Power MOSFET
TS19721D TSC-TS19721D Datasheet
226Kb / 7P
   Integrated 600V Power MOSFET
More results

Similar Description - TS19720CX6RFG

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TS19705CX6 TSC-TS19705CX6 Datasheet
244Kb / 8P
   Single Stage Flyback or Buck-Boost Current Control with Active PFC for LED lighting
TS19751ACS TSC-TS19751ACS Datasheet
335Kb / 7P
   Single-Stage Buck Current Control LED Driver with High Voltage MOSFET Integrated
TS19704 TSC-TS19704 Datasheet
160Kb / 7P
   Single-Stage Primary-Side Control with High PFC LED Driver
logo
SHANGHAI BELLING CO., L...
BL8345C BELLING-BL8345C Datasheet
325Kb / 7P
   High PFC BUCK LED Driver
BL8345B BELLING-BL8345B Datasheet
325Kb / 7P
   High PFC BUCK LED Driver
logo
Dialog Semiconductor
IW3636 DIALOG-IW3636 Datasheet
432Kb / 6P
   Single-Stage LED Driver with PFC
logo
Texas Instruments
TPS92074 TI1-TPS92074 Datasheet
954Kb / 24P
[Old version datasheet]   Non-Isolated, Buck PFC LED Driver with Digital Reference Control
logo
Excelliance MOS Corp.
EM8822A EXCELLIANCE-EM8822A Datasheet
493Kb / 9P
   Single stage Buck/Buck-Boost PFC Controller for LED Lighting
logo
Taiwan Semiconductor Co...
TS19730 TSC-TS19730 Datasheet
361Kb / 7P
   Single-Stage Low THD Buck-Boost PWM Control LED Driver
TS19310 TSC-TS19310 Datasheet
423Kb / 8P
   Single-Stage PFC TRIAC Dimmable LED Driver
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com