Electronic Components Datasheet Search |
|
UPD75P308 Datasheet(PDF) 5 Page - NEC |
|
UPD75P308 Datasheet(HTML) 5 Page - NEC |
5 / 34 page µPD75P308 5 E-B P00 Input INT4 P01 Input/Output SCK P02 Input/Output SO/SB0 P03 Input/Output SI/SBI P10 INT0 P11 INT1 P12 INT2 P13 TI0 P20 PTO0 P21 — P22 PCL P23 BUZ P30*2 P31*2 P32*2 MD2 P33*2 MD3 P40-43*2 Input/Output — P50-P53*2 Input/Output — P60 KR0 P61 KR1 P62 KR2 P63 KR3 P70 KR4 P71 KR5 P72 KR6 P73 KR7 BP0 S24 BP1 S25 BP2 S26 BP3 S27 BP4 S28 BP5 S29 BP6 S30 BP7 S31 1. PIN FUNCTIONS 1.1 PORT PINS 4-bit input port (PORT0) Pull-up resistors can be specified in 3-bit units for the P01 to P03 pins by software. Input Input/ Output Circuit TYPE*1 Pin Name Input/Output Function 8-Bit I/O When Reset Also Served As F -A F -B B M -C Input X Input X 4-bit input/output port (PORT2) Internal pull-up resistors can be specified in 4-bit units by software. Input X E-B Input X MD0 LCDCL SYNC MD1 M-A M-A q q High impedance High impedance 4-bit input/output port (PORT7) Internal pull-up resistors can be specified in 4-bit units by software. q q Input Input 1-bit output port (BIT PORT) Shared with a segment output pin. G-C *3 X F -A F -A Input/Output Input/Output Output Output Input/Output Input/Output With noise elimination function 4-bit input port (PORT1) Internal pull-up resistors can be specified in 4-bit units by software. 5 Programmable 4-bit input/output port (PORT3) This port can be specified for input/output in bit units. Internal pull-up resistors can be specified in 4-bit units by software. N-ch open-drain 4-bit input/output port (PORT4) Data input/output pin for writing and verifying of program memory (PROM) (lower 4 bits) N-ch open-drain 4-bit input/output port (PORT5) Data input/output pin for writing and verifying of program memory (PROM) (upper 4 bits) Programmable 4-bit input/output port (PORT6) This port can be specified for input/output in bit units. Internal pull-up resistors can be specified in 4-bit units by software. *1: Circles indicate schmitt trigger inputs. 2: Can directly drive LED. 3: For BP0-7, VLC1 indicated below are selected as the input source. However, the output level is changed depending on BP0-7 and the VLC1 external circuits. B -C |
Similar Part No. - UPD75P308 |
|
Similar Description - UPD75P308 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |