Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC3605 Datasheet(PDF) 10 Page - Linear Technology

Part # LTC3605
Description  15V, 5A Synchronous Step-Down Regulator
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3605 Datasheet(HTML) 10 Page - Linear Technology

Back Button LTC3605_15 Datasheet HTML 6Page - Linear Technology LTC3605_15 Datasheet HTML 7Page - Linear Technology LTC3605_15 Datasheet HTML 8Page - Linear Technology LTC3605_15 Datasheet HTML 9Page - Linear Technology LTC3605_15 Datasheet HTML 10Page - Linear Technology LTC3605_15 Datasheet HTML 11Page - Linear Technology LTC3605_15 Datasheet HTML 12Page - Linear Technology LTC3605_15 Datasheet HTML 13Page - Linear Technology LTC3605_15 Datasheet HTML 14Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
LTC3605
10
3605fd
For more information www.linear.com/LTC3605
Minimum Off-Time and Minimum On-Time
Considerations
The minimum off-time, tOFF(MIN), is the smallest amount
of time that the LTC3605 is capable of turning on the bot-
tom power MOSFET, tripping the current comparator and
turning the power MOSFET back off. This time is generally
about 70ns. The minimum off-time limit imposes a maxi-
mum duty cycle of tON/(tON + tOFF(MIN)). If the maximum
duty cycle is reached, due to a dropping input voltage for
example, then the output will drop out of regulation. The
minimum input voltage to avoid dropout is:
VIN(MIN) = VOUT
tON + tOFF(MIN)
tON
Conversely, the minimum on-time is the smallest dura-
tion of time in which the top power MOSFET can be in
its “on” state. This time is typically 40ns. In continuous
mode operation, the minimum on-time limit imposes a
minimum duty cycle of:
DCMIN = f • tON(MIN)
where tON(MIN) is the minimum on-time. As the equation
shows, reducing the operating frequency will alleviate the
minimum duty cycle constraint.
In the rare cases where the minimum duty cycle is
surpassed, the output voltage will still remain in regula-
tion, but the switching frequency will decrease from its
programmed value. This is an acceptable result in many
applications, so this constraint may not be of critical
importance in most cases. High switching frequencies
may be used in the design without any fear of severe
consequences. As the sections on inductor and capacitor
selection show, high switching frequencies allow the use
of smaller board components, thus reducing the size of
the application circuit.
CIN and COUT Selection
The input capacitance, CIN, is needed to filter the trapezoi-
dal wave current at the drain of the top power MOSFET.
To prevent large voltage transients from occurring, a low
ESR input capacitor sized for the maximum RMS current
should be used. The maximum RMS current is given by:
IRMS ≅IOUT(MAX)
VOUT
VIN
VIN
VOUT
– 1
This formula has a maximum at VIN = 2VOUT, where
IRMS ≅ IOUT/2. This simple worst-case condition is com-
monly used for design because even significant deviations
do not offer much relief. Note that ripple current ratings
from capacitor manufacturers are often based on only
2000 hours of life which makes it advisable to further
derate the capacitor, or choose a capacitor rated at a
higher temperature than required.
Several capacitors may also be paralleled to meet size or
height requirements in the design. For low input voltage
applications, sufficient bulk input capacitance is needed
to minimize transient effects during output load changes.
The selection of COUT is determined by the effective series
resistance(ESR)thatisrequiredtominimizevoltageripple
and load step transients as well as the amount of bulk
capacitance that is necessary to ensure that the control
loop is stable. Loop stability can be checked by viewing
the load transient response. The output ripple, DVOUT, is
determined by:
DVOUT < DIL
1
8 • f • COUT
+ESR
The output ripple is highest at maximum input voltage
since DIL increases with input voltage. Multiple capaci-
tors placed in parallel may be needed to meet the ESR
and RMS current handling requirements. Dry tantalum,
special polymer, aluminum electrolytic, and ceramic
capacitors are all available in surface mount packages.
Special polymer capacitors are very low ESR but have
lower capacitance density than other types. Tantalum
capacitors have the highest capacitance density but it is
important to only use types that have been surge tested
foruseinswitchingpowersupplies.Aluminumelectrolytic
capacitors have significantly higher ESR, but can be used
in cost-sensitive applications provided that consideration
is given to ripple current ratings and long-term reliability.
Ceramic capacitors have excellent low ESR characteristics
and small footprints. Their relatively low value of bulk
capacitance may require multiples in parallel.
operaTion


Similar Part No. - LTC3605_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3605A LINER-LTC3605A Datasheet
240Kb / 16P
   17V, 1A Synchronous Step-Down Regulator with 3.5關A Quiescent Current
LTC3605A LINER-LTC3605A Datasheet
627Kb / 28P
   Dual Channel 3A, 20V Monolithic Synchronous Step-Down Regulator
LTC3605A LINER-LTC3605A Datasheet
637Kb / 28P
   Dual Channel 3A, 20V Monolithic Synchronous Step-Down Regulator
LTC3605A LINER-LTC3605A Datasheet
1Mb / 24P
   A 7-Bit Current DAC with PMBus Interface
logo
Analog Devices
LTC3605A AD-LTC3605A Datasheet
1Mb / 20P
   Quad 17V, 1.25A Parallelable Synchronous Step-Down Regulator with Ultralow Quiescent Current
More results

Similar Description - LTC3605_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3601 LINER-LTC3601_15 Datasheet
328Kb / 26P
   1.5A, 15V Monolithic Synchronous Step-Down Regulator
LTC3605A LINER-LTC3605A_15 Datasheet
372Kb / 22P
   20V, 5A Synchronous Step-Down Regulator
LTC3603 LINER-LTC3603_15 Datasheet
283Kb / 22P
   2.5A, 15V Monolithic Synchronous Step-Down Regulator
LTC3601 LINER-LTC3601 Datasheet
330Kb / 24P
   1.5A, 15V Monolithic Synchronous Step-Down Regulator
LTC3603 LINER-LTC3603 Datasheet
219Kb / 22P
   2.5A, 15V Monolithic Synchronous Step-Down Regulator
LTC3623 LINER-LTC3623 Datasheet
496Kb / 8P
   15V, 짹5A Monolithic Synchronous Step-Down Regulator
LTC3604 LINER-LTC3604 Datasheet
283Kb / 24P
   2.5A, 15V Monolithic Synchronous Step-Down Regulator
LTC3604 LINER-LTC3604_15 Datasheet
287Kb / 24P
   2.5A, 15V Monolithic Synchronous Step-Down Regulator
LTC3607EUD LINER-LTC3607EUD Datasheet
428Kb / 8P
   Dual 600mA 15V Monolithic Synchronous Step-Down Regulator
LTC3633 LINER-LTC3633_15 Datasheet
406Kb / 28P
   Dual Channel 3A, 15V Monolithic Synchronous Step-Down Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com