Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC3605 Datasheet(PDF) 17 Page - Linear Technology

Part # LTC3605
Description  15V, 5A Synchronous Step-Down Regulator
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3605 Datasheet(HTML) 17 Page - Linear Technology

Back Button LTC3605_15 Datasheet HTML 13Page - Linear Technology LTC3605_15 Datasheet HTML 14Page - Linear Technology LTC3605_15 Datasheet HTML 15Page - Linear Technology LTC3605_15 Datasheet HTML 16Page - Linear Technology LTC3605_15 Datasheet HTML 17Page - Linear Technology LTC3605_15 Datasheet HTML 18Page - Linear Technology LTC3605_15 Datasheet HTML 19Page - Linear Technology LTC3605_15 Datasheet HTML 20Page - Linear Technology LTC3605_15 Datasheet HTML 21Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 22 page
background image
LTC3605
17
3605fd
For more information www.linear.com/LTC3605
Typical applicaTions
12V to 1.2V 1MHz Buck Regulator
CLKIN
RT
24
1
2
3
4
5
6
23
C1
2.2µF
CIN
22µF
×2
0.1µF
VIN
4V TO 15V
VOUT
1.2V
5A
0.1µF
COUT
47µF
×2
0.1µF
10pF
330pF
22
21
D1
20
19
10
18
17
16
L1 0.68µH
15
14
13
7
8
100k
C1: AVX 0805ZD225MAT2A
CIN: TDK C4532X5RIC226M
COUT: TDK C3216X5ROJ476M
D1: CENTRAL SEMI CMDSH-3
L1: VISHAY IHLP-2525CZERR68-M01
162k
12k
4.99k
4.99k
3605 TA02
9
10
11
12
SGND
PGND
PHMODE
MODE
FB
TRACK/SS
ITH
PVIN
PVIN
SW
SW
SW
SW
CLKOUT SGND
LTC3605
INTVCC BOOST SVIN
RUN
SVIN
PGOOD VON PGND
SW
SW


Similar Part No. - LTC3605_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3605A LINER-LTC3605A Datasheet
240Kb / 16P
   17V, 1A Synchronous Step-Down Regulator with 3.5關A Quiescent Current
LTC3605A LINER-LTC3605A Datasheet
627Kb / 28P
   Dual Channel 3A, 20V Monolithic Synchronous Step-Down Regulator
LTC3605A LINER-LTC3605A Datasheet
637Kb / 28P
   Dual Channel 3A, 20V Monolithic Synchronous Step-Down Regulator
LTC3605A LINER-LTC3605A Datasheet
1Mb / 24P
   A 7-Bit Current DAC with PMBus Interface
logo
Analog Devices
LTC3605A AD-LTC3605A Datasheet
1Mb / 20P
   Quad 17V, 1.25A Parallelable Synchronous Step-Down Regulator with Ultralow Quiescent Current
More results

Similar Description - LTC3605_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3601 LINER-LTC3601_15 Datasheet
328Kb / 26P
   1.5A, 15V Monolithic Synchronous Step-Down Regulator
LTC3605A LINER-LTC3605A_15 Datasheet
372Kb / 22P
   20V, 5A Synchronous Step-Down Regulator
LTC3603 LINER-LTC3603_15 Datasheet
283Kb / 22P
   2.5A, 15V Monolithic Synchronous Step-Down Regulator
LTC3601 LINER-LTC3601 Datasheet
330Kb / 24P
   1.5A, 15V Monolithic Synchronous Step-Down Regulator
LTC3603 LINER-LTC3603 Datasheet
219Kb / 22P
   2.5A, 15V Monolithic Synchronous Step-Down Regulator
LTC3623 LINER-LTC3623 Datasheet
496Kb / 8P
   15V, 짹5A Monolithic Synchronous Step-Down Regulator
LTC3604 LINER-LTC3604 Datasheet
283Kb / 24P
   2.5A, 15V Monolithic Synchronous Step-Down Regulator
LTC3604 LINER-LTC3604_15 Datasheet
287Kb / 24P
   2.5A, 15V Monolithic Synchronous Step-Down Regulator
LTC3607EUD LINER-LTC3607EUD Datasheet
428Kb / 8P
   Dual 600mA 15V Monolithic Synchronous Step-Down Regulator
LTC3633 LINER-LTC3633_15 Datasheet
406Kb / 28P
   Dual Channel 3A, 15V Monolithic Synchronous Step-Down Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com