Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TG0005C Datasheet(PDF) 1 Page - Solid States Devices, Inc

Part # TG0005C
Description  saturation ultrafast IGBT
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

TG0005C Datasheet(HTML) 1 Page - Solid States Devices, Inc

  TG0005C_15 Datasheet HTML 1Page - Solid States Devices, Inc TG0005C_15 Datasheet HTML 2Page - Solid States Devices, Inc TG0005C_15 Datasheet HTML 3Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
NOTE: All specifications are subject to change without notification.
SCD's for these devices should be reviewed by SSDI prior to release.
DATA SHEET #: TG0005C
DOC
Solid State Devices, Inc.
14701 Firestone Blvd * La Mirada, Ca 90638
Phone: (562) 404-4474 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
DESIGNER’S DATA SHEET
Part Number/Ordering Information
1/
SSG55N60 ___ ___
Screening
2/
__ = Not Screened
TX = TX Level
TXV = TXV
S = S Level
Package Type
M = TO-254
Z = TO-254Z
N = TO-258
P = TO-259
/3 = TO-3
SSG55N60 series
55 AMP /600 Volts
1.65 V saturation
ultrafast IGBT
Features:
Lowest ON-resistance in the industry
Hermetically Sealed, Isolated Package
Low Total Gate Charge
Fast Switching
TX, TXV, S-Level screening available
Maximum Ratings
Symbol
Value
Units
Collector – Emitter Breakdown Voltage
VCES
600
V
Gate – Emitter Voltage
VGE
±20
V
Max. Continuous Collector Current
@ TC = 25ºC
@ TC = 100ºC
ID1
ID2
55
27
A
Max. Instantaneous Drain Current (Tj limited)
@ TC = 25ºC
ID3
200
A
Clamped Inductive Load current
L= 10 uH
ILM
200
A
Repetitive Reverse Voltage Avalanche Energy
Limited by Tj max
EARV
20
mJ
Total Power Dissipation
@ TC = 25ºC
PD
195
W
Operating & Storage Temperature
TOP & TSTG
-55 to +150
ºC
Maximum Thermal Resistance (Junction to Case)
R0JC
0.64 (typ 0.35)
ºC/W
TO-254 (M)
TO-254Z (Z)
TO-258 (N)
TO-259 (P)
TO-3 (/3)
NOTES: *Pulse Test: Pulse Width = 300µsec, Duty Cycle = 2%.
1/ For ordering information, price, and availability - contact factory.
2/ Screening based on MIL-PRF-19500. Screening flows available on request.
3/ Unless otherwise specified, all electrical characteristics @25
oC.


Similar Part No. - TG0005C_15

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
TG0005C SSDI-TG0005C Datasheet
201Kb / 3P
   ultrafast IGBT
More results

Similar Description - TG0005C_15

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SSG55N60 SSDI-SSG55N60_1 Datasheet
160Kb / 3P
   1.65 V saturation ultrafast IGBT
SSG55N60 SSDI-SSG55N60 Datasheet
64Kb / 2P
   55 AMP /600 Volts 1.65 V saturation ultrafast IGBT
logo
Fairchild Semiconductor
SGH80N60UFD FAIRCHILD-SGH80N60UFD Datasheet
645Kb / 8P
   Ultrafast IGBT
SGH80N60UFDTU FAIRCHILD-SGH80N60UFDTU Datasheet
701Kb / 8P
   Ultrafast IGBT
FGA40N60UFD FAIRCHILD-FGA40N60UFD Datasheet
577Kb / 8P
   Ultrafast IGBT
SGL160N60UFD FAIRCHILD-SGL160N60UFD Datasheet
662Kb / 8P
   Ultrafast IGBT
logo
Solid States Devices, I...
TG0005C SSDI-TG0005C Datasheet
201Kb / 3P
   ultrafast IGBT
logo
Fairchild Semiconductor
SGM2N60UF FAIRCHILD-SGM2N60UF Datasheet
537Kb / 7P
   Ultrafast IGBT
FGAF40N60UF FAIRCHILD-FGAF40N60UF Datasheet
494Kb / 7P
   Ultrafast IGBT
FGAF40N60UFD FAIRCHILD-FGAF40N60UFD Datasheet
583Kb / 8P
   Ultrafast IGBT
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com