Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

QSBT40 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # QSBT40
Description  QUAD DATA LINE SCHOTTKY BUS TERMINATOR
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

QSBT40 Datasheet(HTML) 2 Page - Diodes Incorporated

  QSBT40_15 Datasheet HTML 1Page - Diodes Incorporated QSBT40_15 Datasheet HTML 2Page - Diodes Incorporated QSBT40_15 Datasheet HTML 3Page - Diodes Incorporated QSBT40_15 Datasheet HTML 4Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
QSBT40
Document number: DS30195 Rev. 16 - 2
2 of 4
www.diodes.com
September 2012
© Diodes Incorporated
QSBT40
Maximum Ratings (@TA = +25°C, unless otherwise specified.)
Single phase, half wave, 60Hz, resistive or inductive load.
For capacitance load, derate current by 20%.
Characteristic
Symbol
Value
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
30
V
Forward Continuous Current (Note 6)
IFM
200
mA
Non-Repetitive Peak Forward Surge Current @ t < 1.0s
IFSM
600
mA
Thermal Characteristics
Characteristic
Symbol
Value
Unit
Power Dissipation (Note 6)
PD
200
mW
Thermal Resistance Junction to Ambient Air (Note 6)
RθJA
625
°C/W
Operating Temperature Range
TJ
-55 to +125
°C
Storage Temperature Range
TSTG
-65 to +125
°C
Electrical Characteristics (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
Reverse Breakdown Voltage (Note 7)
V(BR)R
30
V
IR = 100μA
Forward Voltage
VF
280
350
450
550
1000
mV
IF = 0.1mA, tp < 300µS
IF = 1.0mA, tp < 300µS
IF = 10mA, tp < 300µS
IF = 30mA, tp < 300µS
IF = 100mA, tp < 300µS
Reverse Current (Note 7)
IR
2
μA
VR = 25V
Total Capacitance
CT
10.0
6.5
pF
VR = 0, f = 1.0MHz (Note 8)
VR = 0, f = 1.0MHZ (Note 9)
Reverse Recovery Time
trr
5.0
ns
IF = IR = 10mA,
Irr = 0.1 x IR, RL = 100Ω
Notes:
6. Device mounted on FR-4 PCB, 1 inch x 0.85 inch x 0.062 inch; pad layout as shown on Diodes Inc. suggested pad layout document AP02001, which
can be found on our website at http://www.diodes.com.
7. Short duration pulse test used to minimize self-heating effect.
8. At VR = 0V, DL(X) to VCC or GND.
9. At VR = 0V, between Data Lines (e.g., DL1 and DL4).
0
50
25
50
75
100
125
150
175
200
T , AMBIENT TEMPERATURE (°C)
Fig. 1 Max Power Dissipation vs. Ambient Temperature
A
100
150
200
0


Similar Part No. - QSBT40_15

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
QSBT40 DIODES-QSBT40_1 Datasheet
72Kb / 3P
   QUAD DATA LINE SCHOTTKY BUS TERMINATOR
DS30195 Rev. 12 - 2
More results

Similar Description - QSBT40_15

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
QSBT40 DIODES-QSBT40 Datasheet
51Kb / 2P
   QUAD DATA LINE SCHOTTKY BUS TERMINATOR
DS30195 Rev. 7 - 2
QSBT40 DIODES-QSBT40_1 Datasheet
72Kb / 3P
   QUAD DATA LINE SCHOTTKY BUS TERMINATOR
DS30195 Rev. 12 - 2
logo
Pan Jit International I...
PJ4L40 PANJIT-PJ4L40 Datasheet
132Kb / 3P
   QUAD SCHOTTKY DATA LINE BUS TERMINATOR
PJ4L40W6 PANJIT-PJ4L40W6_16 Datasheet
132Kb / 5P
   QUAD SCHOTTKY DATA LINE BUS TERMINATOR
logo
Diodes Incorporated
QSBT40 DIODES-QSBT40_08 Datasheet
106Kb / 3P
   QUAD DATA LINE SCHOTTKY BUS TERMINATOR
Rev. 15 - 2 May 2008
logo
Pan Jit International I...
PJ4L40 PANJIT-PJ4L40_08 Datasheet
150Kb / 3P
   QUAD SCHOTTKY DATA LINE BUS TERMINATOR
PJ4L40 PANJIT-PJ4L40_16 Datasheet
588Kb / 6P
   QUAD SCHOTTKY DATA LINE BUS TERMINATOR
PJ4L40W6 PANJIT-PJ4L40W6 Datasheet
132Kb / 5P
   QUAD SCHOTTKY DATA LINE BUS TERMINATOR
logo
Schneider Electric
TM7ACTLA SCHNEIDER-TM7ACTLA Datasheet
71Kb / 1P
   line terminator TM7 - M12 - bus CANopen
logo
Murata Power Solutions ...
1600 MURATA-PS-1600 Datasheet
95Kb / 2P
   Quad Data-bus Isolators
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com