Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

QSBT40-7-F Datasheet(PDF) 1 Page - Diodes Incorporated

Part # QSBT40-7-F
Description  QUAD DATA LINE SCHOTTKY BUS TERMINATOR
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

QSBT40-7-F Datasheet(HTML) 1 Page - Diodes Incorporated

  QSBT40-7-F Datasheet HTML 1Page - Diodes Incorporated QSBT40-7-F Datasheet HTML 2Page - Diodes Incorporated QSBT40-7-F Datasheet HTML 3Page - Diodes Incorporated QSBT40-7-F Datasheet HTML 4Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
QSBT40
Document number: DS30195 Rev. 16 - 2
1 of 4
www.diodes.com
September 2012
© Diodes Incorporated
QSBT40
QUAD DATA LINE SCHOTTKY BUS TERMINATOR
Features
Low Forward Voltage Drop
Fast Switching
Very High Density
Ultra-Small Surface Mount Package PN Junction Guard Ring
for Transient and ESD Protection
Provide Transient Protection for High-Speed Data Lines in
Accordance With:
IEC61000-4-2 (ESD) 15kV (Air), 8kV (Contact)
IEC61000-4-4 (EFT) 80A (tp = 5/50 ns)
IEC61000-4-5 (Lightning) Class 3
Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
Halogen and Antimony Free. “Green” Device (Notes 3 & 4)
Mechanical Data
Case: SOT363
Case Material: Molded Plastic. UL Flammability Classification
Rating 94V-0
Moisture Sensitivity: Level 1 per J-STD-020
Terminals: Lead Free Plating (Matte Tin Finish annealed over
Alloy 42 leadframe). Solderable per MIL-STD-202, Method 208
Polarity: See Diagram
Weight: 0.006 grams (approximate)
Ordering Information (Note 5)
Part Number
Case
Packaging
QSBT40-7-F
SOT363
3000/Tape & Reel
QSBT40-13-F
SOT363
10000/Tape & Reel
Notes:
1. No purposely added lead. Fully EU Directive 2002/95/EC (RoHS) & 2011/65/EU (RoHS 2) compliant.
2. See http://www.diodes.com for more information about Diodes Incorporated’s definitions of Halogen- and Antimony-free, "Green" and Lead-free.
 
3. Halogen- and Antimony-free "Green” products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl) and
<1000ppm antimony compounds.
4. Product manufactured with Date Code UO (week 40, 2007) and newer are built with Green Molding Compound. Product manufactured prior to Date
Code UO are built with Non-Green Molding Compound and may contain Halogens or Sb2O3 Fire Retardants.
5. For packaging details, go to our website at http://www.diodes.com.
Marking Information
Date Code Key
Year
2001
2002
2003
2004
2011
2012
2013
2014
2015
2016
2017
Code
M
N
P
R
Y
Z
A
B
C
D
E
Month
Jan
Feb
Mar
Apr
May
Jun
Jul
Aug
Sep
Oct
Nov
Dec
Code
1
2
3
4
5
6
7
8
9
O
N
D
Top View
Device Schematic
DL2
DL1
GND
V
CC
DL3
DL4
KST = Product Type Marking Code
YM = Date Code Marking
Y = Year (ex: N = 2002)
M = Month (ex: 9 = September)
KST
SOT363


Similar Part No. - QSBT40-7-F

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
QSBT40-7-F DIODES-QSBT40-7-F Datasheet
72Kb / 3P
   QUAD DATA LINE SCHOTTKY BUS TERMINATOR
DS30195 Rev. 12 - 2
QSBT40-7-F DIODES-QSBT40-7-F Datasheet
106Kb / 3P
   QUAD DATA LINE SCHOTTKY BUS TERMINATOR
Rev. 15 - 2 May 2008
More results

Similar Description - QSBT40-7-F

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
QSBT40 DIODES-QSBT40 Datasheet
51Kb / 2P
   QUAD DATA LINE SCHOTTKY BUS TERMINATOR
DS30195 Rev. 7 - 2
QSBT40 DIODES-QSBT40_1 Datasheet
72Kb / 3P
   QUAD DATA LINE SCHOTTKY BUS TERMINATOR
DS30195 Rev. 12 - 2
logo
Pan Jit International I...
PJ4L40 PANJIT-PJ4L40 Datasheet
132Kb / 3P
   QUAD SCHOTTKY DATA LINE BUS TERMINATOR
PJ4L40W6 PANJIT-PJ4L40W6_16 Datasheet
132Kb / 5P
   QUAD SCHOTTKY DATA LINE BUS TERMINATOR
logo
Diodes Incorporated
QSBT40 DIODES-QSBT40_08 Datasheet
106Kb / 3P
   QUAD DATA LINE SCHOTTKY BUS TERMINATOR
Rev. 15 - 2 May 2008
logo
Pan Jit International I...
PJ4L40 PANJIT-PJ4L40_08 Datasheet
150Kb / 3P
   QUAD SCHOTTKY DATA LINE BUS TERMINATOR
PJ4L40 PANJIT-PJ4L40_16 Datasheet
588Kb / 6P
   QUAD SCHOTTKY DATA LINE BUS TERMINATOR
PJ4L40W6 PANJIT-PJ4L40W6 Datasheet
132Kb / 5P
   QUAD SCHOTTKY DATA LINE BUS TERMINATOR
logo
Schneider Electric
TM7ACTLA SCHNEIDER-TM7ACTLA Datasheet
71Kb / 1P
   line terminator TM7 - M12 - bus CANopen
logo
Murata Power Solutions ...
1600 MURATA-PS-1600 Datasheet
95Kb / 2P
   Quad Data-bus Isolators
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com