Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSC148DCMRN Datasheet(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

Part # TSC148DCMRN
Description  High Voltage Fast-Switching NPN Power Transistor
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TSC148DCMRN Datasheet(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  TSC148DCMRN Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TSC148DCMRN Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TSC148DCMRN Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TSC148DCMRN Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TSC148DCMRN Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TSC148DCMRN Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TSC148DCMRN Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
TSC148D
High Voltage Fast-Switching
NPN Power Transistor
2/7
Version: D13
Thermal Performance
Parameter
Symbol
Limit
Unit
Thermal Resistance - Junction to Case
TO-220
JC
1.78
oC/W
ITO-220
5
TO-263-2L
1.78
Thermal Resistance - Junction to Ambient
TO-220
JA
62.5
oC/W
ITO-220
62.5
TO-263-2L
62.5
Electrical Specifications (Ta = 25
oC unless otherwise noted)
Parameter
Conditions
Symbol
Min
Typ
Max
Unit
Static
Collector-Base Voltage
IC = 1mA, IB = 0
BVCBO
700
--
--
V
Collector-Emitter Breakdown Voltage
a
IC = 1mA, IE = 0
BVCEO
400
--
--
V
Emitter-Base Breakdown Voltage
IE = 0.1mA, IC = 0
BVEBO
9
--
--
V
Collector Cutoff Current
VCB = 700V, IE = 0
ICBO
--
--
10
uA
Collector Cutoff Current
VCE = 400V, IE = 0
ICEO
--
--
100
uA
Emitter Cutoff Current
VEB = 9V, IC = 0
IEBO
--
--
100
uA
Collector-Emitter Saturation Voltage
a
IC =2A, IB =0.4A
VCE(SAT)1
--
--
0.8
V
IC =5A, IB =1A
VCE(SAT)2
--
--
1.5
IC =8A, IB =2A
VCE(SAT)3
--
--
2
Base-Emitter Saturation Voltage
a
IC =4A, IB =0.4A
VBE(SAT)1
--
--
1.2
V
IC =5A, IB =1A
VBE(SAT)2
--
--
1.6
DC Current Gain
VCE =5V, IC =2A
Hfe
18
--
40
VCE =5V, IC =5A
8
--
25
Diode Forward Voltage
If =3A
Vf
--
--
2
V
Resistive Load Switching Time (Ratings)
Turn On Time
VCC =125V, IC =5A,
IB1=IB2=1A,
tp =25uS
Duty Cycle<1%
tON
--
--
0.6
uS
Storage Time
tSTG
--
1.3
1.6
uS
Fall Time
tf
--
--
0.3
uS
Notes:
a. Pulsed duration = 300uS, duty cycle ≤2%


Similar Part No. - TSC148DCMRN

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TSC148DCI TSC-TSC148DCI Datasheet
319Kb / 6P
   High Voltage Fast-Switching NPN Power Transistor
TSC148DCZ TSC-TSC148DCZ Datasheet
319Kb / 6P
   High Voltage Fast-Switching NPN Power Transistor
More results

Similar Description - TSC148DCMRN

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
BUL312FP STMICROELECTRONICS-BUL312FP Datasheet
149Kb / 6P
   HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
BUL742 STMICROELECTRONICS-BUL742 Datasheet
112Kb / 5P
   HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
BULB39D STMICROELECTRONICS-BULB39D Datasheet
191Kb / 6P
   HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
August 2001
SGSIF464 STMICROELECTRONICS-SGSIF464 Datasheet
88Kb / 7P
   HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
STD83003 STMICROELECTRONICS-STD83003 Datasheet
299Kb / 8P
   HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
ST2001HI STMICROELECTRONICS-ST2001HI Datasheet
67Kb / 6P
   HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
ST83003 STMICROELECTRONICS-ST83003 Datasheet
258Kb / 7P
   HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
October 2002
BUL128 STMICROELECTRONICS-BUL128 Datasheet
79Kb / 7P
   HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
BUL138 STMICROELECTRONICS-BUL138 Datasheet
69Kb / 6P
   HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
BUL213 STMICROELECTRONICS-BUL213 Datasheet
71Kb / 6P
   HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
BUL39D STMICROELECTRONICS-BUL39D Datasheet
185Kb / 6P
   HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com