Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSC5802DCPROG Datasheet(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

Part # TSC5802DCPROG
Description  High Voltage Fast-Switching NPN Power Transistor
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TSC5802DCPROG Datasheet(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  TSC5802DCPROG Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TSC5802DCPROG Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TSC5802DCPROG Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TSC5802DCPROG Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TSC5802DCPROG Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TSC5802DCPROG Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
TSC5802D
Taiwan Semiconductor
Document Number: DS_P0000180
2
Version: B15
ELECTRICAL SPECIFICATIONS (T
A = 25°C unless otherwise noted)
PARAMETER
CONDITIONS
SYMBOL
MIN
TYP
MAX
UNIT
Collector-Base Voltage
IC =0.5mA
BVCBO
1050
--
--
V
Collector-Emitter Breakdown Voltage
IC =5mA
BVCEO
450
--
--
V
Emitter-Base Breakdown Voltage
IE =1mA
BVEBO
15
--
--
V
Collector Cutoff Current
VCE =400V, IB=0
ICEO
--
10
250
µA
Collector Cutoff Current
VCB =950V, IE =0
ICBO
--
--
10
µA
Collector-Emitter Saturation Voltage
IC=0.7A, IB =0.14A
VCE(SAT)1
---
--
0.5
V
Collector-Emitter Saturation Voltage
IC=2A, IB =0.6A
VCE(SAT)2
---
1.5
3.0
V
Base-Emitter Saturation Voltage
IC=2A, IB =0.6A
VBE(SAT)1
--
1.0
1.6
V
DC Current Gain
VCE =5V, IC =0.1A
hFE1
50
70
100
VCE =3V, IC =0.5A
hFE2
18
23
50
Diode Forward Voltage
IC=1A
VF
--
--
1.5
V
Rise Time
(Note 2)
VCC =5V, IC =0.5A
tr
--
--
1
µs
Storage Time
(Note 2)
tSTG
2.5
3
3.5
µs
Fall Time
(Note 2)
tf
--
--
1.2
µs
Repetitive Avalanche Energy
L=2mH
EAR
5
--
--
mJ
Notes:
1.
Pulse test:
≤380µs, duty cycle ≤ 2%
2.
For DESIGN AID ONLY, not subject to production testing.


Similar Part No. - TSC5802DCPROG

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TSC5802DCPROG TSC-TSC5802DCPROG Datasheet
144Kb / 5P
   High Voltage Fast-Switching NPN Power Transistor
More results

Similar Description - TSC5802DCPROG

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
BUL312FP STMICROELECTRONICS-BUL312FP Datasheet
149Kb / 6P
   HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
BUL742 STMICROELECTRONICS-BUL742 Datasheet
112Kb / 5P
   HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
BULB39D STMICROELECTRONICS-BULB39D Datasheet
191Kb / 6P
   HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
August 2001
SGSIF464 STMICROELECTRONICS-SGSIF464 Datasheet
88Kb / 7P
   HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
STD83003 STMICROELECTRONICS-STD83003 Datasheet
299Kb / 8P
   HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
ST2001HI STMICROELECTRONICS-ST2001HI Datasheet
67Kb / 6P
   HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
ST83003 STMICROELECTRONICS-ST83003 Datasheet
258Kb / 7P
   HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
October 2002
BUL128 STMICROELECTRONICS-BUL128 Datasheet
79Kb / 7P
   HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
BUL138 STMICROELECTRONICS-BUL138 Datasheet
69Kb / 6P
   HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
BUL213 STMICROELECTRONICS-BUL213 Datasheet
71Kb / 6P
   HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
BUL39D STMICROELECTRONICS-BUL39D Datasheet
185Kb / 6P
   HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com