Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSG40N120CE Datasheet(PDF) 3 Page - Taiwan Semiconductor Company, Ltd

Part # TSG40N120CE
Description  N-Channel IGBT with FRD
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TSG40N120CE Datasheet(HTML) 3 Page - Taiwan Semiconductor Company, Ltd

  TSG40N120CE Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TSG40N120CE Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TSG40N120CE Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TSG40N120CE Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TSG40N120CE Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TSG40N120CE Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TSG40N120CE Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd TSG40N120CE Datasheet HTML 8Page - Taiwan Semiconductor Company, Ltd TSG40N120CE Datasheet HTML 9Page - Taiwan Semiconductor Company, Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
TSG40N120CE
N-Channel IGBT with FRD.
3/10
Version: B12
Electrical Specifications of the DIODE (Tc=25
oC unless otherwise noted)
Parameter
Conditions
Symbol
Min
Typ
Max
Unit
Diode Forward Voltage
IF = 40A,
TJ=25
oC
VFM
--
2.8
--
V
TJ=125
oC
--
2.9
--
V
Reverse Recovery Time
IF = 40A,
dl/dt=200A/us
TJ=25
oC
tfr
--
220
--
ns
TJ=125
oC
--
3 10
--
Reverse Recovery Current
TJ=25
oC
Ifr
--
24
--
A
TJ=125
oC
--
36
--
Reverse Recovery Charge
TJ=25
oC
Qfr
--
2600
--
nC
TJ=125
oC
--
5580
--


Similar Part No. - TSG40N120CE

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TSG40N120 TSC-TSG40N120 Datasheet
661Kb / 10P
   N-Channel IGBT with FRD.
More results

Similar Description - TSG40N120CE

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TSG60N100CE TSC-TSG60N100CE Datasheet
431Kb / 9P
   N-Channel IGBT with FRD
TSG40N120 TSC-TSG40N120 Datasheet
661Kb / 10P
   N-Channel IGBT with FRD.
TSG25N120 TSC-TSG25N120 Datasheet
417Kb / 9P
   N-Channel IGBT with FRD
TSG25N120CN TSC-TSG25N120CN Datasheet
417Kb / 9P
   N-Channel IGBT with FRD.
TSG15N120CN TSC-TSG15N120CN Datasheet
450Kb / 9P
   N-Channel IGBT with FRD.
TSG60N100 TSC-TSG60N100 Datasheet
431Kb / 9P
   N-Channel IGBT with FRD.
TSG15N120 TSC-TSG15N120 Datasheet
450Kb / 9P
   N-Channel IGBT with FRD.
TSG25N120 TSC-TSG25N120 Datasheet
417Kb / 9P
   N-Channel IGBT with FRD.
logo
Advanced Power Electron...
AP30G120SW A-POWER-AP30G120SW Datasheet
93Kb / 3P
   N-CHANNEL INSULATED GATE BIPOLAR TRANSISTOR WITH FRD
AP05G120SW-HF A-POWER-AP05G120SW-HF Datasheet
59Kb / 3P
   N-CHANNEL INSULATED GATE BIPOLAR TRANSISTOR WITH FRD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com