Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1N4148W Datasheet(PDF) 1 Page - Rugao Dachang Electronics Co., Ltd

Part # 1N4148W
Description  Switching Diodes
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DACHANG [Rugao Dachang Electronics Co., Ltd]
Direct Link  http://www.dachang.com.cn
Logo DACHANG - Rugao Dachang Electronics Co., Ltd

1N4148W Datasheet(HTML) 1 Page - Rugao Dachang Electronics Co., Ltd

  1N4148W_15 Datasheet HTML 1Page - Rugao Dachang Electronics Co., Ltd 1N4148W_15 Datasheet HTML 2Page - Rugao Dachang Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
V
V
75
VRRM
特征 Features
1N4148W
·最大功率耗散
500mW。Maximum power dissipation 500mW
·开关速度快。
Fast switching speed
机械数据 Mechanical Data
最大正向平均电流
·高稳定性和可靠性。
High stability and high reliability
不重复峰值反向电压
反向峰值电压
-55 --- +150
VRM
IFM
·反向漏电流小。
Low reverse leakage
开关二极管
Switching Diodes
1N4148W
mA
mA
A
mW
/W
平均整流输出电流
IO
正向(不重复)浪涌电流
IFSM
功率消耗
Pd
典型热阻
工作结温和存储温度
RθJA
Tj, TSTG
100
300
150
2.0
500
300
正向电压
反向电流
结电容
反向恢复时间
最小值
MIN.
最大值
MAX.
单位
Unit
测试条件
Test Condition
VFM
IRM
Cj
trr
---
1.0
V
IF =10mA
---
5.0
50
30
25
μA
μA
μA
nA
VR = 75V
VR = 70V, Tj=150℃
VR = 20V, Tj=150℃
VR = 20V
pF
VR = 0, f = 1.0MHz
4.0
nS
IF = 10mA — IR = 1.0mA
VR = 6.0V, RL =100Ω
---
---
SIYU R
封装: SOD-123塑料封装
Case: SOD-123
极性: 色环端为负极
Polarity: Color band denotes cathode end
安装位置: 任意
Mounting Position: Any
极限值和温度特性
TA = 25℃ 除非另有规定。
Maximum Ratings & Thermal Characteristics Ratings at 25℃ ambient temperature unless otherwise specified.
电特性 TA = 25℃ 除非另有规定。
Electrical Characteristics Ratings at 25℃ ambient temperature unless otherwise specified.
单位
Unit
符号
Symbols
符号
Symbols
Forward voltage
Reverse current
Junction capacitance
Reverse Recovery Time
Non-repetitive Peak Reverse Voltage
peak repetitive Reverse Voltage
Forward Continuous Current
Average Rectified Output Current
Non-Repetitive Peak Forward Surge Current
Power Dissipation
Type Thermal Resistance
Operating junction and storage temperature range
大昌电子
DACHANG ELECTRONICS
·引线和管体皆符合RoHS标准 。
Lead and body according with RoHS standard
4.0
SOD-123
unit:mm


Similar Part No. - 1N4148W_15

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
1N4148W SECOS-1N4148W_15 Datasheet
90Kb / 2P
   Surface Mount Fast Switching Diode
logo
Galaxy Semi-Conductor H...
1N4148W BILIN-1N4148W_15 Datasheet
204Kb / 3P
   Surface Mount Switching Diode
More results

Similar Description - 1N4148W_15

ManufacturerPart #DatasheetDescription
logo
AiT Semiconductor Inc.
DAN202U AITSEMI-DAN202U Datasheet
459Kb / 6P
   SWITCHING DIODES DUAL SWITCHING DIODES
REV1.1
logo
Panasonic Semiconductor
MA193 PANASONIC-MA193 Datasheet
99Kb / 4P
   Switching Diodes
logo
Microsemi Corporation
1N4153UR-1 MICROSEMI-1N4153UR-1 Datasheet
37Kb / 2P
   SWITCHING DIODES
1N6639 MICROSEMI-1N6639_1 Datasheet
46Kb / 2P
   SWITCHING DIODES
logo
Micro Commercial Compon...
BAV300 MCC-BAV300 Datasheet
716Kb / 3P
   Switching Diodes
logo
Shenzhen Jin Yu Semicon...
BAT54W HTSEMI-BAT54W Datasheet
328Kb / 2P
   SWITCHING Diodes
logo
Rugao Dachang Electroni...
LL4148 DACHANG-LL4148 Datasheet
124Kb / 2P
   Switching Diodes
logo
SHENZHEN YONGERJIA INDU...
BAS516 WINNERJOIN-BAS516 Datasheet
162Kb / 1P
   Switching Diodes
logo
WILLAS ELECTRONIC CORP
1SS400 WILLAS-1SS400 Datasheet
514Kb / 2P
   SWITCHING Diodes
logo
Guangdong Kexin Industr...
MMBD4148-3 KEXIN-MMBD4148-3 Datasheet
972Kb / 2P
   Switching Diodes
MMBD7000-3 KEXIN-MMBD7000-3 Datasheet
810Kb / 2P
   Switching Diodes
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com