Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BC847PN-7-F Datasheet(PDF) 3 Page - Diodes Incorporated

Part # BC847PN-7-F
Description  COMPLEMENTARY PAIR SMALL SIGNAL TRANSISTOR IN SOT363
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

BC847PN-7-F Datasheet(HTML) 3 Page - Diodes Incorporated

  BC847PN-7-F Datasheet HTML 1Page - Diodes Incorporated BC847PN-7-F Datasheet HTML 2Page - Diodes Incorporated BC847PN-7-F Datasheet HTML 3Page - Diodes Incorporated BC847PN-7-F Datasheet HTML 4Page - Diodes Incorporated BC847PN-7-F Datasheet HTML 5Page - Diodes Incorporated BC847PN-7-F Datasheet HTML 6Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
BC847PN
Document number: DS30278 Rev. 13 - 2
3 of 6
www.diodes.com
November 2013
© Diodes Incorporated
BC847PN
Electrical Characteristics: NPN, BC847B Type (Q1) (@TA = +25°C unless otherwise specified.)
Characteristic (Note 7)
Symbol
Min
Typ
Max
Unit
Test Condition
Collector-Base Breakdown Voltage
BVCBO
50
V
IC = 100µA, IB = 0
Collector-Emitter Breakdown Voltage
BVCEO
45
V
IC = 10mA, IB = 0
Emitter-Base Breakdown Voltage
BVEBO
6
V
IE = 100µA, IC = 0
DC Current Gain
hFE
200
290
450
VCE = 5.0V, IC = 2.0mA
Collector-Emitter Saturation Voltage
VCE(sat)
90
200
250
600
mV
IC = 10mA, IB = 0.5mA
IC = 100mA, IB = 5.0mA
Base-Emitter Saturation Voltage
VBE(sat)
700
900
mV
IC = 10mA, IB = 0.5mA
IC = 100mA, IB = 5.0mA
Base-Emitter Voltage
VBE(on)
580
660
700
720
mV
VCE = 5.0V, IC = 2.0mA
VCE = 5.0V, IC = 10mA
Collector-Cutoff Current
ICBO
15
5.0
nA
µA
VCB = 30V
VCB = 30V, TA = +150°C
Gain Bandwidth Product
fT
100
300
MHz
VCE = 5.0V, IC = 10mA,
f = 100MHz
Collector-Base Capacitance
CCBO
3.5
6.0
pF
VCB = 10V, f = 1.0MHz
Noise Figure
NF
2.0
10
dB
VCE = 5V, IC = 200µA,
RG = 2.0kΩf = 1.0kHz,
f = 200Hz
Note:
7. Short duration pulse test used to minimize self-heating effect.
1
10
100
1,000
1.0
10
100
0.1
0.01
I , COLLECTOR CURRENT (mA)
Figure 2. Typical DC Current Gain vs. Collector Current
(BC847B Type)
C
0
0.1
0.2
0.3
0.4
0.5
0.1
1.0
10
100
I , COLLECTOR CURRENT (mA)
Figure 3. Typical Collector-Emitter Saturation Voltage
vs. Collector Current (BC847B Type)
C
I
I
= 20
C
B
T = 100 C
A
°
T = 25 C
A
°
T = -50 C
A
°
6
10
V , REVERSE VOLTAGE (V)
Figure 4. Typical Capacitance Characteristics (BC847B Type)
R
Cobo
Cibo
f = 1MHz
10
100
1,000
0.1
1.0
10
100
I , COLLECTOR CURRENT (mA)
Figure 5. Typical Gain-Bandwidth Product
vs. Collector Current (BC847B Type)
C
T = 25 C
A
°
V
= 10V
CE
V
=
CE 5V
V
=
CE
2V


Similar Part No. - BC847PN-7-F

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
BC847PN-7-F DIODES-BC847PN-7-F Datasheet
221Kb / 4P
   COMPLEMENTARY PAIR SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30278 Rev. 8 - 2
BC847PN-7-F DIODES-BC847PN-7-F Datasheet
94Kb / 4P
   COMPLEMENTARY PAIR SMALL SIGNAL SURFACE MOUNT TRANSISTOR
Rev. 12 - 2 November 2008
BC847PN-7-F DIODES-BC847PN-7-F Datasheet
458Kb / 6P
   COMPLEMENTARY PAIR SMALL SIGNAL TRANSISTOR
More results

Similar Description - BC847PN-7-F

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
BC847PNQ DIODES-BC847PNQ Datasheet
491Kb / 6P
   COMPLEMENTARY PAIR SMALL SIGNAL TRANSISTOR IN SOT363
MMDT4413 DIODES-MMDT4413_15 Datasheet
226Kb / 8P
   COMPLEMENTARY PAIR SMALL SIGNAL TRANSISTOR IN SOT363
MMDT3946 DIODES-MMDT3946_15 Datasheet
265Kb / 8P
   40V COMPLEMENTARY NPN-PNP SMALL SIGNAL TRANSISTOR IN SOT363
BCM847BS DIODES-BCM847BS Datasheet
502Kb / 5P
   45V NPN MATCHED PAIR SMALL SIGNAL TRANSISTOR IN SOT363
June 2022 Rev. 2 - 2
DMMT3904W DIODES-DMMT3904W_15 Datasheet
217Kb / 6P
   40V MATCHED PAIR NPN SMALL SIGNAL TRANSISTOR IN SOT363
BCM857BS DIODES-BCM857BS Datasheet
194Kb / 5P
   45V MATCHED PAIR PNP SMALL SIGNAL TRANSISTOR IN SOT363
June 2014 Rev. 1 - 2
DMMT3904WQ DIODES-DMMT3904WQ Datasheet
459Kb / 6P
   40V MATCHED PAIR NPN SMALL SIGNAL TRANSISTOR IN SOT363
July 2020 Rev. 1 - 2
DMMT3906W DIODES-DMMT3906W_15 Datasheet
361Kb / 6P
   40V MATCHED PAIR PNP SMALL SIGNAL TRANSISTOR IN SOT363
BCM846BS DIODES-BCM846BS Datasheet
331Kb / 5P
   65V NPN MATCHED PAIR SMALL SIGNAL TRANSISTOR IN SOT363
September 2018 Rev. 1 - 2
BC847PN DIODES-BC847PN_16 Datasheet
458Kb / 6P
   COMPLEMENTARY PAIR SMALL SIGNAL TRANSISTOR
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com