Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

130112-0133 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 130112-0133
Description  Low-Volt Cover Assembly with Warning Replacement for Hazardous Duty Hand Lamps
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

130112-0133 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  130112-0133 Datasheet HTML 1Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
This document was generated on 02/04/2015
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
130112-0133
Status:
Active
Overview:
Lighting Accessories
Description:
Low-Volt Cover Assembly with Warning Replacement for Hazardous Duty Hand Lamps
Documents:
RoHS Certificate of Compliance (PDF)
General
Product Family
Portable Lighting
Series
130112
NEMA Configuration
N/A
Outlet
None
Overview
Lighting Accessories
Product Name
Woodhead®
Type
Accessory
UPC
78678805196
Woodhead
Yes
Physical
Cord Length - Primary
N/A
Cord Length - Secondary
N/A
Depth
N/A
Duty
Industrial
Guard Included
No
Guard Type
N/A
Height
N/A
Length
N/A
Material - Guard
N/A
Packaging Type
Carton
Socket Construction
N/A
Electrical
Bulb Type
N/A
Lamp Type
N/A
Lamp Wattage - Maximum
N/A
Lumens
N/A
On/Off Switch
No
Voltage (Fixture) - Maximum
N/A
Material Info
Old Part Number
1676-EX
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Not Reviewed
Low-Halogen Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
130112Series
This document was generated on 02/04/2015
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 130112-0133

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
130112-0130 MOLEX11-130112-0130 Datasheet
31Kb / 1P
   Super-Safeway Low-Volt Guard for Spotlight Rubber Coated
130112-0131 MOLEX11-130112-0131 Datasheet
31Kb / 1P
   In-line Replacement Transformer Low-Volt 117V/12V
130112-0132 MOLEX11-130112-0132 Datasheet
31Kb / 1P
   In-line Replacement Transformer for 60W Floodlight and 100W Spotlight
130112-0134 MOLEX11-130112-0134 Datasheet
31Kb / 1P
   In-line Replacement Transformer Low-Volt Carrying Handle
130112-0135 MOLEX11-130112-0135 Datasheet
31Kb / 1P
   Low-Volt Transformer for Incandescent Hand Lamp
More results

Similar Description - 130112-0133

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
130112-0135 MOLEX11-130112-0135 Datasheet
31Kb / 1P
   Low-Volt Transformer for Incandescent Hand Lamp
1301040022 MOLEX11-1301040022 Datasheet
32Kb / 2P
   Haztex Hazardous Location 26W with 12V Fluorescent Hand Lamp for Use With Low Voltage Workstation
1301040023 MOLEX11-1301040023 Datasheet
32Kb / 2P
   Haztex Hazardous Location 26W with 12V Fluorescent Hand Lamp for Use With Low Voltage Workstation
130112-0023 MOLEX11-130112-0023 Datasheet
31Kb / 1P
   Replacement Glass Cover for 1070-HZ
130112-0144 MOLEX11-130112-0144 Datasheet
31Kb / 1P
   Replacement Lampholder Cover
1301040038 MOLEX11-1301040038 Datasheet
38Kb / 2P
   Haztex Incandescent Hazardous and Wet Location Hand Lamp Low Voltage for Use With Low Voltage Workstation
130112-0131 MOLEX11-130112-0131 Datasheet
31Kb / 1P
   In-line Replacement Transformer Low-Volt 117V/12V
130112-0110 MOLEX11-130112-0110 Datasheet
31Kb / 1P
   TEFLON Replacement Globe for Watertite Incandescent Hand Lamp
logo
PHOENIX CONTACT
2701289 PHOENIX-2701289 Datasheet
42Kb / 2P
   Replacement cover for slot 1 in base unit.
logo
Molex Electronics Ltd.
1301040025 MOLEX11-1301040025 Datasheet
32Kb / 2P
   Haztex Hazardous Location 26W with 12V Fluorescent Hand Lamp with In-line
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com