Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

130112-0137 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 130112-0137
Description  Replacement Socket with Ground for Protex Rubber
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

130112-0137 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  130112-0137 Datasheet HTML 1Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
This document was generated on 12/10/2014
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
130112-0137
Status:
Active
Overview:
Lighting Accessories
Description:
Replacement Socket with Ground for Protex Rubber
Documents:
RoHS Certificate of Compliance (PDF)
General
Product Family
Portable Lighting
Series
130112
NEMA Configuration
N/A
Outlet
None
Overview
Lighting Accessories
Product Name
Woodhead®
Type
Accessory
UPC
78678860174
Woodhead
Yes
Physical
Cord Length - Primary
N/A
Cord Length - Secondary
N/A
Depth
N/A
Duty
Industrial
Guard Included
No
Guard Type
N/A
Height
N/A
Length
N/A
Material - Guard
N/A
Packaging Type
Carton
Socket Construction
N/A
Electrical
Bulb Type
N/A
Lamp Type
N/A
Lamp Wattage - Maximum
N/A
Lumens
N/A
On/Off Switch
No
Voltage (Fixture) - Maximum
N/A
Material Info
Old Part Number
179
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Not Reviewed
Low-Halogen Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
130112Series
This document was generated on 12/10/2014
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 130112-0137

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
130112-0130 MOLEX11-130112-0130 Datasheet
31Kb / 1P
   Super-Safeway Low-Volt Guard for Spotlight Rubber Coated
130112-0131 MOLEX11-130112-0131 Datasheet
31Kb / 1P
   In-line Replacement Transformer Low-Volt 117V/12V
130112-0132 MOLEX11-130112-0132 Datasheet
31Kb / 1P
   In-line Replacement Transformer for 60W Floodlight and 100W Spotlight
130112-0133 MOLEX11-130112-0133 Datasheet
31Kb / 1P
   Low-Volt Cover Assembly with Warning Replacement for Hazardous Duty Hand Lamps
130112-0134 MOLEX11-130112-0134 Datasheet
31Kb / 1P
   In-line Replacement Transformer Low-Volt Carrying Handle
More results

Similar Description - 130112-0137

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
1301120075 MOLEX11-1301120075 Datasheet
34Kb / 1P
   Plain Super Protex Rubber Handle
130112-0026 MOLEX11-130112-0026 Datasheet
31Kb / 1P
   Replacement Socket for 1070-HZ
logo
Samtec, Inc
QFSS-026-04.25-L-D-A SAMTEC-QFSS-026-04.25-L-D-A Datasheet
429Kb / 1P
   SHIELDED GROUND PLANE SOCKET
QFS-052-04.25-L-D-A SAMTEC-QFS-052-04.25-L-D-A Datasheet
415Kb / 1P
   RUGGED GROUND PLANE SOCKET
logo
Molex Electronics Ltd.
130112-0075 MOLEX11-130112-0075 Datasheet
41Kb / 1P
   Plain Super Protex Handle
0359030106 MOLEX5-0359030106 Datasheet
85Kb / 2P
   Earth Silicone Rubber Wire Seal for Sealed PT Bulb Socket
0359030096 MOLEX5-0359030096 Datasheet
87Kb / 2P
   Positive Silicone Rubber Wire Seal for Sealed PT Bulb Socket
logo
Samtec, Inc
QSE-020-01-L-D-A SAMTEC-QSE-020-01-L-D-A Datasheet
1Mb / 1P
   HIGH SPEED GROUND PLANE SOCKET
QRF8-026-05.0-L-D-A-GP SAMTEC-QRF8-026-05.0-L-D-A-GP Datasheet
522Kb / 1P
   SLIM BODY GROUND PLANE SOCKET
QSE-020-01-H-D-A SAMTEC-QSE-020-01-H-D-A Datasheet
1Mb / 1P
   HIGH SPEED GROUND PLANE SOCKET
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com