Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LL-804PGC2C-G5-2C Datasheet(PDF) 4 Page - Lucky Light Electronic

Part # LL-804PGC2C-G5-2C
Description  Pure Green LED
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUCKY-LIGHT [Lucky Light Electronic]
Direct Link  http://www.lucky-light.com
Logo LUCKY-LIGHT - Lucky Light Electronic

LL-804PGC2C-G5-2C Datasheet(HTML) 4 Page - Lucky Light Electronic

  LL-804PGC2C-G5-2C_15 Datasheet HTML 1Page - Lucky Light Electronic LL-804PGC2C-G5-2C_15 Datasheet HTML 2Page - Lucky Light Electronic LL-804PGC2C-G5-2C_15 Datasheet HTML 3Page - Lucky Light Electronic LL-804PGC2C-G5-2C_15 Datasheet HTML 4Page - Lucky Light Electronic LL-804PGC2C-G5-2C_15 Datasheet HTML 5Page - Lucky Light Electronic LL-804PGC2C-G5-2C_15 Datasheet HTML 6Page - Lucky Light Electronic LL-804PGC2C-G5-2C_15 Datasheet HTML 7Page - Lucky Light Electronic  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Luckylight
Spec No: B800X305
Rev No:V.2
Date: Sep/26/2005
Page: 4 OF 7
Approved: JoJo
Checked:Wu
Drawn: YAO
Lucky Light Electronics Co., Ltd.
Http://www.luckylight.cn
Absolute Maximum Ratings at Ta=25℃
Parameters
Symbol
Max.
Unit
Power Dissipation
PD
90
mW
Peak Forward Current
(1/10 Duty Cycle, 0.1ms Pulse Width)
IFP
100
mA
Forward Current
IF
25
mA
Reverse Voltage
VR
5
V
Operating Temperature Range
Topr
-40℃ to +85℃
Storage Temperature Range
Tstg
-40℃ to +100℃
Lead Soldering Temperature
[4mm (.157″) From Body]
Tsld
260℃ for 5 Seconds
Electrical Optical Characteristics at Ta=25℃
Parameters
Symbol
Min.
Typ.
Max.
Unit
Test Condition
Luminous Intensity *
IV
8500 14000
---
mcd
IF=20mA (Note 1)
Viewing Angle *
1/2
---
30
---
Deg
IF=20mA (Note 2)
Peak Emission Wavelength
λp
---
520
---
nm
IF=20mA
Dominant Wavelength
λd
---
525
---
nm
IF=20mA (Note 3)
Spectral Line Half-Width
λ
---
35
---
nm
IF=20mA
Forward Voltage
VF
2.80
3.20
3.60
V
IF=20mA
Reverse Current
IR
---
---
10
µA
VR=5V
Notes:
1. Luminous Intensity Measurement allowance is ± 10%.
2. θ1/2 is the off-axis angle at which the luminous intensity is half the axial luminous
intensity.
3. The dominant wavelength (λd) is derived from the CIE chromaticity diagram and
represents the single wavelength which defines the color of the device.


Similar Part No. - LL-804PGC2C-G5-2C_15

ManufacturerPart #DatasheetDescription
logo
Lucky Light Electronic
LL-804PGC2C-G5-2C LUCKY-LIGHT-LL-804PGC2C-G5-2C Datasheet
140Kb / 7P
   8mm Round With Flange Type Pure Green LED Technical Data Sheet
LL-804PGC2C-G5-2C LUCKY-LIGHT-LL-804PGC2C-G5-2C Datasheet
140Kb / 7P
   Pure Green LED
More results

Similar Description - LL-804PGC2C-G5-2C_15

ManufacturerPart #DatasheetDescription
logo
Lucky Light Electronic
LL-304PGC2L-G5-2C LUCKY-LIGHT-LL-304PGC2L-G5-2C Datasheet
134Kb / 7P
   Pure Green LED
LL-1004PGC2D-G5-2C LUCKY-LIGHT-LL-1004PGC2D-G5-2C Datasheet
170Kb / 7P
   Pure Green LED
LL-304PGC2L-G5-3G LUCKY-LIGHT-LL-304PGC2L-G5-3G_15 Datasheet
134Kb / 7P
   Pure Green LED
LL-434PGD2J-G5-2C-T LUCKY-LIGHT-LL-434PGD2J-G5-2C-T_15 Datasheet
137Kb / 7P
   Pure Green LED
LL-304PGC2L-G5-2C LUCKY-LIGHT-LL-304PGC2L-G5-2C_15 Datasheet
134Kb / 7P
   Pure Green LED
LL-304PGC4B-G5-3BD LUCKY-LIGHT-LL-304PGC4B-G5-3BD_15 Datasheet
132Kb / 7P
   Pure Green LED
LL-434PGD2J-G5-3G-T LUCKY-LIGHT-LL-434PGD2J-G5-3G-T Datasheet
137Kb / 7P
   Pure Green LED
LL-484PGC1C-G5-3B LUCKY-LIGHT-LL-484PGC1C-G5-3B Datasheet
135Kb / 7P
   Pure Green LED
LL-304PGC4B-G5-3GD LUCKY-LIGHT-LL-304PGC4B-G5-3GD Datasheet
132Kb / 7P
   Pure Green LED
LL-544PGD2I-G5-2C-T LUCKY-LIGHT-LL-544PGD2I-G5-2C-T Datasheet
134Kb / 7P
   Pure Green LED
LL-304PGC2L-G5-3G LUCKY-LIGHT-LL-304PGC2L-G5-3G Datasheet
134Kb / 7P
   Pure Green LED
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com