Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

130112-0180 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 130112-0180
Description  O-Ring Kit (3 O-RINGS-4X NEMA) for 61430
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

130112-0180 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  130112-0180 Datasheet HTML 1Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
This document was generated on 02/04/2015
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
130112-0180
Status:
Active
Overview:
Lighting Accessories
Description:
O-Ring Kit (3 O-RINGS-4X NEMA) for 61430
Documents:
RoHS Certificate of Compliance (PDF)
General
Product Family
Portable Lighting
Series
130112
NEMA Configuration
N/A
Outlet
None
Overview
Lighting Accessories
Product Name
Woodhead®
Type
Accessory
UPC
78678811013
Woodhead
Yes
Physical
Cord Length - Primary
N/A
Cord Length - Secondary
N/A
Depth
N/A
Duty
N/A
Guard Included
No
Guard Type
N/A
Height
N/A
Length
N/A
Material - Guard
N/A
Packaging Type
Carton
Socket Construction
N/A
Electrical
Bulb Type
N/A
Lamp Type
N/A
Lamp Wattage - Maximum
N/A
Lumens
N/A
On/Off Switch
No
Voltage (Fixture) - Maximum
N/A
Material Info
Old Part Number
40-2500
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Not Reviewed
Low-Halogen Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
130112Series
This document was generated on 02/04/2015
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 130112-0180

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
130112-0182 MOLEX11-130112-0182 Datasheet
31Kb / 1P
   Transformer Assembly 120V-12V, with 16/3Y
130112-0183 MOLEX11-130112-0183 Datasheet
31Kb / 1P
   Handle Assembly for 1093-3
130112-0185 MOLEX11-130112-0185 Datasheet
31Kb / 1P
   Replacement Cordset 1083-3 Field Replacement
130112-0186 MOLEX11-130112-0186 Datasheet
31Kb / 1P
   75W Lexan Globe fro 1203P, Poly Bag
130112-0187 MOLEX11-130112-0187 Datasheet
31Kb / 1P
   Guard Sub-Assembly (1255) Pleated
More results

Similar Description - 130112-0180

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
249-001 GLENAIR-249-001 Datasheet
118Kb / 2P
   Conductive O-Ring
249-002 GLENAIR-249-002 Datasheet
70Kb / 2P
   Conductive O-Ring
249-003 GLENAIR-249-003 Datasheet
70Kb / 2P
   Conductive O-Ring
logo
Mallory performance clu...
1361 MALLORY-1361 Datasheet
42Kb / 1P
   ENGINE MODIFICATIONS FOR O-RING DISTRIBUTORS
logo
Glenair, Inc.
249-001-09-B GLENAIR-249-001-09-B Datasheet
286Kb / 2P
   Conductive O-Ring for EMI Shielding
logo
Molex Electronics Ltd.
130112-0025 MOLEX11-130112-0025 Datasheet
31Kb / 1P
   Replacement O-RING for 1070-HZ
130180-0333 MOLEX11-130180-0333 Datasheet
41Kb / 1P
   MAX-LOC O-Ring, 3/4 NPT
1301800333 MOLEX11-1301800333 Datasheet
33Kb / 1P
   MAX-LOC O-Ring, 3/4 NPT
logo
ERNI Electronics
100403210063 ERNI-100403210063 Datasheet
21Kb / 1P
   O-Ring M8/M12
logo
Glenair, Inc.
280-014 GLENAIR-280-014_15 Datasheet
364Kb / 2P
   O-Ring Panel Sealing
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com