Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BC847BVNQ-7 Datasheet(PDF) 3 Page - Diodes Incorporated

Part # BC847BVNQ-7
Description  COMPLEMENTARY PAIR SMALL SIGNAL SURFACE MOUNT TRANSISTOR
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

BC847BVNQ-7 Datasheet(HTML) 3 Page - Diodes Incorporated

  BC847BVNQ-7 Datasheet HTML 1Page - Diodes Incorporated BC847BVNQ-7 Datasheet HTML 2Page - Diodes Incorporated BC847BVNQ-7 Datasheet HTML 3Page - Diodes Incorporated BC847BVNQ-7 Datasheet HTML 4Page - Diodes Incorporated BC847BVNQ-7 Datasheet HTML 5Page - Diodes Incorporated BC847BVNQ-7 Datasheet HTML 6Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
BC847BVN
Document number: DS30627 Rev. 7 - 2
3 of 6
www.diodes.com
March 2015
© Diodes Incorporated
BC847BVN
Electrical Characteristics: PNP, BC857B Type (Q2) (@TA = +25°C unless otherwise specified.)
Characteristic (Note 8)
Symbol
Min
Typ
Max
Unit
Test Condition
Collector-Base Breakdown Voltage
BVCBO
-50
V
IC = -100µA, IB = 0
Collector-Emitter Breakdown Voltage
BVCEO
-45
V
IC = -10mA, IB = 0
Emitter-Base Breakdown Voltage
BVEBO
-6
V
IE = -100µA, IC = 0
DC Current Gain
hFE
220
290
475
VCE = -5.0V, IC = -2.0mA
Collector-Emitter Saturation Voltage
VCE(sat)
-75
-250
-300
-650
mV
IC = -10mA, IB = -0.5mA
IC = -100mA, IB = -5.0mA
Base-Emitter Saturation Voltage
VBE(sat)
-700
-850
-950
mV
IC = -10mA, IB = -0.5mA
IC = -100mA, IB = -5.0mA
Base-Emitter Voltage
VBE(on)
-600
-650
-750
-820
mV
VCE = -5.0V, IC = -2.0mA
VCE = -5.0V, IC = -10mA
Collector-Cutoff Current
ICBO
-15
-4.0
nA
µA
VCB = -30V
VCB = -30V, TA = +150°C
Gain Bandwidth Product
fT
100
200
MHz
VCE = -5.0V, IC = -10mA,
f = 100MHz
Collector-Base Capacitance
CCBO
3
4.5
pF
VCB = -10V, f = 1.0MHz
Note:
8. Short duration pulse test used to minimize self-heating effect.
Thermal Characteristics – Total Device
-50
0
50
100
150
200
150
50
100
0
T , AMBIENT TEMPERATURE ( C)
Figure 1. Power Dissipation vs. Ambient Temperature
Total Device
A
°
R
= 833 C/W
θ
JA
°
1
10
100
1,000
1.0
10
100
0.1
0.01
I , COLLECTOR CURRENT (mA)
Figure 2. Typical DC Current Gain vs. Collector Current
(BC847B Type)
C
6
10
V , REVERSE VOLTAGE (V)
Figure 4. Typical Capacitance Characteristics (BC847B Type)
R
Cobo
Cibo
f = 1MHz
0
0.1
0.2
0.3
0.4
0.5
0.1
1.0
10
100
I , COLLECTOR CURRENT (mA)
Figure 3. Typical Collector-Emitter Saturation Voltage
vs. Collector Current (BC847B Type)
C
I
I
= 20
C
B
T = 100 C
A
°
T = 25 C
A
°
T = -50 C
A
°


Similar Part No. - BC847BVNQ-7

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
BC847BVNQ-7 DIODES-BC847BVNQ-7 Datasheet
396Kb / 6P
   COMPLEMENTARY PAIR SMALL SIGNAL SURFACE MOUNT TRANSISTOR
February 2021 Rev. 1 - 2
More results

Similar Description - BC847BVNQ-7

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
BC847PN DIODES-BC847PN_08 Datasheet
94Kb / 4P
   COMPLEMENTARY PAIR SMALL SIGNAL SURFACE MOUNT TRANSISTOR
Rev. 12 - 2 November 2008
BC847PN DIODES-BC847PN_1 Datasheet
221Kb / 4P
   COMPLEMENTARY PAIR SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30278 Rev. 8 - 2
BC847BVN DIODES-BC847BVN Datasheet
228Kb / 4P
   COMPLEMENTARY PAIR SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30627 Rev. 4 - 2
BC847BVNQ DIODES-BC847BVNQ Datasheet
396Kb / 6P
   COMPLEMENTARY PAIR SMALL SIGNAL SURFACE MOUNT TRANSISTOR
February 2021 Rev. 1 - 2
BC847PN DIODES-BC847PN Datasheet
46Kb / 3P
   COMPLEMENTARY PAIR SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30278 Rev. 2 - 2
BC847PN DIODES-BC847PN_16 Datasheet
458Kb / 6P
   COMPLEMENTARY PAIR SMALL SIGNAL TRANSISTOR
DST847BPDP6 DIODES-DST847BPDP6 Datasheet
185Kb / 8P
   COMPLEMENTARY DUAL SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS32036 Rev. 1 - 2
BC847PNQ DIODES-BC847PNQ Datasheet
491Kb / 6P
   COMPLEMENTARY PAIR SMALL SIGNAL TRANSISTOR IN SOT363
MMDT4413 DIODES-MMDT4413_15 Datasheet
226Kb / 8P
   COMPLEMENTARY PAIR SMALL SIGNAL TRANSISTOR IN SOT363
BC847PN DIODES-BC847PN_15 Datasheet
234Kb / 6P
   COMPLEMENTARY PAIR SMALL SIGNAL TRANSISTOR IN SOT363
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com