Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

130112-0169 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 130112-0169
Description  Clear Polycarbonate Guard
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

130112-0169 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  130112-0169 Datasheet HTML 1Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
This document was generated on 03/23/2015
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
130112-0169
Status:
Active
Overview:
Lighting Accessories
Description:
Clear Polycarbonate Guard
Documents:
RoHS Certificate of Compliance (PDF)
Product Literature (PDF)
General
Product Family
Portable Lighting
Series
130112
NEMA Configuration
N/A
Outlet
None
Overview
Lighting Accessories
Product Literature Order No
987650-8055
Product Name
Safety Yellow®
Type
Accessory
UPC
78678850507
Woodhead
Yes
Physical
Cord Length - Primary
N/A
Cord Length - Secondary
N/A
Depth
118.75mm (4.675")
Duty
Commercial
Guard Included
No
Guard Type
N/A
Height
172.34mm (6.785")
Length
N/A
Material - Globe
Clear Polycarbonate
Material - Guard
Polycarbonate
Net Weight
114.750/g
Packaging Type
Carton
Socket Construction
N/A
Electrical
Bulb Type
N/A
Lamp Type
PL13/41
Lamp Wattage - Maximum
N/A
Lumens
N/A
On/Off Switch
No
Voltage (Fixture) - Maximum
N/A
Material Info
Old Part Number
380R
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Not Reviewed
Low-Halogen Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
130112Series
This document was generated on 03/23/2015
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 130112-0169

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
130112-0160 MOLEX11-130112-0160 Datasheet
39Kb / 1P
   Construction Snap-on Bottom Cover
130112-0161 MOLEX11-130112-0161 Datasheet
40Kb / 1P
   Construction Guard 1-3/4 Neck Zinc Plated
130112-0162 MOLEX11-130112-0162 Datasheet
40Kb / 1P
   Construction Guard 1-3/4 Neck
130112-0163 MOLEX11-130112-0163 Datasheet
40Kb / 1P
   Construction Guard 1-3/4" Neck Zinc Plated
130112-0164 MOLEX11-130112-0164 Datasheet
46Kb / 1P
   Construction Guard 1-1/2 Neck
More results

Similar Description - 130112-0169

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
1301120173 MOLEX11-1301120173 Datasheet
29Kb / 1P
   Clear Polycarbonate Guard
130112-0173 MOLEX11-130112-0173 Datasheet
29Kb / 1P
   Clear Polycarbonate Guard
1301120169 MOLEX11-1301120169 Datasheet
30Kb / 1P
   Clear Polycarbonate Guard, Small Neck
130112-0172 MOLEX11-130112-0172 Datasheet
30Kb / 1P
   Clear Polycarbonate Guard with Bottom Cover
1301120172 MOLEX11-1301120172 Datasheet
30Kb / 1P
   Clear Polycarbonate Guard with Bottom Cover
1301120174 MOLEX11-1301120174 Datasheet
32Kb / 1P
   Clear Polycarbonate Snap-on Bottom Cover
130112-0174 MOLEX11-130112-0174 Datasheet
31Kb / 1P
   Clear Polycarbonate Snap-on Bottom Cover
logo
List of Unclassifed Man...
TRD695SCR ETC-TRD695SCR Datasheet
189Kb / 3P
   PLUG HOUSING: POLYCARBONATE, CLEAR, UL94V-0
logo
Molex Electronics Ltd.
130112-0171 MOLEX11-130112-0171 Datasheet
43Kb / 1P
   Clear Poly Guard - Large Neck
1301120171 MOLEX11-1301120171 Datasheet
36Kb / 1P
   Clear Poly Guard - Large Neck
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com