Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

60R040 Datasheet(PDF) 1 Page - Littelfuse

Part # 60R040
Description  Radial Leaded PTC
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

60R040 Datasheet(HTML) 1 Page - Littelfuse

  60R040 Datasheet HTML 1Page - Littelfuse 60R040 Datasheet HTML 2Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Resettable PTCs
254
www .littelfuse .com
Radial Leaded PTC
60R Series
Standard reel quantities:
ENVIRONMENTAL SPECIFICATIONS:
Passive Aging: 85°C, 1000 Hours. ±5% typical resistance change.
Humidity Aging: 85°C, 85% R.H., 1000 hours. ±5% typical
resistance change.
Thermal Shock: 85°C / –40°C, 20 times. ±10% typical
resistance change.
Vibration: MIL-STD 202, Method 201. No resistance change.
Mechanical Shock: MIL-STD-202, Method 213 test condition I
(100 g’s, 6 sec.). No resistance change.
Max. Surface Temperature: 125°C
Operating/Storage Temperature: –40°C to 85°C
• The 60R Series Resettable devices utilize a unique polymer-based,
Positive Temperature Coefficient (PTC) material to protect electrical
circuits against overcurrent conditions.
• In normal operation, the 60R Series PTC has many conductive paths
and a very low resistance. In an overcurrent condition, the temperature
of the polymer material rises. This dramatically reduces the conductive
paths resulting in an immediate rise in resistance. In this condition, the
device provides circuit protection by significantly limiting the flow of
current. However, once the cause of the initial overcurrent condition
is eliminated, the 60R Series PTC cools down and resets to a low
resistance value permitting the normal current flow to resume.
• The 60R Series is a 60V Radial Leaded Device with a 40A Short Circuit
Rating.
AGENCY APPROVALS: Recognized under the Components Program
of Underwriters Laboratory and the Component Acceptance Program of
CSA. TUV approved.
AGENCY FILE NUMBERS: UL E183209, CSA LR 108832
PHYSICAL SPECIFICATIONS:
Materials: Leads
60R010:
Tin coated constantan, 24 AWG
(0.020" Dia.)
60R017-040: Tin plated copper-clad steel, 24 AWG (0.020"
Dia.)
60R050-090: Tin plated copper, 24 AWG (0.020" Dia.)
60R110-375: Tin plated copper, 20 AWG (0.032" Dia.)
Lead Solderability: MIL-STD-202, Method 208E
Coating: Thermoset Coating
Device Labeling: Device is marked with the letter ‘L’, amperage rating,
voltage rating & date code.
Packaging: Standard bulk packaging is 500 pieces per container.
Optional tape and reel packaging per EIA 4
68-B is also available.
-40
-30
-20
-10
0
10
20
30
40
50
60
70
80
90
0
50
100
150
200
Temperature (
°C)
Part
Reel
Number
Quantity
R60R010
R60R020
R60R025
R60R030
3000
R60R040
R60R050
R60R065
R60R075
R60R090
Part
Reel
Number
Quantity
R60R017
2500
R60R110
R60R135
1500
R60R160
R60R185
60R250
Bulk Only
60R300
500 Per
60R375
Container
Rerating Curve for 60R Series
®
®
Next
Previous


Similar Part No. - 60R040

ManufacturerPart #DatasheetDescription
logo
Littelfuse
60R040 LITTELFUSE-60R040 Datasheet
417Kb / 5P
   POLYFUSE짰 Resettable PTCs
60R040 LITTELFUSE-60R040 Datasheet
210Kb / 7P
   Radial Leaded
60R040XPR LITTELFUSE-60R040XPR Datasheet
210Kb / 7P
   Radial Leaded
60R040XU LITTELFUSE-60R040XU Datasheet
210Kb / 7P
   Radial Leaded
More results

Similar Description - 60R040

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
0ZRB BEL-0ZRB_16 Datasheet
1Mb / 4P
   Radial Leaded PTC
0ZRM BEL-0ZRM Datasheet
211Kb / 2P
   Radial Leaded PTC
logo
Littelfuse
30R LITTELFUSE-30R Datasheet
116Kb / 2P
   Radial Leaded PTC
logo
Bel Fuse Inc.
0ZRE BEL-0ZRE Datasheet
316Kb / 2P
   Radial Leaded PTC
0ZRA BEL-0ZRA_16 Datasheet
1Mb / 4P
   Radial Leaded PTC
0ZRE BEL-0ZRE_16 Datasheet
1Mb / 4P
   Radial Leaded PTC
0ZRK BEL-0ZRK Datasheet
1Mb / 4P
   Radial Leaded PTC
0ZRF BEL-0ZRF_16 Datasheet
1Mb / 4P
   Radial Leaded PTC
0ZRF BEL-0ZRF Datasheet
323Kb / 2P
   Radial Leaded PTC
0ZRA BEL-0ZRA Datasheet
334Kb / 2P
   Radial Leaded PTC
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com