Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

V12MLA0805L Datasheet(PDF) 8 Page - Littelfuse

Part # V12MLA0805L
Description  Multilayer Transient Voltage Surge Suppressors
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

V12MLA0805L Datasheet(HTML) 8 Page - Littelfuse

Back Button V12MLA0805L Datasheet HTML 3Page - Littelfuse V12MLA0805L Datasheet HTML 4Page - Littelfuse V12MLA0805L Datasheet HTML 5Page - Littelfuse V12MLA0805L Datasheet HTML 6Page - Littelfuse V12MLA0805L Datasheet HTML 7Page - Littelfuse V12MLA0805L Datasheet HTML 8Page - Littelfuse V12MLA0805L Datasheet HTML 9Page - Littelfuse V12MLA0805L Datasheet HTML 10Page - Littelfuse V12MLA0805L Datasheet HTML 11Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
Soldering Recommendations
The principal techniques used for the soldering of components in surface
mount technology are Infrared (IR) re-flow, vapour phase re-flow and wave
soldering. Typical profiles are shown in Figures 14, 15 and 16. When wave
soldering, the ML suppressor is attached to the circuit board by means of an
adhesive. The assembly is then placed on a conveyor and run through the
soldering process to contact the wave. With IR and vapour phase reflow; the
device is placed in a solder paste on the substrate. As the solder paste is
heated, it re-flows and solders the unit to the board.
The recommended solder for the ML suppressor is a 62/36/2 (Sn/Pb/Ag),
60/40 (Sn/Pb) or 63/37 (Sn/Pb). Littelfuse also recommends an RMA
solder flux.
Wave soldering is the most strenuous of the processes. To avoid the
possibility of generating stresses due to thermal shock, a preheat stage
in the soldering process is recommended, and the peak temperature of
the solder process should be rigidly controlled. For 0402 size devices, IR
re-flow is recommended.
When using a reflow process, care should be taken to ensure that the ML
chip is not subjected to a thermal gradient steeper than 4 degrees per
second; the ideal gradient being 2 degrees per second. During the
soldering process, preheating to within 100 degrees of the solder’s peak
temperature is essential to minimize thermal shock. Examples of the
soldering conditions for the ML suppressor are given in the tables below.
Once the soldering process has been completed, it is still necessary
to ensure that any further thermal shocks are avoided. One possible
cause of thermal shock is hot printed circuit boards being removed
from the solder process and subjected to cleaning solvents at room
temperature. The boards must be allowed to cool gradually to less than
50oC before cleaning.
Termination Options
Littelfuse offers three types of electrode termination finish for the
Multilayer product series:
1. Silver/Platinum (standard, not available for 0402)
2. Silver/Palladium (optional)
(The ordering information section describes how to designate them.)
FIGURE 14. REFLOW SOLDER PROFILE
FIGURE 15. WAVE SOLDER PROFILE
FIGURE 16. VAPOR PHASE SOLDER PROFILE
TIME (MINUTES)
300
250
200
150
100
50
0
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
MAXIMUM WAVE 260 oC
SECOND PREHEAT
FIRST PREHEAT
TIME (MINUTES)
250
200
150
100
50
0
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
RAMP RATE
PREHEAT ZONE
>50oC/s
MAXIMUM
TEMPERATURE 222oC
40-80
SECONDS
ABOVE 183 oC
TIME (MINUTES)
250
200
150
100
50
0
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
MAXIMUM
PREHEAT DWELL
PREHEAT ZONE
TEMPERATURE 222oC
RAMP RATE
<2oC/s
40-80
SECONDS
ABOVE 183 oC
ML Varistor Series
Surface Mount Varistors
Multilayer Transient Voltage Surge Suppressors
147
www .littelfuse .com
3
3. Nickel Barrier (optional for 0402-1210 package size)
(The ordering information section describes how to designate them.)
Next
Previous


Similar Part No. - V12MLA0805L

ManufacturerPart #DatasheetDescription
logo
Littelfuse
V12MLA0805LN LITTELFUSE-V12MLA0805LN Datasheet
265Kb / 8P
   Surface Mount Multilayer Varistors
V12MLA0805LN LITTELFUSE-V12MLA0805LN Datasheet
969Kb / 8P
   Varistor Products Surface Mount Multilayer Varistors (MLVs) > MLA Series
V12MLA0805LN LITTELFUSE-V12MLA0805LN Datasheet
678Kb / 8P
   Surface Mount Multilayer Varistors (MLVs) > MLA Series
V12MLA0805LN LITTELFUSE-V12MLA0805LN Datasheet
678Kb / 8P
   Surface Mount Multilayer Varistors (MLVs)
V12MLA0805LN LITTELFUSE-V12MLA0805LN Datasheet
969Kb / 8P
   Surface Mount Multilayer Varistors (MLVs) > MLA Series
More results

Similar Description - V12MLA0805L

ManufacturerPart #DatasheetDescription
logo
EPCOS
B72510T5250K062 EPCOS-B72510T5250K062 Datasheet
3Mb / 72P
   Ceramic transient voltage suppressors SMD multilayer transient voltage suppressors
B72580V0110K062 EPCOS-B72580V0110K062_12 Datasheet
2Mb / 82P
   Ceramic transient voltage suppressors SMD multilayer transient voltage suppressors
logo
Littelfuse
AUML LITTELFUSE-AUML Datasheet
431Kb / 9P
   Multilayer Transient Voltage Surge Suppressor
V18AUMLA1206 LITTELFUSE-V18AUMLA1206_06 Datasheet
1Mb / 9P
   Multilayer Transient Voltage Surge Suppressor
logo
AVX Corporation
VC120630D650DP AVX-VC120630D650DP Datasheet
502Kb / 10P
   AVX Multilayer Ceramic Transient Voltage Suppressors
VC120631M650RP AVX-VC120631M650RP Datasheet
502Kb / 10P
   AVX Multilayer Ceramic Transient Voltage Suppressors
VC120605D150RP AVX-VC120605D150RP Datasheet
418Kb / 10P
   AVX Multilayer Ceramic Transient Voltage Suppressors
VC120605D150DP AVX-VC120605D150DP Datasheet
518Kb / 10P
   AVX Multilayer Ceramic Transient Voltage Suppressors
VCH4AG100R8MATWA AVX-VCH4AG100R8MATWA Datasheet
235Kb / 2P
   AVX Multilayer Ceramic Transient Voltage Suppressors
VC080518C400DP AVX-VC080518C400DP Datasheet
206Kb / 10P
   AVX Multilayer Ceramic Transient Voltage Suppressors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com