Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LF2242 Datasheet(PDF) 5 Page - LOGIC Devices Incorporated

Part # LF2242
Description  12/16-bit Half-Band Interpolating/ Decimating Digital Filter
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LODEV [LOGIC Devices Incorporated]
Direct Link  http://www.logicdevices.com
Logo LODEV - LOGIC Devices Incorporated

LF2242 Datasheet(HTML) 5 Page - LOGIC Devices Incorporated

  LF2242 Datasheet HTML 1Page - LOGIC Devices Incorporated LF2242 Datasheet HTML 2Page - LOGIC Devices Incorporated LF2242 Datasheet HTML 3Page - LOGIC Devices Incorporated LF2242 Datasheet HTML 4Page - LOGIC Devices Incorporated LF2242 Datasheet HTML 5Page - LOGIC Devices Incorporated LF2242 Datasheet HTML 6Page - LOGIC Devices Incorporated LF2242 Datasheet HTML 7Page - LOGIC Devices Incorporated LF2242 Datasheet HTML 8Page - LOGIC Devices Incorporated  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
DEVICES INCORPORATED
LF2242
12/16-bit Half-Band Interpolating/
Decimating Digital Filter
Video Imaging Products
5
08/16/2000–LDS.2242-K
LF2242–
33
25
Symbol
Parameter
Min
Max
Min
Max
tCYC
Cycle Time
33
25
tPW
Clock Pulse Width
10
10
tS
Input Setup Time
10
8
tH
Input Hold Time
0
0
tD
Output Delay
20
16
tDIS
Three-State Output Disable Delay (Note 11)
15
15
tENA
Three-State Output Enable Delay (Note 11)
15
15
SWITCHING CHARACTERISTICS
COMMERCIAL OPERATING RANGE (0°C to +70°C) Notes 9, 10 (ns)
SWITCHING WAVEFORMS:PASS-THROUGH MODE (INT = DEC)
CLK
tDIS
SI11-0
SO15-0
OE
N
tS
tPW
12
3
7
SYNC
N+1
N+2
tH
89
10
HIGH IMPEDANCE
tENA
tD
f(N)f(N+1)f(N+2)
tPW


Similar Part No. - LF2242

ManufacturerPart #DatasheetDescription
logo
LOGIC Devices Incorpora...
LF2246 LODEV-LF2246 Datasheet
248Kb / 7P
   11 x 10-bit Image Filter
LF2246QC15 LODEV-LF2246QC15 Datasheet
248Kb / 7P
   11 x 10-bit Image Filter
LF2246QC25 LODEV-LF2246QC25 Datasheet
248Kb / 7P
   11 x 10-bit Image Filter
LF2247 LODEV-LF2247 Datasheet
259Kb / 10P
   Image Filter with Coefficient RAM
LF2247JC15 LODEV-LF2247JC15 Datasheet
259Kb / 10P
   Image Filter with Coefficient RAM
More results

Similar Description - LF2242

ManufacturerPart #DatasheetDescription
logo
Cadeka Microcircuits LL...
TMC2242A CADEKA-TMC2242A Datasheet
190Kb / 16P
   Digital Half-Band Interpolating/Decimating Filter 12-bit In/16-bit Out, 60 MHz
logo
Fairchild Semiconductor
TMC2242C FAIRCHILD-TMC2242C Datasheet
236Kb / 13P
   Digital Half-Band Interpolating/Decimating Filter 12-bit In/16-bit Out, 60 MHz
TMC2242A FAIRCHILD-TMC2242A Datasheet
86Kb / 16P
   Digital Half-Band Interpolating/Decimating Filter 12-bit In/16-bit Out, 60 MHz
logo
List of Unclassifed Man...
GF9102ACPM ETC-GF9102ACPM Datasheet
300Kb / 11P
   Decimating/Interpolating Digital Filter
logo
Intersil Corporation
HSP43220 INTERSIL-HSP43220_04 Datasheet
800Kb / 18P
   Decimating Digital Filter
HSP43220883 INTERSIL-HSP43220883 Datasheet
204Kb / 7P
   Decimating Digital Filter
HSP43220 INTERSIL-HSP43220 Datasheet
634Kb / 21P
   Decimating Digital Filter
logo
Renesas Technology Corp
HSP43220 RENESAS-HSP43220 Datasheet
1Mb / 21P
   Decimating Digital Filter
Oct 10, 2008
logo
Fujitsu Component Limit...
MB86060 FUJITSU-MB86060 Datasheet
105Kb / 6P
   16-Bit Interpolating Digital to Analog Converter
logo
Intersil Corporation
DECIMATE INTERSIL-DECIMATE Datasheet
48Kb / 5P
   Decimating Digital Filter Development Software
May 1999
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com