Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LF2301 Datasheet(PDF) 6 Page - LOGIC Devices Incorporated

Part # LF2301
Description  Image Resampling Sequencer
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LODEV [LOGIC Devices Incorporated]
Direct Link  http://www.logicdevices.com
Logo LODEV - LOGIC Devices Incorporated

LF2301 Datasheet(HTML) 6 Page - LOGIC Devices Incorporated

Back Button LF2301 Datasheet HTML 2Page - LOGIC Devices Incorporated LF2301 Datasheet HTML 3Page - LOGIC Devices Incorporated LF2301 Datasheet HTML 4Page - LOGIC Devices Incorporated LF2301 Datasheet HTML 5Page - LOGIC Devices Incorporated LF2301 Datasheet HTML 6Page - LOGIC Devices Incorporated LF2301 Datasheet HTML 7Page - LOGIC Devices Incorporated LF2301 Datasheet HTML 8Page - LOGIC Devices Incorporated LF2301 Datasheet HTML 9Page - LOGIC Devices Incorporated LF2301 Datasheet HTML 10Page - LOGIC Devices Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
DEVICES INCORPORATED
LF2301
Image Resampling Sequencer
2-6
08/16/2000–LDS.2301-H
Video Imaging Products
ADDR
MSB
FORMAT
LSB
ROW
COLUMN
0000
211
210
29
28
27
26
25
24
23
22
21
20
XMIN
YMIN
0001
211
210
29
28
27
26
25
24
23
22
21
20
XMAX
YMAX
0010
26
25
24
23
22
21
20
2–1
2–2
2–3
2–4
2–5
x0 (LS)
y0 (LS)
0011
ALR
AIN
PIPE
R/C
M1
M0
–212
211
210
29
28
27
Controls, x0 (MS)
Controls, y0 (LS)
0100
2–1
2–2
2–3
2–4
2–5
2–6
2–7
2–8
2–9
2–10
2–11
2–12
dx/du (LS)
dy/du (LS)
0101
TM
F2
F1
F0
–27
26
25
24
23
22
21
20
Controls, dx/du (MS)
Controls, dy/du (MS)
0110
2–1
2–2
2–3
2–4
2–5
2–6
2–7
2–8
2–9
2–10
2–11
2–12
dx/dv (LS)
dy/dv (LS)
0111
K3
K2
K1
K0
–27
26
25
24
23
22
21
20
Kernel, dx/dv (MS)
Kernel, dy/dv (MS)
1000
2–9
2–10
2–11
2–12
2–13
2–14
2–15
2–16
2–17
2–18
2–19
2–20
d2x/dudv (LS)
d2y/dudv (LS)
1001
–23
22
21
20
2–1
2–2
2–3
2–4
2–5
2–6
2–7
2–8
d2x/dudv (MS)
d2y/dudv (MS)
1010
2–9
2–10
2–11
2–12
2–13
2–14
2–15
2–16
2–17
2–18
2–19
2–20
d2x/du2 (LS)
d2y/du2 (LS)
1011
–23
22
21
20
2–1
2–2
2–3
2–4
2–5
2–6
2–7
2–8
d2x/du2 (MS)
d2y/du2 (MS)
1100
2–9
2–10
2–11
2–12
2–13
2–14
2–15
2–16
2–17
2–18
2–19
2–20
d2x/dv2 (LS)
d2y/dv2 (LS)
1101
–23
22
21
20
2–1
2–2
2–3
2–4
2–5
2–6
2–7
2–8
d2x/dv2 (MS)
d2y/dv2 (MS)
1110
211
210
29
28
27
26
25
24
23
22
21
20
UMIN
VMIN
1111
211
210
29
28
27
26
25
24
23
22
21
20
UMAX
VMAX
TABLE 4.
PARAMETER REGISTER FORMATS (ROW OR COLUMN MODE)
Transformation Parameter Register
Loading
The LF2301 allows Transformation
Parameters to be updated on-the-fly.
The loading of these registers is
double-buffered (see Figure 4). Any
or all of the first level registers can
be loaded using P11-0, B3-0, and
WEN without affecting the param-
eters currently in use.
LDR simultaneously updates all
Transformation Parameter Registers.
If Autoload (ALR) is active, these
registers will be updated automati-
cally at the beginning of each new
image. Note that NOOP does not
affect the loading of the Transforma-
tion Parameter Registers.
FIGURE 4. LDR CONTROL FOR PARAMETER UPDATE
4
12
WEN
CLK
B3-0
C15
C14
C13
C2
C1
LDR
C0
PRELOAD
REGISTERS
TRANSFORMATION
PARAMETER
REGISTERS
P11-0


Similar Part No. - LF2301

ManufacturerPart #DatasheetDescription
logo
BELIMO AIRCONTROLS (USA...
LF230-SUS BELIMO-LF230-SUS Datasheet
628Kb / 3P
   On/Off, Spring Return, AC 230 V, Auxiliary Switch
LF230US BELIMO-LF230US Datasheet
503Kb / 3P
   On/Off, Spring Return Fail-Safe, AC 230 V
logo
List of Unclassifed Man...
LF230VD ETC2-LF230VD Datasheet
1Mb / 6P
   PANELITE Enclosure Lights Overview
LF230VM ETC2-LF230VM Datasheet
1Mb / 6P
   PANELITE Enclosure Lights Overview
More results

Similar Description - LF2301

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
TMC2302A FAIRCHILD-TMC2302A Datasheet
188Kb / 36P
   Image Manipulation Sequencer
logo
Renesas Technology Corp
SLG7NT4503V RENESAS-SLG7NT4503V Datasheet
1Mb / 13P
   SEQUENCER
February 25, 2022
logo
Texas Instruments
LM3881 TI1-LM3881_14 Datasheet
790Kb / 17P
[Old version datasheet]   Power Sequencer
logo
Intersil Corporation
HSP45240 INTERSIL-HSP45240_99 Datasheet
227Kb / 6P
   Address Sequencer
logo
National Semiconductor ...
LM3880 NSC-LM3880_08 Datasheet
283Kb / 12P
   Power Sequencer
logo
Intersil Corporation
HSP45240 INTERSIL-HSP45240 Datasheet
141Kb / 6P
   Address Sequencer
logo
Seiko Instruments Inc
S-77100 SII-S-77100 Datasheet
4Mb / 40P
   POWER SEQUENCER
logo
National Semiconductor ...
LM3881 NSC-LM3881 Datasheet
243Kb / 14P
   Power Sequencer
LM3880 NSC-LM3880 Datasheet
611Kb / 20P
   Power Sequencer
logo
Texas Instruments
LM3880 TI1-LM3880_14 Datasheet
844Kb / 20P
[Old version datasheet]   Power Sequencer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com