Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

V26MLA0805L Datasheet(PDF) 11 Page - Littelfuse

Part # V26MLA0805L
Description  Multilayer Transient Voltage Surge Suppressors
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

V26MLA0805L Datasheet(HTML) 11 Page - Littelfuse

Back Button V26MLA0805L Datasheet HTML 3Page - Littelfuse V26MLA0805L Datasheet HTML 4Page - Littelfuse V26MLA0805L Datasheet HTML 5Page - Littelfuse V26MLA0805L Datasheet HTML 6Page - Littelfuse V26MLA0805L Datasheet HTML 7Page - Littelfuse V26MLA0805L Datasheet HTML 8Page - Littelfuse V26MLA0805L Datasheet HTML 9Page - Littelfuse V26MLA0805L Datasheet HTML 10Page - Littelfuse V26MLA0805L Datasheet HTML 11Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
Multilayer Transient Voltage Surge Suppressors
ML Varistor Series
Surface Mount Varistors
150
www .littelfuse .com
Tape and Reel Specifications
• Conforms to EIA - 481-1, Revision A
• Can be supplied to IEC Publication 286 - 3
SYMBOL
DESCRIPTION
DIMENSIONS IN MILLIMETERS
A0
Width of Cavity
Dependent on Chip Size to Minimize Rotation.
B0
Length of Cavity
Dependent on Chip Size to Minimize Rotation.
K0
Depth of Cavity
Dependent on Chip Size to Minimize Rotation.
W
Width of Tape
8
±0.2
F
Distance Between Drive Hole Centers and Cavity Centers
3.5
±0.05
E
Distance Between Drive Hole Centers and Tape Edge
1.75
±0.1
P1
Distance Between Cavity Centers
4
±0.1
P2
Axial Drive Distance Between Drive Hole Centers & Cavity Centers
2
±0.1
P0
Axial Drive Distance Between Drive Hole Centers
4
±0.1
D0
Drive Hole Diameter
1.55
±0.05
D1
Diameter of Cavity Piercing
1.05
±0.05
T1
0.1 Max
Top Tape Thickness
0402 Size
0603, 0805, 1206 & 1210 Sizes
2
±0.05
N/A
K0
t1
D0
P0
D1
P1
A0
P2
B0
F
E
W
PLASTIC CARRIER TAPE
EMBOSSMENT
TOP TAPE
8mm
NOMINAL
PRODUCT
IDENTIFYING
LABEL
178mm
OR 330mm
DIA. REEL
EMBOSSED PAPER (0402 SIZE ONLY)
Next
Previous


Similar Part No. - V26MLA0805L

ManufacturerPart #DatasheetDescription
logo
Littelfuse
V26MLA0805LN LITTELFUSE-V26MLA0805LN Datasheet
265Kb / 8P
   Surface Mount Multilayer Varistors
V26MLA0805LN LITTELFUSE-V26MLA0805LN Datasheet
969Kb / 8P
   Varistor Products Surface Mount Multilayer Varistors (MLVs) > MLA Series
V26MLA0805LN LITTELFUSE-V26MLA0805LN Datasheet
969Kb / 8P
   Surface Mount Multilayer Varistors (MLVs) MLA Series
V26MLA0805LN LITTELFUSE-V26MLA0805LN Datasheet
678Kb / 8P
   Surface Mount Multilayer Varistors (MLVs)
V26MLA0805LN LITTELFUSE-V26MLA0805LN Datasheet
969Kb / 8P
   Surface Mount Multilayer Varistors (MLVs) > MLA Series
More results

Similar Description - V26MLA0805L

ManufacturerPart #DatasheetDescription
logo
EPCOS
B72510T5250K062 EPCOS-B72510T5250K062 Datasheet
3Mb / 72P
   Ceramic transient voltage suppressors SMD multilayer transient voltage suppressors
B72580V0110K062 EPCOS-B72580V0110K062_12 Datasheet
2Mb / 82P
   Ceramic transient voltage suppressors SMD multilayer transient voltage suppressors
logo
Littelfuse
AUML LITTELFUSE-AUML Datasheet
431Kb / 9P
   Multilayer Transient Voltage Surge Suppressor
V18AUMLA1206 LITTELFUSE-V18AUMLA1206_06 Datasheet
1Mb / 9P
   Multilayer Transient Voltage Surge Suppressor
logo
AVX Corporation
VC120630D650DP AVX-VC120630D650DP Datasheet
502Kb / 10P
   AVX Multilayer Ceramic Transient Voltage Suppressors
VC120631M650RP AVX-VC120631M650RP Datasheet
502Kb / 10P
   AVX Multilayer Ceramic Transient Voltage Suppressors
VC120605D150RP AVX-VC120605D150RP Datasheet
418Kb / 10P
   AVX Multilayer Ceramic Transient Voltage Suppressors
VC120605D150DP AVX-VC120605D150DP Datasheet
518Kb / 10P
   AVX Multilayer Ceramic Transient Voltage Suppressors
VCH4AG100R8MATWA AVX-VCH4AG100R8MATWA Datasheet
235Kb / 2P
   AVX Multilayer Ceramic Transient Voltage Suppressors
VC080518C400DP AVX-VC080518C400DP Datasheet
206Kb / 10P
   AVX Multilayer Ceramic Transient Voltage Suppressors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com